Part Number Hot Search : 
2CL73T SMBJ22CA SMBFJ15A SMBFJ15A MC10E175 C1741A Z9S5X C4074G
Product Description
Full Text Search
 

To Download IRLI530NPBF Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  
  
   s d g       ?     

   

    
    
 
 

 !"#
  #

 
$% 
 

&'((  )* 
 
!    ) to-220 fullp ak   

   

      

  
   

   
       

 !"
 ""
#$  %$ %     %  

 !"
 ""
#$  %$ &    ' ()!"
 ""
   '      '*"!  + 
% , -
"!"
./ "  ,  $  0  1 " $( . 2% $ 3  1
.(' (4(
53
".6  %    4(
5 ""
 7  3  + 44(
53
".6  %  )4) '8! ) 4"6)4)    $
   9+"
.


)  :%  
 1 ".+" "
. 1()"
.+" "#;"% 
) <%;" =  >

. "? #"> "* %(;@
<%%a@= 
    
, 
   
  
    
      !   "    # $ % &       '   (
) (  % 
 %  !    !!     !   *% +,  % -%
)     ! %  # $ 
    (  
    %    $ 
   '   ,&../  -      
    ! %   &       '    !       !    (  $   %     ( %  (  #    -'      "    !  0//     (  %   ,&../  '    -        -  !   !   ($   ! %
# !' www.irf.com 1

2 www.irf.com  


      $  !"
 1 " b"8)*
$( . %   $ $  $#  c ?    ?   b"8)*
$( .+;; 
 %  $  ;"
  #  %    % $  %$#  7    % ? $  $#  7    % $  $#  &  $   0 5"5()$( . %   $ $  $  #  c .  /"*")"
 
) 
    1 $  $#  7     c $  %$#$  $    $  &$#$  $#  %  0  1 " /"*")-8.   %
 $  %$ 0  1 " 4"-8.   % $  %$ d   (0 5".      7 d  0  1 " 5".   &
 $  &$ d  0  !"
 (("e=5".    $  $#1/ .
)%     "
9
!(6     $  $       
   7    "
9;;!(6        ?, $  $  /((        ?, 1/ .%  b *
()# <
= ;"+ 8. 
) 
";)  
   
+ + 
  &  $  $   9 + + 
  %  $  $   4""
;"+ 
  7  f%>gh#1/ .   !"
 1
8+ 
  %  f%>gh    

   
 

 ! "#     !"
 1 " -8. ""
s d g -  
"
(!"

) 
    -  
"
(1 " 
) 
       1  !"
 1 " 9
  

g +/ s d g   + 4"
.i+ (* ) 5(  )6  jk

 +" "<1; .%%=  1 "
.   #-%g    ? #  7<1/ . "%=  #fgh  i sd 7#) )  c#$  $  #   %   uses irl530n data and test conditions  ' (* ) 5 ci) 6 6 ( l  


        

 1 "  ""
>91/36( . 5   ' ()1 "  ""

."("4" k

) ) $  ! )/"*")$( .   % $    #  #$  $   4" 4"6   % %
    #  7 d  4" 4"65".   %%
 ) ) %c    /"*") "
9
  
"
  "

  
.( . (< "

 )
 )6-  :-  = $%   
 " 

 % 

www.irf.com 3  
          !     !     "    0.1 1 10 100 0.1 1 10 10 0 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds a 20s pulse width t = 25c j vgs top 15v 12v 10v 8.0v 6.0v 4.0v 3.0v bottom 2.5v 2.5v 0.1 1 10 100 0.1 1 10 10 0 i , drain-to-source current (a) d v , drain-to-source voltage (v) ds a 20s pulse width t = 175c vgs top 15v 12v 10v 8.0v 6.0v 4.0v 3.0v bottom 2.5v 2.5v j 0.1 1 10 100 2345678910 t = 25c j gs v , gate-to-source voltage (v) d i , drain-to-source current (a) v = 50v 20s pulse width t = 175c j a ds 0.0 0.5 1.0 1.5 2.0 2.5 3.0 -60 -40 -20 0 20 40 60 80 100 120 140 160 180 j t , junction temperature (c) r , drain-to-source on resistance ds(on) (normalized) v = 10v gs a i = 15a d

4 www.irf.com 
  #  $ # 
%
 
 $   & '  % " $(          
%
 
 $    %
  
 )
* 
 $ 0 200 400 600 800 1000 1200 1400 1 10 100 c, capacitance (pf) ds v , drain-to-source voltage (v) a v = 0v, f = 1mhz c = c + c , c shorted c = c c = c + c gs iss gs gd ds rss gd oss ds gd c iss c oss c rss 0 3 6 9 12 15 0 1020304050 q , total gate charge (nc) g v , gate-to-source voltage (v) gs v = 80v v = 50v v = 20v ds ds ds a for test circuit see figure 13 i = 9.0a d 1 10 100 0.4 0.6 0.8 1.0 1.2 1. 4 t = 25c j v = 0v gs v , source-to-drain voltage (v) i , reverse drain current (a) sd sd a t = 175c j 1 10 100 1000 1 10 100 100 0 v , drain-to-source voltage (v) ds i , drain current (a) operation in this area limited by r d ds(on) 10s 100s 1ms 10ms a t = 25c t = 175c single pulse c j

www.irf.com 5  %* $   v ds 9 0% 1 0% v gs t d(on) t r t d(off) t f  %* $ + ,"
 $   1   ! 0.1 %   $    !m $ + - $   & '  -"",   .  !/

   & '          0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 notes: 1. duty factor d = t / t 2. peak t = p x z + t 1 2 j dm thjc c p t t dm 1 2 t , rectangular pulse duration (sec) thermal response (z ) 1 thjc 0.01 0.02 0.05 0.10 0.20 d = 0.50 single pulse (thermal response) 25 50 75 100 125 150 175 0 3 6 9 12 t , case temperature ( c) i , drain current (a) c d

6 www.irf.com q g q gs q gd v g charge d.u.t. v d s i d i g 3ma v gs .3 f 50k ? .2 f 12v current regulator same type as d.u.t. current sampling resistors + - 0   #  $    1 #  $+ ,"
 & '  (,   - $     2 .,+ ,"
  2 .,  t p v (br)dss i as r g i as 0.01 ? t p d.u.t l v ds + - v dd driver a 15v 10v 0 50 100 150 200 250 300 350 25 50 75 100 125 150 17 5 j e , single pulse avalanche energy (mj) as a starting t , junction temperature (c) v = 25v i top 3.7a 6.4a bottom 9.0a dd d

www.irf.com 7 p.w. period di/dt diode recovery dv/dt ripple 5% body diode forward drop r e-applied v oltage reverse recovery current body diode forward current v gs =10v v dd i sd driver gate drive d.u.t. i sd waveform d.u.t. v ds waveform inductor curent d = p. w . period + - + + + - - -  )
  3-4)-% 5 $  $;"-. -4(!4   
            $  ? )4)  
"(()6  ? !" 4" 6+!m ?    
"(()6! 6/ "e!e ? !m!4 m
)" 

 " -6 
 )" 
 ? -*1 "6
) 
  ? 0"
)'(
  ? -*-8.
) 
  ""
" 
;""  5

8 www.irf.com data and specifications subject to change without notice. ir world headquarters: 233 kansas st., el segundo, california 90245, usa tel: (310) 252-7105 tac fax: (310) 252-7903 visit us at www.irf.com for sales contact information . 07/04 to-220 full-pak part marking information with assembly example: this is an irfi840g lot code 3432 assembled on ww 24 1999 in the assembly line "k" part number lot code assembly int e r nat ional r e ct if ie r logo 34 32 924k irf i840g dat e code year 9 = 1999 week 24 line k note: "p" in assembly line position indicates "lead-free" to-220 full-pak package outline dimensions are shown in millimeters (inches)
note: for the most current drawings please refer to the ir website at: http://www.irf.com/package/


▲Up To Search▲   

 
Price & Availability of IRLI530NPBF

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X