Part Number Hot Search : 
BAS70W FM106 5960A SKR130 21020 SMA51 CPD96V LC75824W
Product Description
Full Text Search
 

To Download HDA1040S-G-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  absolute maximum ratings parameter symbol min max unit supply voltage v cc -0.5 5.0 v current of backlight i b operating temperature t op -30 +80 storage temperature t stg electrical characteristics (vdd=3.30.125v 25c) parameter sym condition min typ max unit operating voltage v dd - input dif. voltage (lvds) v id input com. mode volt. v cm wled power consumption p 2 physical data module size....................................243.0w x185.6h x7.3t mm active area size......................................211.2 w x158.0 h mm dot pitch..................................................0.264w x 0.264h mm weight.................................................................................tbd pin connections pin no. symbol function dimensional drawing 10.4?, svga (800 x600) , led driver vdd gnd 3.3v power supply hda1040s-g absolute maximum ratings features viewing angle(h/vl)........................................140/110 degrees high contrast....................................................................500:1 fast response time(r/f)............................................20 msec built-in led driver.................................................................... features - operating current i dd brightness l 400 500 - cd/m c (tft) -20 +70 c 100 - 600 mv - - 1.40 v v = 3.3v - tbd - ma - tbd - w 3.0 3.3 3.6 v dd 5 rxin0 - h/l lvds (-) - chanel 0 2 vdd - +3.3v power supply 1 vdd - +3.3v power supply 18 nc - no connection 4 gnd - ground 800x600 opeating current (led) i - - tbd - ma power supply (led) v - - 12 - v 7 gnd - ground 6 rxin0+ h/l lvds(+)-chanel0 9 rxin1+ h/l lvds(+)-chanel1 8 rxin1 - h/l lvds (-) - chanel 1 11 rxin2 - h/l lvds (-) - chanel 2 10 gnd - ground 13 gnd - ground 16 gnd - ground 17 nc - no connection led lvds interface logic............................................................... 3 gnd - ground touch screen ..............................................................optional 12v -tbdma 19 nc - no connection 20 nc - no connection 12 rxin2 + h/l lvds (+) - chanel 2 14 rxclkin - h/l lvd s(-)-clock 15 rxclkin - h/l lvd s(-)-clock vcc pin connections (backlight) pin no. symbol function 1 vcc - +12v power supply 5 gnd - ground 2 gnd - ground 3 on/off h/l - backlight on/off 4 dimming - brightness adjustment input
dimensional drawing hda1040s-g 10.4?, svga (800 x600) , led driver


▲Up To Search▲   

 
Price & Availability of HDA1040S-G-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X