Part Number Hot Search : 
SMZ47 2030C R2060 AMR2812D 1N2459 01545 YNF16 MAX201
Product Description
Full Text Search
 

To Download ESD5V0S5US Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2011-06-17 1 esd5v0sxus multi-channel tvs diode array ? esd / transient protection of data and power lines in 3.3 v / 5 v application according to: iec61000-4-2 (esd): 30 kv (contact) iec61000-4-4 (eft): 80 a (5/50 ns) iec61000-4-5 (surge): 10 a (8/20 s) ? working voltage: 5 v (5.3 v max.) ? low clamping voltage ? low reverse current < 5 a ? pb-free (rohs compliant) package applications ? uni or bi-directional operation possible (see application example page 5) ? mobile communication ? consumer products (stb, mp3, dvd, dsc...) ? lcd displays, camera ? notebooks and desktop computers, peripherals ESD5V0S5US e6727 180 rotated in reel ESD5V0S5US esd5v0s4us 1 23 4 5 6 1 23 4 5 6 1 23 4 5 6 type package configuration marking esd5v0s4us ESD5V0S5US esd5v3s5us e6727* sot363 sot363 sot363 4 lines, uni-directional 5 lines, uni-directional 5 lines, uni-directional e4s e5s on request * preliminary data
2011-06-17 2 esd5v0sxus maximum ratings at t a = 25c, unless otherwise specified parameter symbol value unit esd contact discharge per diode 1) v esd 30 kv peak pulse current ( t p = 8 / 20 s) per diode 2) i pp 10 a peak pulse power ( t p = 8 / 20 s) per diode p p k 130 w operating temperature range t o p -55...125 c storage temperature t st g -65...150 electrical characteristics at t a = 25c, unless otherwise specified parameter symbol values unit min. typ. max. characteristics - reverse working voltage v rwm - 5 5.3 v breakdown voltage i (br) = 1 ma v (br) 5.7 6.7 7.7 reverse current v r = 3.3 v v r = 5 v i r - - - - 1 5 a clamping voltage (positive transients) i pp = 1 a, t p = 8/20 s 2) i pp = 10 a, t p = 8/20 s 2) v cl - - 7 10.5 9 13 v forward clamping voltage (negative transients) i pp = 1 a, t p = 8/20 s 2) i pp = 10 a, t p = 8/20 s 2) v fc - - 1 3.5 3 6 diode capacitance v r = 0 v, f = 1 mhz v r = 5 v, f = 1 mhz c t - - 70 35 90 55 pf 1 v esd according to iec61000-4-2 2 i pp according to iec61000-4-5
2011-06-17 3 esd5v0sxus power derating curve p pk = ? ( t a ) 0 25 50 75 100 c 150 t a 0 10 20 30 40 50 60 70 80 90 % 110 p pk or i pp clamping voltage , v cl = ? ( i pp ) t p = 8 / 20 s (positive transients) 0 1 2 3 4 5 6 7 8 a 10 i pp 0 1 2 3 4 5 6 7 8 9 10 11 v 13 v cl forward clamping voltage v fc = ? ( i pp ) t p = 8 / 20 s (negative transients) 0 1 2 3 4 5 6 7 8 a 10 i pp 0 1 2 3 4 5 6 7 8 9 10 11 v 13 v fc reverse current i r = ? ( v r ) t a = parameter 0 1 2 3 v 5 v r -11 10 -10 10 -9 10 -8 10 -7 10 -6 10 a i r ta = 125c 85c 25c
2011-06-17 4 esd5v0sxus normalized reverse voltage v br ( t a )/ v br (25c)= ? ( t a ) i r = 1 ma -50 -25 0 25 50 75 100 c 150 t a 0.95 0.96 0.97 0.98 0.99 1 1.01 1.02 1.03 1.04 1.06 v br (ta)/ v br (25c) diode capacitance c t = ? (v r ) f = 1mhz 0 1 2 3 v 5 v r 20 30 40 50 60 70 pf 90 c t
2011-06-17 5 esd5v0sxus application example ESD5V0S5US 5 channels, uni-directional esd sensitive device i/o i/o i/o i/o i/o the protection diode should be placed very close to the location where the esd or other transients can occur to keep loops and inductances as small as possible. pin 5 should be connected directly to a ground plane on the board. 3 1 4 2 6 5 5 protected signal lines, level 0 ... +5.3v connector application example ESD5V0S5US 4 channels, bi-directional for bi-directional protection pin 2 (or any other pin except pin 5) should be connected directly to a ground plane on the board. pin 5 is not connected. total clamping voltage is the sum of v cl + v fc (see table on page 2). esd sensitive device i/o i/o i/o i/o 3 1 4 2 6 5 4 protected signal lines, level -5.3v ... +5.3v connector application example esd5v0s4us 4 channels, uni-directional 3 1 4 2 6 5 pin 2 and pin 5 should be connected directly to a ground plane on the board. esd sensitive device i/o i/o i/o i/o connector 4 protected signal lines, level 0 ? +5.3v
2011-06-17 6 esd5v0sxus p ackage sot363 package outline foot print marking layout (example) standard packing reel ?180 mm = 3.000 pieces/reel reel ?330 mm = 10.000 pieces/reel for symmetric types no defined pin 1 orientation in reel. small variations in positioning of date code, type code and manufacture are possible. manufacturer 2005, june date code (year/month) bcr108s type code pin 1 marking laser marking 0.3 0.7 0.9 0.65 0.65 1.6 0.2 4 2.15 1.1 8 2.3 pin 1 marking +0.1 0.2 1 6 23 5 4 0.2 2 +0.1 -0.05 0.15 0.1 1.25 0.1 max. 0.9 0.1 a -0.05 6x 0.1 m 0.65 0.65 2.1 0.1 0.1 0.1 min. m 0.2 a pin 1 marking
2011-06-17 7 esd5v0sxus edition 2009-11-16 published by infineon technologies ag 81726 munich, germany ? 2009 infineon technologies ag all rights reserved. legal disclaimer the information given in this document shall in no event be regarded as a guarantee of conditions or characteristics. with respect to any examples or hints given herein, any typical values stated herein and/or any information regarding the application of the device, infineon technologies hereby disclaims any and all warranties and liabilities of any kind, including without limitation, warranties of non-infringement of intellectual property rights of any third party. information for further information on technology, delivery terms and conditions and prices, please contact the nearest infineon technologies office ( ). warnings due to technical requirements, components may contain dangerous substances. for information on the types in question, please contact the nearest infineon technologies office. infineon technologies components may be used in life-support devices or systems only with the express written approval of infineon technologies, if a failure of such components can reasonably be expected to cause the failure of that life-support device or system or to affect the safety or effectiveness of that device or system. life support devices or systems are intended to be implanted in the human body or to support and/or maintain and sustain and/or protect human life. if they fail, it is reasonable to assume that the health of the user or other persons may be endangered.


▲Up To Search▲   

 
Price & Availability of ESD5V0S5US

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X