Part Number Hot Search : 
LM6066 MA4P160 5369B UC3842A POWER GJ3303 7612BMSD B3540
Product Description
Full Text Search
 

To Download DTC143ZCAT116 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc143zca npn 100ma 50v digital transistors (bias resistor bu ilt-in transistors) datasheet ll outline parameter value sot-23 v cc 50v i c(max.) 100ma r 1 4.7k r 2 47k (sst3) ll features ll inner circuit 1) built-in biasing resistors 2) built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors (see inner circuit) . 3) the bias resistors consist of thin-film resistor s with complete isolation to allow negative biasing of the input. they also have the advantage of completely eliminating parasitic effects. 4) only the on/off conditions need to be set for operation, making the circuit design easy. 5) complementary pnp types: dta143zca ll application inverter,interface,driver ll packaging specifications part no. package package size taping code reel size (mm) tape width (mm) basic ordering unit.(pcs) marking dtc143zca sot-23 (sst3) 2924 t116 180 8 3000 e23 www.rohm.com ? 2015 rohm co., ltd. all rights reserved. 1/5 20150807 - rev.001 downloaded from: http:///
dtc143zca d atasheet ll absolute maximum ratings (t a = 25c) parameter symbol values unit supply voltage v cc 50 v input voltage v in -5 to 30 v output current i o 100 ma collector current i c(max) *1 100 ma power dissipation p d *2 200 mw p d *3 350 mw junction temperature t j 150 range of storage temperature t stg -55 to +150 ll electrical characteristics (t a = 25c) parameter symbol conditions values unit min. typ. max. input voltage v i(off) v cc = 5v, i o = 100a - - 0.5 v v i(on) v o = 0.3v, i o = 5ma 1.3 - - output voltage v o(on) i o / i i = 5ma / 0.25ma - 100 300 mv input current i i v i = 5v - - 1.8 ma output current i o(off) v cc = 50v, v i = 0v - - 500 na dc current gain g i v o = 5v, i o = 10ma 80 - - - input resistance r 1 - 3.29 4.7 6.11 k resistance ratio r 2 /r 1 - 8 10 12 - transition frequency f t *1 v ce = 10v, i e = -5ma, f = 100mhz - 250 - mhz *1 characteristics of built-in transistor. *2 each terminal mounted on a reference land. *3 mounted on a ceramic board(7.05.00.6mm). www.rohm.com ? 2015 rohm co., ltd. all rights reserved. 2/5 20150807 - rev.001 downloaded from: http:///
dtc143zca datasheet ll electrical characteristic curves (t a =25c) fig.1 input voltage vs. output current (on characteristics) fig.2 output current vs. input voltage (off characteristics) fig.3 output current vs. output voltage fig.4 dc cur rent gain vs. output current www.rohm.com ? 2015 rohm co., ltd. all rights reserved. 3/5 20150807 - rev.001 downloaded from: http:///
dtc143zca datasheet ll electrical characteristic curves (t a =25c) fig.5 output voltage vs. output current www.rohm.com ? 2015 rohm co., ltd. all rights reserved. 4/5 20150807 - rev.001 downloaded from: http:///
dtc143zca datasheet ll d imensions www. rohm.com ? 2015 rohm co., ltd. all rights reserved. 5/5 20150807 - rev.001 downloaded from: http:///
notice-p ga -e rev.003 ? 201 5 rohm co., ltd. all rights reserved. notice precaution on using rohm products 1. our products are designed and manufactured for application in ordinary electronic equipments (such as av equipment, oa equipment, telecommunication equipment, home electronic appliances, amusement equipment, etc.). if you intend to use our products in devices requiring extremely h igh reliability (such as medical equipment (note 1) , transport equipment, traffic equipment, aircraft/spacecraft, nuclear powe r controllers, fuel controllers, car equipment including car accessories, safety devices, etc.) and whose malfunction or failure may cause loss of human life, bodily injury or serious damage to property ( specific applications ), please consult with the rohm sales representative in adv ance. unless otherwise agreed in writing by rohm in advance, rohm s hall not be in any way responsible or liable for any damages, expenses or losses incurred by you or third parties arisin g from the use of any rohm s products for specific applications. (note1) medical equipment classification of the specific appl ications japan usa eu china class  class  class  b class  class ? class  2. rohm designs and manufactures its products subject to stri ct quality control system. however, semiconductor products can fail or malfunction at a certain rate. please be sure to implement, at your own responsibilities, adequ ate safety measures including but not limited to fail-safe desig n against the physical injury, damage to any property, whic h a failure or malfunction of our products may cause. the followi ng are examples of safety measures: [a] installation of protection circuits or other protective devic es to improve system safety [b] installation of redundant circuits to reduce the impact of single or multiple circuit failure 3. our products are designed and manufactured for use under standard conditions and not under any special or extraordinary environments or conditions, as exemplified be low. accordingly, rohm shall not be in any way responsible or liable for any damages, expenses or losses arising from th e use of any rohms products under any special or extraordinary environments or conditions. if yo u intend to use our products under any special or extraordinary environments or conditions (as exemplified belo w), your independent verification and confirmation of product performance, reliability, etc, prior to use, must be n ecessary: [a] use of our products in any types of liquid, including water, oils, chemicals, and organi c solvents [b] use of our products outdoors or in places where the products are exposed to direct sunlight or dust [c] use of our products in places where the products are e xposed to sea wind or corrosive gases, including cl 2 , h 2 s, nh 3 , so 2 , and no 2 [d] use of our products in places where the products are exposed t o static electricity or electromagnetic waves [e] use of our products in proximity to heat-producing component s, plastic cords, or other flammable items [f] sealing or coating our products with resin or other coating materials [g] use of our products without cleaning residue of flux (even if you use no-clean type fluxes, cleaning residue of flux is recommended); or washing our products by using water or water-soluble cleaning agents for cleaning residue after soldering [h] use of the products in places subject to dew condensation 4. the products are not subject to radiation-proof design. 5. please verify and confirm characteristics of the final or mou nted products in using the products. 6 . in particular, if a transient load (a large amount of load appl ied in a short period of time, such as pulse. is applied, confirmation of performance characteristics after on-board mou nting is strongly recommended. avoid applying power exceeding normal rated power; exceeding the power rating u nder steady-state loading condition may negatively affec t product performance and reliability. 7 . de -rate power dissipation depending on ambient temperature. wh en used in sealed area, confirm that it is the use in the range that does not exceed the maximum junction temperature. 8 . confirm that operation temperature is within the specified range desc ribed in the product specification. 9 . rohm shall not be in any way responsible or liable for failure induced under deviant condition from what is defined in this document. precaution for mounting / circuit board design 1. when a highly active halogenous (chlorine, bromine, etc .) flux is used, the residue of flux may negatively affect prod uct performance and reliability. 2. in principle, the reflow soldering method must be used on a surface-mount products, the flow soldering method mus t be used on a through hole mount products. i f the flow soldering method is preferred on a surface-mount p roducts , please consult with the rohm representative in advance. for details, please refer to rohm mounting specification downloaded from: http:///
notice-p ga -e rev.003 ? 201 5 rohm co., ltd. all rights reserved. precautions regarding application examples and external circuits 1. if change is made to the constant of an external circuit, p lease allow a sufficient margin considering variations o f the characteristics of the products and external components, inc luding transient characteristics, as well as static characteristics. 2. you agree that application notes, reference designs, and a ssociated data and information contained in this docum ent are presented only as guidance for products use. therefore, i n case you use such information, you are solely responsible for it and you must exercise your own independ ent verification and judgment in the use of such information contained in this document. rohm shall not be in any way respon sible or liable for any damages, expenses or losses incurred by you or third parties arising from the use of such informat ion. precaution for electrostatic this product is electrostatic sensitive product, which may be damaged due to electrostatic discharge. please take pr oper caution in your manufacturing process and storage so t hat voltage exceeding the products maximum rating will not be applied to products. please take special care under dry co ndition (e.g. grounding of human body / equipment / solder iro n, isolation from charged objects, setting of ionizer, friction prevention and temperature / humidity control). precaution for storage / transportation 1. product performance and soldered connections may deteriorate i f the products are stored in the places where: [a] the products are exposed to sea winds or corrosive gases, in cluding cl2, h2s, nh3, so2, and no2 [b] the temperature or humidity exceeds those recommended by rohm [c] the products are exposed to direct sunshine or condensation [d] the products are exposed to high electrostatic 2. even under rohm recommended storage condition, solderabil ity of products out of recommended storage time period may be degraded. it is strongly recommended to confirm so lderability before using products of which storage time is exceeding the recommended storage time period. 3. store / transport cartons in the correct direction, which is indi cated on a carton with a symbol. otherwise bent leads may occur due to excessive stress applied when dropping of a c arton. 4. use products within the specified time after opening a humi dity barrier bag. baking is required before using products of which storage time is exceeding the recommended storage tim e period. precaution for product label a two-dimensional barcode printed on rohm products label is f or rohm s internal use only. precaution for disposition when disposing products please dispose them properly usi ng an authorized industry waste company. precaution for foreign exchange and foreign trade act since concerned goods might be fallen under listed items of export control prescribed by foreign exchange and foreign trade act, please consult with rohm in case of export. precaution regarding intellectual property rights 1. all information and data including but not limited to appl ication example contained in this document is for reference only. rohm does not warrant that foregoing information or data will not infringe any intellectual property rights or any other rights of any third party regarding such information or data. 2. rohm shall not have any obligations where the claims, a ctions or demands arising from the combination of the products with other articles such as components, circuits, systems or ex ternal equipment (including software). 3. no license, expressly or implied, is granted hereby under any inte llectual property rights or other rights of rohm or any third parties with respect to the products or the information contai ned in this document. provided, however, that rohm will not assert it s intellectual property rights or other rights against you or you r customers to the extent necessary to manufacture or sell products containing the products, subject to th e terms and conditions herein. other precaution 1. this document may not be reprinted or reproduced, in whole or in part, without prior written consent of rohm. 2. the products may not be disassembled, converted, modified, reproduced or otherwise changed without prior written consent of rohm. 3. in no event shall you use in any way whatsoever the pr oducts and the related technical information contained in the products or this document for any military purposes, includi ng but not limited to, the development of mass-destruction weapons. 4. the proper names of companies or products described in this document are trademarks or registered trademarks of rohm, its affiliated companies or third parties. downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DTC143ZCAT116

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X