Part Number Hot Search : 
TPS54 S9013 2SA16 3129X000 2SC2922 XM1001 KA2822D 77E532A
Product Description
Full Text Search
 

To Download DTC113ZCA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dtc113z c a digital transistors features x epitaxial planar die construction x complementary npn types available x built-in biasing resistors absolute maximum ratings @ 25 : symbol parameter min typ max unit i c collector current --- 100 --- ma v in input voltage -5 --- +10 v p d power dissipation --- 200 --- mw t j junction temperature --- 150 ---  t stg storage temperature -55 --- 150  electrical characteristics @ 25 : symbol parameter min typ max unit v i (o ff ) - - - -- - 0 .3 v v i(on) input voltage (v cc =5v, i o =100 - a) (v o =0.3v, i o = 2 0ma) 3. 0 --- - - - v v o(on) output voltage (i o =10ma,i i =0.5ma) --- --- 0.3 v i i input current (v i =5v) --- --- 7.2 ma i o(off) output current (v cc =50v, v i =0) --- --- 0.5 - a g i dc current gain (v o =5v, i o =5ma) 33 --- --- r 1 input resistance 0.7 1.0 1.3 k ? r 2 /r 1 resistance ratio 8 10 12 f t transition frequency (v c e =10v, i e =5ma, f=100mh) - - - 25 0 - - - mh revision: b 201 3 /01/01 w w w. m c c se m i .c om 1 of 3 x marking : e21 sot-23 suggested solder pad layout inches mm dim min max min max note a .110 .120 2.80 3.04 b .083 . 104 2.10 2.64 c .047 .055 1.20 1.40 d .035 .041 .89 1.03 e .070 .081 1.78 2.05 f .018 .024 .45 .60 g .0005 .0039 .013 .100 h .035 .044 .89 1.12 j .003 .007 .085 .180 k .015 .020 .37 .51 a b c d e f g h j .079 2.000 inches mm .031 .800 .035.900 .037 .950 .037 .950 k 3 1 2 1.in2.gnd dimensions 3.out lead free finish/rohs compliant ("p" suffix designates rohs compliant. see ordering information) epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1  
 omp onents 20736 marilla street chatsworth       
     m cc tm micro commercial components h alogen free available upon request by adding suffix "-hf" downloaded from: http:///
revision: b 201 3 /01/01 w w w. m c c se m i .c om 2 of 3 typical characteristics m cc tm micro commercial components dtc113z c a downloaded from: http:///
m cc revision: b 201 3 /01/01 tm micro commercial components w w w. m c c se m i .c om 3 of 3 o r de r i n g i n f or m a ti on : *** i m p o r t a n t n o t ic e * ** m i c r o c o m m e r c i a l c o m p on e n ts c o r p . r e s e rve s t h e r i g h t t o m a k e c h a n g e s w i t ho u t f u r t h e r no t i c e t o a n y p r o d u c t h e r e i n t o m a k e c o rr e c t i o n s , m o d i f i c a t i o n s , e n h a n c e m e n t s , i m pr o v e m e n t s , o r o t h e r ch a n g e s . m i c r o c o m m e r c i a l c o mp o n e n ts c o r p . d o e s n o t a s s u m e a n y l i a b i l i t y a r i s i n g ou t o f t h e a p p l i c a t i on o r u s e o f a n y p r o d uc t d e sc r i be d h e r e i n ; n e i t h e r d o e s i t c o n v e y a n y li c e n s e un der i t s p a t e n t r i g h t s , n o r t h e r i g h t s o f o t h e r s . t h e u s e r o f pr o d uc t s i n s u c h a p p l i c a t i o n s sh a l l a ss u m e a l l r i s k s o f su c h u s e a n d w ill a g r ee t o h o l d m i c r o c o mm er c i a l c o m p o n e n t s c o r p . a n d a ll t h e c o m p a n i e s w ho s e p r o d u c t s a r e r e p r e s e n t ed o n ou r w e b s i t e , h a r m l e s s a g a i n s t a l l d a m a g e s. * * * l i f e s u p p o r t *** m c c ' s pr o d uc t s a r e n o t a u t h o r iz ed f o r u s e a s c r i t i c a l c o m p o n e n t s i n l i f e s u pp o r t d e v i c e s o r s y s t e m s w i t h ou t t h e e x pre ss wr i tt e n a p p r o v a l o f m i c r o c o mm e r c i a l c o m p o n e n t s c o rp o r a t i o n. * * * c u s t o m e r a w a r e n e ss*** c o un t e r f e i t i n g o f s e m i c o n d u c t o r p a r t s i s a gr o w i n g p r o b l e m i n t h e i n d u s t ry . m i c r o c o mm e r c i a l c o m p o n e n t s ( m cc ) i s t a k i n g s t r o n g m e a su r e s t o p r o t e c t ou r s e l v e s a n d o u r cu s t o m e r s f r o m t h e pr o l i f e r a t i on o f c o u n t e r f e i t p a r t s . m c c s t r o n g l y e nc o u r a g e s c u s t o m e r s t o p u r c h a s e m c c p a r t s e i t h e r d i r e c t l y f r o m m c c o r f r o m a u t ho r i z e d m c c d i s t r i b u t o r s w ho a r e l i s t e d b y c o u n t r y o n o u r w e b p a g e c i t ed below . p r o d uc t s c us t o m e r s b u y e i t h e r f r o m m c c d i r e c t l y o r f r o m a u t ho r i z e d m cc d i s t r i b u t o r s a r e g e n u i n e p a r t s , h a v e f ul l t r a c e a b il i t y , m e e t m c c ' s q u a l i t y s t a n d a r d s f o r h a n d li n g a n d s t o r a g e . m c c wi l l n o t p r o v i d e a n y w a rr a n ty c o v e r a g e o r o t h e r a s s i s t a n c e f o r p a r ts b o u g h t f r o m u n a u t h o r i z e d s o u r c e s. m c c i s c o m m i t t e d t o c o m b a t t h i s g l o b a l pr o b l e m a n d e n c ou r a g e o u r c u s t o m e r s t o d o t h e i r p a r t in s t o p p i n g t h i s p r a c t i c e b y b u y i n g d i r e c t o r f r o m a u t h o r i z ed d i s t r i b u t o r s. d e vi c e p ac k i n g p a r t n u m b e r- t p ta p e &re e l; 3 kp cs / re e l note : adding "-hf" suffix for halogen free, eg. part number-tp-hf downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of DTC113ZCA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X