Part Number Hot Search : 
TZ110B LM134 2SA1787 GBJ15DU TSM1N45 NC403 0402C BCW31
Product Description
Full Text Search
 

To Download DSL12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  dsl16 DSL12 thru dsl110 surface mount schottky barrier rectifier reverse voltage - 20 to 100 volts forward current - 1.0 ampere case :sod-123fl molded plastic body terminals : s olderable per mil-std-750, method 2026 polarity : color band denotes cathode end mounting position : any weight :0.0007 ounce, 0.02 grams features mechanical data maximum ratings and electrical characteristics ratings at 25 c ambient temperature unless otherwise specified. single phase half-wave 60hz,resistive or inductive load,for capacitive load current derate by 20%. the plastic package carries underwriters laboratory flammability classification 94v-0 metal silicon junction,majority carrier conduction low power loss,high efficiency high forward surge current capability high temperature soldering guaranteed: 260 c/10 seconds,0.375 ? (9.5mm) lead length, 5 lbs. (2.3kg) tension DSL12 d12 symbols units dsl110 d110 note: 1.measured at 1mhz and applied reverse voltage of 4.0v d.c. 20 14 20 v rrm v rms v dc i (av) i fsm v f 1.0 25.0 0.5 operating junction temperature range maximum repetitive peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current peak forward surge current 8.3ms single half sine-wave superimposed on rated load maximum instantaneous forward voltage at 1.0a maximum dc reverse current t a =25 c at rated dc blocking voltage t a =100 c typical junction capacitance (note 1) i r 0.5 c j t j t stg 80 storage temperature range dsl13 d13 dsl15 d15 dsl14 d14 d16 dsl18 d18 dsl17 d17 dsl19 d19 30 21 30 40 28 40 50 35 50 60 42 60 80 56 80 100 70 100 70 49 70 90 63 90 pf c ma c -55 to +150 -55 to +150 10.0 5.0 0.45 0.7 110 -55 to +125 r q ja 95 typical thermal resistance (note 2) 2.pcb mounted on 0.2*0.2" (5.0*5.0mm) coppeer pad area. c/w v v v a a v 0.2 dimensions in inches and (millimeters) 1 sod-123fl 1.0  0.2 2.8  0.1 1. 8 0.1 cathode band top view 3.7  0.2 0.6  0.25 1. 0.15 0.10-0.30 mdd catalog number
ratings and characteristic curves DSL12 thru dsl110 1 0.8 0.6 0.4 0.2 0 0 25 50 75 100 125 150 175 0.2 0.4 0.6 0.8 1.0 1.1 fig. 3-typical instantaneous forward characteristics number of cycles at 60 hz fig. 2-maximum non-repetitive peak forward surge current fig. 1- forward current derating curve average forward rectified current, amperes instantaneous forward current,amperes peak forward surge current, amperes instantaneous forward voltage, volts single phase half wave 60hz resistive or inductive load 0.01 0.1 1 20 10 t j =25 c pulse width=300 m s 1%duty cycle 0 20 40 60 80 100 100 10 1 0.1 0.01 0.001 tj=25 c tj=100 c percent of peak reverse voltage,% fig. 4-typical reverse characteristics instantaneous reverse current, milliamperes lead temperature, c dsl17-dsl110 DSL12-dsl16 dsl15-dsl16 DSL12-dsl14 dsl17-dsl110 tj=75 c 0.1 1.0 10 100 reverse voltage,volts fig. 5-typical junction capacitance junction capacitance, pf t j =25 c 10 100 1000 2000 DSL12-dsl14 dsl15-dsl110 30 25 20 15 10 5.0 0 1 10 100 8.3ms single half sine-wave p.c.b mounted on 0.2*0.2"(5.0*5.0mm) copper pad areas the cruve g ra p h is for reference onl y , can't be the basis for j ud g ment ( ? ) !


▲Up To Search▲   

 
Price & Availability of DSL12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X