Part Number Hot Search : 
MX98748 1SMB11 AD1011 B1605 MMA7455L MX98748 GH100 00101
Product Description
Full Text Search
 

To Download CESD5V0D1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.cj-elec.com b,apr,2014 1 sod-123 jiangsu changjiang electronics technology co., ltd sod-123 plastic-encapsulate diodes CESD5V0D1 uni-direction esd protection diode description designed to protect voltage sensitive electronic components from esd and other transients. excellent clam ping capability, low leakage, and fast response time provide best in class protection on designs that are exposed to esd. the combination of small size, high level of esd protection makes them a flexible solution for applications such as hdmi, display port tm, and mddi interfaces. it is designed to replace multiplayer varistors (mlv) in consumer equipments applications such as mobile phone, notebook, pad, stb, lcd tv etc. features ? uni-directional esd protection of one line ? reverse stand ? off voltage: 5v ? low reverse clamping voltage ? low leakage current ? excellent package:2.7mm 1.6mm 1.1mm ? fast response time ? jesd22-a114-b esd rating of class 3b per human body model ? iec 61000-4-2 level 4 esd protection applications ? computers and peripherals ? audio and video equipment ? cellular handsets and accessories ? portable electronics ? other electronics equipments communi- cation systems marking ke= device code the marking bar indicates the cathode front side
changjiang elec.tech. CESD5V0D1 www.cj-elec.com 2 b,apr,2014 maximum ratings ( t a =25 iec 61000-4-2 esd voltage air model contact model v esd (1) 25 kv 25 jesd22-a114-b esd voltage per human body model 16 esd voltage machine model 0.4 peak pulse power p pp (2) 170 w peak pulse current i pp (2) 13 a lead solder temperature ? maximum (10 second duration) t l 260 junction temperature t j 150 storage temperature range t stg -55 ~ +150 (1).device stressed with ten non-repetitive esd pulses. (2).non-repetitive current puls e 8/20s exponential decay waveform according to iec61000-4-5. esd standards compliance iec61000-4-2 standard jesd22-a114-b standard contact discharge air discharge level test voltage kv level test voltage kv 1 2 1 2 2 4 2 4 3 6 3 8 4 8 4 15 esd class human body discharge v 0 0  249 1a 1b 1c 250  499 500  999 1000  1999 2 2000  3999 3a 3b 4000  7999 8000  15999 esd pulse waveform according to iec61000-4-2 8/20
changjiang elec.tech. CESD5V0D1 www.cj-elec.com b,apr,2014 3 electrical parameter v-i characteristics for a uni-directional tvs electrical characteristics(t a =25 reverse stand off voltage v rwm ? 1 ? 5 v reverse leakage current i r v r wm =5v 1 a breakdown voltage v ( br ) i t =1ma 6.2 7.3 v clamping voltage v c ? 2 ? i pp =13a 13 v forward voltage v f i f =10ma 0.9 v junction capacitance c j v r =0v,f=1mhz 95 pf (1).other voltages available upon request. (2).non-repetitive current pulse 8/20 s exponential decay waveform according to iec61000-4-5 symbol parameter v c clamping voltage @ i pp i pp peak pulse current v br breakdown voltage @ i t i t test current i r reverse leakage current @ v rwm v rwm reverse standoff voltage v f forward voltage@ i f i f forward current
changjiang elec.tech. ce sd5v0 d1 www.cj-elec.com 4 , ap r ,201 4
changjiang elec.tech. www.c j-el ec.com 3$&.$*(287/,1( $1' 3$'/$<287,1)250$7,21 5 62'  3dfndjh2xwolqh'lphqvlrqv 62'   6xjjhvwhg 3dg/d\rxw  mi n ma x min max a 1.050 1.250 0.041 0.049 a1 0.000 0.100 0.000 0.004 a2 1.050 1.150 0.041 0.045 b 0.450 0.650 0.018 0.026 c 0.080 0.150 0.003 0.006 d 1.500 1.700 0.059 0.067 e 2.600 2.800 0.102 0.110 e1 3.550 3.850 0.140 0.152 l l1 0.250 0.450 0.010 0.018  0 8 0 8 0.500 ref 0.020 ref symbol dimensions in millimeters dimensions in inches &( 6'9 '   %  $s u   
changjiang elec.tech. www.c j-el ec.com  7 $3($1'5((/,1)250$7,21     &( 6'9 '   %  $s u   


▲Up To Search▲   

 
Price & Availability of CESD5V0D1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X