Part Number Hot Search : 
SEMH4 AN731 MC7815C PBU407 ZUY53W BF195 00901 AP01L60
Product Description
Full Text Search
 

To Download CESD5V0AP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.cj-elec.com c,apr,2014 1 sot-23 jiangsu changjiang electronics technology co., ltd sot-23 plastic-encapsulate diodes CESD5V0AP uni-direction esd protection diode description designed to protect voltage sensitive electronic components from esd and other transients. excellent clam ping capability, low leakage, and fast response time provide best in class protection on designs that are exposed to esd. the combination of small size, high level of esd protection makes them a flexible solution for applications such as hdmi, display port tm, and mddi interfaces. it is designed to replace multiplayer varistors (mlv) in consumer equipments applications such as mobile phone, notebook, pad, stb, lcd tv etc. features ? uni-directional esd protection of two line s ? reverse stand ? off voltage: 5v ? low reverse clamping voltage ? low leakage current ? excellent package:2.90mm 1.30mm 1.00mm ? fast response time ? jesd22-a114-b esd rating of class 3b per human body model ? iec 61000-4-2 level 4 esd protection applications ? computers and peripherals ? audio and video equipment ? cellular handsets and accessories ? portable electronics ? other electronics equipments communi- cation systems marking 5m= device code solid dot = green molding compound device,if none, the normal device front side
changjiang elec.tech. CESD5V0AP www.cj-elec.com 2 c, apr,2014 maximum ratings ( t a =25 unless otherwise noted ) parameter symbol limit unit iec 61000-4-2 esd voltage air model contact model v esd (1) 25 kv 25 jesd22-a114-b esd voltage per human body model 16 esd voltage machine model 0.4 peak pulse power p pp (2) 170 w peak pulse current i pp (2) 13 a lead solder temperature ? maximum (10 second duration) t l 260 junction temperature t j 150 storage temperature range t stg -55 ~ +150 (1).device stressed with ten non-repetitive esd pulses. (2).non-repetitive current puls e 8/20s exponential decay waveform according to iec61000-4-5. esd standards compliance iec61000-4-2 standard jesd22-a114-b standard contact discharge air discharge level test voltage kv level test voltage kv 1 2 1 2 2 4 2 4 3 6 3 8 4 8 4 15 esd class human body discharge v 0 0 249 1a 1b 1c 250 499 500 999 1000 1999 2 2000 3999 3a 3b 4000 7999 8000 15999 esd pulse waveform according to iec61000-4-2 8/20 s pulse waveform according to iec 61000-4-5
changjiang elec.tech. CESD5V0AP www.cj-elec.com c,apr,2014 3 electrical parameter v-i characteristics for a uni-directional tvs electrical characteristics(t a =25 unless otherwise specified) parameter symbol test conditions min typ max unit reverse stand off voltage v rwm 1 5 v reverse leakage current i r v r wm =5v 10 a breakdown voltage v ( br ) i t =1ma 6.2 7.3 v clamping voltage v c 2 i pp =13 a 13 v forward voltage v f i f =10ma 0.9 v junction capacitance c j v r =0v,f=1mhz 95 pf (1).other voltages available upon request. (2).non-repetitive current pulse 8/20 s exponential decay waveform according to iec61000-4-5 symbol parameter v c clamping voltage @ i pp i pp peak pulse current v br breakdown voltage @ i t i t test current i r reverse leakage current @ v rwm v rwm reverse standoff voltage v f forward voltage@ i f i f forward current
changjiang elec.tech. ce sd5v0 ap www.cj-elec.com 4 c , ap r ,201 4 012345 40 50 60 0 80 0 100 0361 21 5 3 6 12 15 400 500 600 00 800 00 1000 0.1 1 10 100 024681 0 0 20 40 60 80 100 reverse voltage v r (v) junction capacitance c j (pf) t a =25 f=1mhz t a =25 tp=8/20us clamping voltage v c (v) reverse peak pulse current i pp (a) pulsed t a = 1 00 t a =2 5 forward current i f (ma) forward voltage v f (v) reverse current i r (ma) reverse voltage v r (v) t a =25 t a =100 pulsed
changjiang elec.tech. www.cj-elec.com 3$&.$*(287/,1( $1' 3$'/$<287,1)250$7,21 5 mi n m ax min max a 0.900 1.150 0.035 0.045 a1 0.000 0.100 0.000 0.004 a2 0.900 1.050 0.035 0.041 b 0.300 0.500 0.012 0.020 c 0.080 0.150 0.003 0.006 d 2.800 3.000 0.110 0.118 e 1.200 1.400 0.047 0.055 e1 2.250 2.550 0.089 0.100 e e1 1.800 2.000 0.071 0.079 l l1 0.300 0.500 0.012 0.020  0 8 0  0.550 ref 0.022 ref symbol dimensions in inches dimensions in millimeters 0.950 typ 0.037 typ 62 7 3dfndjh2xwolqh'lphqvlrqv 62 7  6xjjhvwhg3dg/d\rxw    &  $s u    &( 6'9 $3
changjiang elec.tech. www.cj-el ec.co m  7 $ 3($1'5((/,1)250$7,21       &  $s u  4 ce sd5v0 ap


▲Up To Search▲   

 
Price & Availability of CESD5V0AP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X