Part Number Hot Search : 
SD882 ST72324B BB503M X428306 3055E D401A BZX55C1 ST72324B
Product Description
Full Text Search
 

To Download CESD3V3D7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  www.cj-elec.com c, oct,2013 1 sod-723 jiangsu changjiang electronics technology co., ltd sod-723 plastic-encapsulate diodes CESD3V3D7 uni-direction esd protection diode description designed to protect voltage sensitive electronic components from esd and other transients. excellent clam ping capability, low leakage, and fast response time provide best in class protection on designs that are exposed to esd. the combination of small size, high level of esd protection makes them a flexible solution for applications such as hdmi, display port tm, and mddi interfaces. it is designed to replace multiplayer varistors (mlv) in consumer equipments applications such as mobile phone, notebook, pad, stb, lcd tv etc. features z uni-directional esd protection of one line z reverse stand ? off voltage: 3.3v z low reverse clamping voltage z low leakage current z excellent package:1.00mm 0.60mm 0.55mm z fast response time z jesd22-a114-b esd rating of class 3b per human body model z iec 61000-4-2 level 4 esd protection applications z computers and peripherals z audio and video equipment z cellular handsets and accessories z portable electronics z other electronics equipments communi- cation systems marking e0 = device code the marking bar indicates the cathode front side
changjiang elec.tech. CESD3V3D7 www.cj-elec.com 2 c, oct,2013 maximum ratings ( t a =25 unless otherwise noted ) parameter symbol limit unit 25 iec 61000-4-2 esd voltage air model contact model 25 jesd22-a114-b esd voltage per human body model 16 esd voltage machine model v esd (1) 0.4 kv peak pulse power p pp (2) 1 20 w peak pulse current i pp (2) 9.0 a lead solder temperature ? maximum (10 second duration) t l 260 junction temperature t j 150 storage temperature range t stg -55 ~ +150 (1).device stressed with ten non-repetitive esd pulses. (2).non-repetitive current puls e 8/20s exponential decay waveform according to iec61000-4-5. esd standards compliance iec61000-4-2 standard jesd22-a114-b standard contact discharge air discharge level test voltage kv level test voltage kv 1 2 1 2 2 4 2 4 3 6 3 8 4 8 4 15 esd class human body discharge v 0 0  249 1a 1b 1c 250  499 500  999 1000  1999 2 2000  3999 3a 3b 4000  7999 8000  15999 esd pulse waveform according to iec61000-4-2 8/20 s pulse waveform according to iec 61000-4-5
changjiang elec.tech. CESD3V3D7 www.cj-elec.com c, oct,2013 3 electrical parameter v-i characteristics for a uni-directional tvs electrical characteristics(t a =25 unless otherwise specified) parameter symbol test conditions min typ max unit reverse stand off voltage v rwm 1 3.3 v reverse leakage current i r v rwm =3.3v 2.5 a breakdown voltage v (br) i t =1ma 5 5.9 v clamping voltage v c 2 i pp =9a 13 v forward voltage v f i f =10ma 0.9 v junction capacitance c j v r =0v,f=1mhz 110 pf (1).other voltages available upon request. (2).non-repetitive current pulse 8/20 s exponential decay waveform according to iec61000-4-5 symbol parameter v c clamping voltage @ i pp i pp peak pulse current v br breakdown voltage @ i t i t test current i r reverse leakage current @ v rwm v rwm reverse standoff voltage v f forward voltage@ i f i f forward current
changjiang elec.tech. ce sd 3 v 3d7 www.cj-elec.com 4 c ,oct,2013 typical characteristics 0.4 0.5 0.6 0.7 0.8 0.9 1.0 0.1 1 10 100 012345 0 40 80 120 160 01234567 0 20 40 60 80 100 24681 0 0 4 8 12 16 20 forward characteristics forward voltage v f (v) forward current i f (ma) t a = 2 5 t a = 1 0 0 pulsed t a =25 f=1mhz capacitance characteristics reverse voltage v r (v) junction capacitance c j (pf) pulsed t a =25 t a =100 reverse characteristics reverse voltage v r (v) reverse current i r (ma) clamping voltage v c (v) reverse peak pulse current i pp (a) t a =25 tp=8/20us v c ?? i pp 1
changjiang elec.tech. www.c j-el ec.com 3$&.$*(287/,1( $1' 3$'/$<287,1)250$7,21 5                     a 0. 525 0. 650 0.021 0.026 a1 0.515 0.580 0.020 0.023 b 0.250 0.350 0.010 0.014 c 0.080 0.150 0.003 0.006 d 0.550 0.650 0.022 0.026 e 0.900 1.100 0.035 0.043 e1 1.300 1.500 0.051 0.059 e2 l 0.010 0.070 0.001 0.003 7 r e f 
        7 ref 0.200 ref 0.008 ref ce sd 3 v 3d7 c ,oct,2013
changjiang elec.tech. www. c j-elec.com  7$3($1'5((/,1)250$7,21     ce sd 3 v 3d7 c ,oct,2013


▲Up To Search▲   

 
Price & Availability of CESD3V3D7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X