generated - e597e140-8b50-42a1-9876-212f2b6306c0 kemet part number: C1210C224J3GACTU (c1210c224j3gac7800) ceramic, commercial-(cxxxxc), 0.22 uf, 5%, 25 v, 1210, c0g, smd, mlcc, ultra-stable, low loss, class i dimensions l 3.2mm +/-0.2mm w 2.5mm +/-0.2mm t 2.1mm +/-0.20mm b 0.5mm +/-0.25mm packaging specifications packaging: t&r, 180mm, plastic tape packaging quantity: 2000 general information style: smd chip series: commercial-(cxxxxc) chip size: 1210 description: smd, mlcc, ultra-stable, low loss, class i features: ultra-stable, low loss, class i rohs: yes termination: tin marking: no failure rate: n/a specifications capacitance: 0.22 uf capacitance tolerance: 5% voltage dc: 25 vdc temperature range: -55/+125c temperature coefficient: c0g dissipation factor: 0.1% aging rate: 0% loss/decade hour insulation resistance: 4.545 gohms dielectric strength: 62.5 v ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.
|