Part Number Hot Search : 
G1VB8C LTC3430 1119403 GA128A CEH2288 C1608 P87C5 LA101
Product Description
Full Text Search
 

To Download BZX85-C2V7 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  r s e m i c o n d u c t o r b z x 8 5 / c 2 v 7 t h r u b z x 8 5 / c 2 0 0 1 . 3w silicon planar zener diodes fea tures mechanical da t a absolute maximum ra tings(limiting v alues) (t a =25 c) electrical characteristics (t a =25 c) case : do-41 glass case w eight : approx. 0.35 gram for use in stabilizing and clipping circuits with high power rating.the zener voltage is graded according to the international e24 standard. other voltage tolerance and higher zener voltages are on request. zener current see table "characteristics" thermal resistance junction to ambient p tot r ja v f w t stg power dissipation at t a =25 c junction temperature storage temperature range 1) v alid provided that a distance of 8mm from case is kept at ambient temperature . 1) v alid provided that a distance of 8mm from case is kept at ambient temperature . symbols symbols v alue t yp max min units units -55 to+200 c c k/w v t j 200 1 . 3 130 1.2 1) 1) forward voltage at i f =200ma j f j f high temperature soldering guaranteed : 260 !/ 10 seconds at terminals component in accordance to rohs 2002 / 95 / ec and weee 2002 / 96 / ec do-41(glass) dimensions in inches and (millimeters) 1.00(25.4) min. 0.034(0.86) max dia. 0.107(2.7) 0.080(2.0) dia. 0.205(5.20) 0.161(4.10) 1.00(25.4) min. jinan jingheng electronics co., l td. http :// www .jinghenggroup.com 10 -1 9
b z x 8 5 . . . s i l i c o n p l a n a r z e n e r d i o d e s i r at v r 2) dynamic resistance reverse leakage current zener v oltage range 1) 2) t ype v z nom i zt for v zt t emp coef ficient of zener voltage v v v ma a ma %/k tk vz r zjt and r zjk at i zk note : 1) t ested with pulse tp=20ms . b z x 8 5 / c 2 v 7 b z x 8 5 / c 3 v 0 b z x 8 5 / c 3 v 3 b z x 8 5 / c 3 v 6 b z x 8 5 / c 3 v 9 b z x 8 5 / c 4 v 3 b z x 8 5 / c 4 v 7 b z x 8 5 / c 5 v 1 b z x 8 5 / c 5 v 6 b z x 8 5 / c 6 v 2 b z x 8 5 / c 6 v 8 b z x 8 5 / c 7 v 5 b z x 8 5 / c 8 v 2 b z x 8 5 / c 9 v 1 b z x 8 5 / c 1 0 b z x 8 5 / c 1 1 b z x 8 5 / c 1 2 b z x 8 5 / c 1 3 b z x 8 5 / c 1 5 b z x 8 5 / c 1 6 b z x 8 5 / c 1 8 b z x 8 5 / c 2 0 b z x 8 5 / c 2 2 b z x 8 5 / c 2 4 b z x 8 5 / c 2 7 b z x 8 5 / c 3 0 b z x 8 5 / c 3 3 b z x 8 5 / c 3 6 b z x 8 5 / c 3 9 b z x 8 5 / c 4 3 b z x 8 5 / c 4 7 b z x 8 5 / c 5 1 b z x 8 5 / c 5 6 b z x 8 5 / c 6 2 b z x 8 5 / c 6 8 b z x 8 5 / c 7 5 b z x 8 5 / c 8 2 b z x 8 5 / c 9 1 b z x 8 5 / c 1 0 0 b z x 8 5 / c 1 1 0 b z x 8 5 / c 1 2 0 b z x 8 5 / c 1 3 0 b z x 8 5 / c 1 5 0 b z x 8 5 / c 1 6 0 b z x 8 5 / c 1 8 0 b z x 8 5 / c 2 0 0 8 0 8 0 7 0 6 0 6 0 5 0 4 5 4 5 4 5 3 5 3 5 3 5 2 5 2 5 2 5 2 0 2 0 2 0 1 5 1 5 1 5 1 0 1 0 1 0 8 8 8 8 6 6 4 4 4 4 4 4 2 . 7 2 . 7 2 . 7 2 . 7 2 2 2 1 . 5 1 . 5 1 . 5 2 . 7 3 . 0 3 . 3 3 . 6 3 . 9 4 . 3 4 . 7 5 . 1 5 . 6 6 . 2 6 . 8 7 . 5 8 . 2 9 . 1 1 0 1 1 1 2 1 3 1 5 1 6 1 8 2 0 2 2 2 4 2 7 3 0 3 3 3 6 3 9 4 3 4 7 5 1 5 6 6 2 6 8 7 5 8 2 9 1 1 0 0 1 1 0 1 2 0 1 3 0 1 5 0 1 6 0 1 8 0 2 0 0 < 2 0 < 2 0 < 2 0 < 1 5 < 1 5 < 1 3 < 1 3 < 1 0 < 7< 4 < 3 . 5 < 3< 5 < 5 < 7 < 8 < 9 < 1 0 < 1 5 < 1 5 < 2 0 < 2 4 < 2 5 < 2 5 < 3 0 < 3 0 < 3 5 < 4 0 < 5 0 < 5 0 < 9 0 < 1 1 5 < 1 2 0 < 1 2 5 < 1 3 0 < 1 3 5 < 2 0 0 < 2 5 0 < 3 5 0 < 4 5 0 < 5 5 0 < 7 0 0 < 1 0 0 0 < 1 1 0 0 < 1 2 0 0 < 1 5 0 0 2 . 5 . . . 2 . 9 2 . 8 . . . 3 . 2 3 . 1 . . . 3 . 5 3 . 4 . . . 3 . 8 3 . 7 . . . 4 . 1 4 . . . 4 . 6 4 . 4 . . . 5 4 . 8 . . . 5 . 4 5 . 2 . . . 6 5 . 8 . . . 6 . 6 6 . 4 . . . 7 . 2 7 . 0 . . . 7 . 9 7 . 7 . . . 8 . 7 8 . 5 . . . 9 . 6 9 . 4 . . . 1 0 . 6 1 0 . 4 . . . 1 1 . 6 1 1 . 4 . . . 1 2 . 7 1 2 . 4 . . . 1 4 . 1 1 3 . 8 . . . 1 5 . 6 1 5 . 3 . . . 1 7 . 1 1 6 . 8 . . . 1 9 . 1 1 8 . 8 . . . 2 1 . 2 2 0 . 8 . . . 2 3 . 3 2 2 . 8 . . . 2 5 . 6 2 5 . 1 . . . 2 8 . 9 2 8 . . . 3 2 3 1 . . . 3 5 3 4 . . . 3 8 3 7 . . . 4 1 4 0 . . . 4 6 4 4 . . . 5 0 4 8 . . . 5 4 5 2 . . . 6 0 5 8 . . . 6 6 6 4 . . . 7 2 7 0 . . . 7 9 7 7 . . . 8 7 8 5 . . . 9 6 9 4 . . . 1 0 6 1 0 4 . . . 1 1 6 1 1 4 . . . 1 2 7 1 2 4 . . . 1 4 1 1 3 8 . . . 1 5 6 1 5 3 . . . 1 7 1 1 6 8 . . . 1 9 1 1 8 8 . . . 2 1 2 1 1 1 1 1 1 1 1 1 1 1 0 . 5 0 . 5 0 . 5 0 . 5 0 . 5 0 . 5 0 . 5 0 . 5 0 . 5 0 . 5 0 . 5 0 . 5 0 . 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 0 . 2 5 < 4 0 0 < 4 0 0 < 4 0 0 < 5 0 0 < 5 0 0 < 5 0 0 < 6 0 0 < 5 0 0 < 4 0 0 < 3 0 0 < 3 0 0 < 2 0 0 < 2 0 0 < 2 0 0 < 2 0 0 < 3 0 0 < 3 5 0 < 4 0 0 < 5 0 0 < 5 0 0 < 5 0 0 < 6 0 0 < 6 0 0 < 6 0 0 < 7 5 0 < 1 0 0 0 < 1 0 0 0 < 1 0 0 0 < 1 0 0 0 < 1 0 0 0 < 1 5 0 0 < 1 5 0 0 < 2 0 0 0 < 2 0 0 0 < 2 0 0 0 < 2 0 0 0 < 3 0 0 0 < 3 0 0 0 < 3 0 0 0 < 4 0 0 0 < 4 5 0 0 < 5 0 0 0 < 6 0 0 0 < 6 5 0 0 < 7 0 0 0 < 8 0 0 0 1 1 1 1 1 1 1 1 . 5 2 3 4 4 . 5 6 . 2 6 . 8 7 8 . 2 9 . 1 1 0 1 1 1 2 1 3 1 5 1 6 1 8 2 0 2 2 2 4 2 7 3 0 3 3 3 6 3 9 4 3 4 7 5 1 5 6 6 2 6 8 7 5 8 2 9 1 1 0 0 1 1 0 1 2 0 1 3 0 1 5 0 < 1 5 0 < 1 0 0 < 4 0 < 2 0 < 1 0 < 3< 3 < 1 < 1 < 1 < 1 < 1 < 1 < 1 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 < 0 . 5 - 0 . 0 8 . . . - 0 . 0 5 - 0 . 0 8 . . . - 0 . 0 5 - 0 . 0 8 . . . - 0 . 0 5 - 0 . 0 8 . . . - 0 . 0 5 - 0 . 0 7 . . . - 0 . 0 2 - 0 . 0 7 . . . + 0 . 0 1 - 0 . 0 3 . . . + 0 . 0 4 - 0 . 0 1 . . . + 0 . 0 4 0 . . . + 0 . 0 4 5 + 0 . 0 1 . . . + 0 . 0 5 5 + 0 . 0 1 5 . . . + 0 . 0 6 + 0 . 0 2 . . . + 0 . 0 6 5 0 . 0 3 . . . 0 . 0 7 0 . 0 3 5 . . . 0 . 0 7 5 0 . 0 4 . . . 0 . 0 8 0 . 0 4 5 . . . 0 . 0 8 0 . 0 4 5 . . . 0 . 0 8 5 0 . 0 5 . . . 0 . 0 8 5 0 . 0 5 5 . . . 0 . 0 9 0 . 0 5 5 . . . 0 . 0 9 0 . 0 6 . . . 0 . 0 9 0 . 0 6 . . . 0 . 0 9 0 . 0 6 . . . 0 . 0 9 5 0 . 0 6 . . . 0 . 0 9 5 0 . 0 6 . . . 0 . 0 9 5 0 . 0 6 . . . 0 . 0 9 5 0 . 0 6 . . . 0 . 0 9 5 0 . 0 6 . . . 0 . 0 9 5 0 . 0 6 . . . 0 . 0 9 5 0 . 0 6 . . . 0 . 0 9 5 0 . 0 6 . . . 0 . 0 9 5 0 . 0 6 . . . 0 . 0 9 5 0 . 0 6 . . . 0 . 0 9 5 0 . 0 6 . . . 0 . 0 9 5 0 . 0 6 . . . 0 . 0 9 5 0 . 0 6 . . . 0 . 0 9 5 0 . 0 7 . . . 0 . 1 0 0 . 0 7 . . . 0 . 1 0 0 . 0 7 . . . 0 . 1 1 0 . 0 7 . . . 0 . 1 1 0 . 0 7 . . . 0 . 1 1 0 . 0 7 . . . 0 . 1 1 0 . 0 7 . . . 0 . 1 1 0 . 0 7 . . . 0 . 1 1 0 . 0 7 . . . 0 . 1 1 0 . 0 7 . . . 0 . 1 1 jinan jingheng electronics co., l td. http :// www .jinghenggroup.com 10 -2 0
b z x 8 5 . . . s i l i c o n p l a n a r z e n e r d i o d e s jinan jingheng electronics co., l td. http :// www .jinghenggroup.com 10 -2 1
0 0 100 200 c 1 w 2 bzv85... p tot t amb admissible power dissipation versus ambient temperature (v alid provided that leads at a distance of 10mm from case are k ept at ambient temperature) b z x 8 5 . . . s i l i c o n p l a n a r z e n e r d i o d e s jinan jingheng electronics co., l td. http :// www .jinghenggroup.com 10 -2 2
b z x 8 5 . . . s i l i c o n p l a n a r z e n e r d i o d e s jinan jingheng electronics co., l td. http :// www .jinghenggroup.com 10 -2 3


▲Up To Search▲   

 
Price & Availability of BZX85-C2V7

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X