production specification surface mount fast switching diode BAV99T h024 www.gmicroelec.com rev.a 1 features z ultra-small surface mount package. z fast switching speed. z for general purpose switching applications. z high conductance. z also available in lead free version. sot-523 ordering information type no. marking package code .BAV99T je sot-523 maximum rating @ ta=25 unless otherwise specified symbol parameter value units v rrm peak repetitive reverse voltage 85 v v rwm working peak reverse voltage 85 v v r dc blocking voltage 85 v v r(rms) rms reverse voltage 60 v i fm forward continuous current 200 ma i frm repetitive peak forward current 500 ma i fsm non-repetitive peak forward surge current @t=1.0 s @t=1.0ms @t=1.0s 4.5 1 0.5 a p d power dissipation 150 mw r ja thermal resistance junction to ambient 833 / w t j, t stg junction and storage temperature -65 to +150 electrical characteristics @ ta=25 unless otherwise specified pb lead-free
production specification surface mount fast switching diode BAV99T h024 www.gmicroelec.com rev.a 2 parameter symbol test conditions min max unit reverse breakdown voltage v (br)r i r =100ua 85 v leakage current i r v r =25v v r =75v v r =25v,t j =150 v r =75v,t j =150 30 2 60 100 na a a a forward voltage v f i f =1ma i f =10ma i f =50ma i f =150ma 0.715 0.855 1 1.25 v typical total capacitance c t v r =0v,f=1mhz 1.5 pf reverse recovery time t rr i f =i r =10ma,i rr =0.1*i r ,r l =100 ? 4 ns typical characteristics @ ta=25 unless otherwise specified
production specification surface mount fast switching diode BAV99T h024 www.gmicroelec.com rev.a 3 package outline plastic surface mounted package sot-523 soldering footprint unit : mm package information sot-523 dim min max a 1.5 1.7 b 0.75 0.85 c 0.6 0.8 d 0.15 0.3 g 0.9 1.1 h 0.02 0.1 j 0.1typical k 1.45 1.75 all dimensions in mm device package shipping BAV99T sot-523 3000/tape&reel h j g k d c b a
|