Part Number Hot Search : 
2N6674 CM7236 74LS76N 20030 TM3011 2SD2110 MP1474DJ IRF9Z30
Product Description
Full Text Search
 

To Download BAV99T Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.02 20130927 BAV99T h 150mw sot-523 surface mount plastic package fast switching diode absolute maximum ratings t a = 25c unless otherwise noted symbol parameter value units p d power dissipation 150 mw t stg storage temperature range -55 to +125 c t j operating junction temperature +125 c v r reverse voltage 85 v i fo forward current 75 ma these ratings are limiting values above which the serviceability of the diode may be impaired. specification features: ? fast switching device ? general purpose diodes ? rohs compliant ? green emc ? matte tin(sn) lead finish electrical symbol & marking codes: electrical characteristics t a = 25c unless otherwise noted limits symbol parameter test condition min max unit v br) reverse breakdown voltage i r =1a 85 volts i r reverse leakage current v r1 =75v v r2 =25v 2 0.03 a v f forward voltage tcbat42ws, i f =1ma i f =10ma i f =50ma i f =150ma 0.715 0.855 1.00 1.25 volts c d diode capacitance v r =0v, f=1mhz 1.5 pf t rr reverse recovery time i f = i r = 10ma i rr =0.1x i r, r l =100 ? 4 ns sot-523 BAV99T marking: je 1 2 3 1 2 3
http://www.yeashin.com 2 rev.02 20130927 BAV99T typical soldering pattern: millimeters inches dim min max min max a 0.70 0.90 0.028 0.035 a1 0.00 0.10 0.000 0.004 a2 0.70 0.80 0.028 0.031 b1 0.15 0.25 0.006 0.010 b2 0.25 0.35 0.010 0.014 c 0.10 0.20 0.004 0.008 d 1.50 1.70 0.059 0.067 e 0.70 0.90 0.028 0.035 e1 1.45 1.75 0.057 0.069 e 0.50 typ. 0.020 typ. e1 0.90 1.10 0.035 0.043 l 0.40 ref. 0.016 ref. l1 0.10 0.30 0.004 0.012 0 o 8 o 0 o 8 o notes: 1. above package outline conforms to jeita eaij ed-7500a sc-75a. 2. dimensions are exclusive of burrs, mold flash & tie bar extrusions. package outline & dimensions


▲Up To Search▲   

 
Price & Availability of BAV99T

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X