Part Number Hot Search : 
HMC594 4HCT57 XC6216C TGP10 P1037 X55C2 LS11R3 74HC163
Product Description
Full Text Search
 

To Download AS4C64M16D1-6TIN Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  as4c64m16d1 confidential 1 rev. 2 .0 oct . /2014 revision history as4c64m16d1 C 66 - pin tsop ii package revision details date rev 1.0 preliminary datasheet sep 201 4 rev 2 speed grade option changed -5(400mhz) to -6(333mhz) oct 2014
as4c64m16d1 confidential 2 rev. 2 .0 oct . /2014 64 m x 16 bit ddr1 synchronous dram (sdram) confidential advanced (rev . 2 . 0 , oct . /20 1 4 ) features high speed data transfer rates with system frequency up to 200mhz - data mask for write control - four banks con troll ed by ba0 & ba1 - programmable cas latency: 2, 2.5, 3 - programmable wrap sequence: sequential or interleave - p rogrammable burst length: 2, 4, 8 for sequential type 2, 4, 8 for interleave type - automatic and controlled precharge command - power down mode - auto refresh and self refresh - refresh interval: 8192 cycles/64 ms - available in 66 pin tsop ii - sstl - 2 co mpatible i/os - double data rate (ddr) - bidirectional data strobe (dqs) for input and output data, active on both edges - on - chip dll aligns dq and dqs transitions with ck transitions - ck - vdd = 2.5v 0.2v, vddq = 2.5v 0.2v vdd = 2.6v 0.1v, vddq = 2.6v 0.1v (ddr400) - tras lockout supported - concurrent auto precharge option is supported all parts are rohs compliant description the as4c64m16d1 is a four bank ddr dram organized as 4 banks x 16mbit x 16. the as4c64m16d1 achieves high speed data transfer rates by employing a chip architecture that prefetches multiple bits and then synchronizes the output data to a system clock. all of the controls, address, circuits are synchronized with the positive edge of an externally supplied clock. i/o transactions are occurring on both edges of dqs. operating the four memory banks in an interleaved fashion allows random access operation to occur at a higher rate than is possible with standard drams. a sequential and gapl ess data rate is possible depending on burst length, cas latency and speed grade of the device. -6 ddr 333 clock cycle time (t ck2 ) 7.5ns clock cycle time (t ck2.5 ) 6ns clock cycle time (t ck3 ) 6ns system frequency (f ck max ) 166 mhz table 1 . speed grade i nformation speed grade clock frequency cas latency t rcd (ns) t rp (ns) ddr1 - 333 166 mhz 3 1 8 1 8 table 2. ordering information product part no org temperature package as4c 64m16d1 - 6 tcn 64m x 16 commercial 0c to 70c 66 - pin tsop ii as4c64m16d1 - 6 ti n 64m x 16 industrial - 40c to 85c 66 - pin tsop ii
as4c64m16d1 confidential 3 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 4 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 5 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 6 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 7 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 8 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 9 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 10 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 11 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 12 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 13 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 14 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 15 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 16 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 17 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 18 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 19 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 20 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 21 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 22 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 23 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 24 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 25 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 26 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 27 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 28 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 29 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 30 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 31 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 32 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 33 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 34 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 35 rev. 2 .0 oct . /2014 idd max specifications and conditions ( v ddq =2.5v + 0.2v, v dd =2.5 + 0.2v, for ddr400 v ddq =2.6v + 0.1v, v dd =2.6 + 0.1v ) conditions version symbol - 6 unit ope rating current - one bank active - precharge; trc=trcmin; tck=tckmin; dq, dm and dqs inputs changing twice per clock cycle; address and control inputs changing once per idd0 85 ma clock cycle operating current - one bank operation; one b ank open, bl=2 idd1 1 05 ma precharge power - down standby current; all banks idle; power - down mode; idd2p 6 ma cke = =vih(min); a ll banks idle; cke > = vih(min); tck=tckmin; address and other control inputs changing once per clock cycle; vin = idd2f 3 0 ma vref for dq, dqs and dm precharge quiet standby current; cs# > = vih(min); all banks idle; cke > = vih (min); tck=tckmin; address and other control inputs stable with keeping idd2q 25 ma >= vih(min) or == vih(min); cke>=vih(min); one bank active; active - precharge; trc= trasm ax ; tck=tckmin; dq, dqs and dm inputs changing twice per clock cycle; address and ot h e r control inputs changing once per clock cycle idd3n 35 ma operating current - burst read; burst length = 2; reads; continuous burst; one bank active; address and control inputs changing once per clock cycle; tck=tckmin; 50% of data c hanging at every burst; idd4r 1 15 ma lout = 0 m a operating current - burst write; burst length = 2; writes; continuous burst; one bank active address and control inputs changing once per clock cycle; tck=tckmin; dq, dm and dqs idd4w 1 45 ma inputs changing twice per clock cycle, 50% of input data changing at every burst auto refresh current; trc = trfcmin; tck=tckmin; burst refresh; address and con trol inputs changing once per clock cycle; data bus inputs are stable trefc= trfc (min) idd5 1 85 ma trefc=7.8ms idd5a 9 ma self - refresh current; cke =< 0.2v; external clock should be on; tck=tckmin. idd6 3 ma operating current - four bank operation; four bank interleaving with bl=4 idd7 23 0 ma
as4c64m16d1 confidential 36 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 37 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 38 rev. 2 .0 oct . /2014 electrical characteristics and ac timing - absolute specifications ( v ddq = +2.5v 0.2v, v dd = +2.5v 0.2v, for ddr400 v ddq = +2.6v 0.1v, v dd = +2.6v 0.1v ) ac characteristics - 6 parameter symbol min max units notes access window of dqs from ck/ck t ac - 0.7 0.7 ns ck high - level width t ch 0.45 0.55 t ck 30 ck low - level width t cl 0.45 0.55 t ck 30 clock cycle time cl = 3 t ck (3) 6 12 ns 52 cl = 2.5 t ck (2.5) 6 12 ns 52 cl = 2 t ck (2) 7.5 12 ns 52 dq and dm input hold time relative to dqs t dh 0.4 5 ns 26,31 dq and dm input setup time relative to dqs t ds 0.4 5 ns 26,31 auto precharge write recovery t dal - t ck 54 + precharge time dq and dm input pulse width (for each input) t dipw 1.75 ns 31 access window of dqs from ck/ck t dqsck - 0. 6 0. 6 ns dqs input high pulse width t dqsh 0.35 t ck dqs input low pulse width t dqsl 0.35 t ck dqs - dq skew, dqs to last dq valid, t dqsq 0.40 ns 25,26 per group, per access write command to first dqs latching transition t dqss 0.7 5 1.25 t ck dqs falling edge to ck rising - setup time t dss 0.2 t ck dqs falling edge from ck rising - hold time t dsh 0.2 t ck half clock period t hp t ch, ns 34 t cl data - out high - impedance window from ck/ck t hz - 0.7 +0.7 ns 18 data - out low - impedance window from ck/ck t lz - 0.7 +0.7 ns 18
as4c64m16d1 confidential 39 rev. 2 .0 oct . /2014 ac characteristic s - 6 parameter symbol min max units notes address and control input hold time t ih f 0. 75 ns 14 (fast slew rate) address and control input setup time t is f 0. 75 ns 14 (fast slew rate) address and control input hold time t ih s 0. 80 ns 14 (slow slew rate) address and control input setup time t is s 0. 80 ns 14 (slow slew rate) control & address input width (for each input) t ipw 2.2 ns 53 load mode register command cycle time t mrd 2 t ck dq - dqs hold, dqs to first dq to go non - valid, t qh t hp ns 25, 26 per access - t qhs data hold skew factor t qhs 0.5 5 ns active to precharge command t ras 4 2 70,000 ns 35 active to read with auto precharge t rap 1 8 ns 46 command active to active/auto refresh t rc 60 ns command period auto refresh command period t rfc 120 ns 50 active to read or write delay t rcd 1 8 ns precharge command period t rp 1 8 ns dqs read preamble t rpre 0.9 1.1 t ck 42 dqs read postamble t rpst 0.4 0.6 t ck active bank a to active bank b command t rrd 1 2 ns dqs write preamble t wpre 0.25 t ck dqs write preamble setup time t wpres 0 ns 20, 21 dqs write postamble t wpst 0.4 0.6 t ck 19 write recovery time t wr 15 ns internal write to read command delay t wtr 1 t ck data valid output window na t qh - t dqsq ns 25 ave rage periodic refresh interval t refi 7.8 us terminating voltage delay to vdd t vtd 0 ns exit self refresh to non - read command t xsnr 75 ns exit self refresh to read command t xsrd 200 t ck
as4c64m16d1 confidential 40 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 41 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 42 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 43 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 44 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 45 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 46 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 47 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 48 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 49 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 50 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 51 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 52 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 53 rev. 2 .0 oct . /2014 * = device must be in the "all banks idle" state prior to entering self refresh mode ** = txsnr is required before any non-read command can be applied, and txsrd (200 cycles of clk) are required before a read command can be applied.
as4c64m16d1 confidential 54 rev. 2 .0 oct . /2014 figure 42 - read - without auto precharge ck /ck command nop nop pre read cke col n ra ra a10 ba0, ba1 bank x *bank x don't care do n = data out from column n burst length = 4 in the case shown 3 subsequent elements of data out are provided in the programmed order following do n dis ap = disable autoprecharge * = "don't care", if a10 is high at this point pre = precharge, act = active, ra = row address, ba = bank address nop commands are shown for ease of illustration; other commands may be valid at these times dq dm dqs c ase 1: t ac/tdqsck = min c ase 2: t ac/tdqsck = max dq dqs nop nop act nop nop nop valid valid valid dis ap one bank all banks t ck t ch t cl t is t is t ih t ih t is t is t ih t ih t ih t is t ih t rpre t rpre t rp t t ra cl = 2 t min hz t max hz t min lz t max lz t max lz t min ac t max t min t max ac bank x do n do n dqsck rpst dqsck rpst t min lz start! autoprecharge x4:a0-a9,a11,a12 x8:a0-a9, a11 x16:a0-a9 x8:a12 x16:a11, a12
as4c64m16d1 confidential 55 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 56 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 57 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 58 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 59 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 60 rev. 2 .0 oct . /2014
as4c64m16d1 confidential 61 rev. 2 .0 oct . /2014 alliance memory inc . 551 taylor way, san carlos, ca 94070 tel : (650) 610 - 6800 fax : (650) 620 - 9211 alliance memory inc. reserves the right to change products or specification without notice.


▲Up To Search▲   

 
Price & Availability of AS4C64M16D1-6TIN

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X