Part Number Hot Search : 
KBPC3504 MC12015D 2SC20 STUP012 1820A BR1765 H053B 2SA765
Product Description
Full Text Search
 

To Download APBA3010SURKCGKC-GX Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spec no: dsal3682 rev no: v.9a date: aug/01/2016 page: 1 of 6 approved: wynec checked: allen liu drawn: w.q.zhong erp : 1203000840 3.0mmx1.0mm right angle smd chip led lamp part number: APBA3010SURKCGKC-GX hyper red green features z 3.0x2.0x1.0mm right angle smd led, 1.0mm thickness. z low power consumption. z wide viewing angle. z ideal for backlight and indicator. z package : 2000 pcs / reel. z moisture sensitivity level : level 3. z tinned pads for improved solderability z rohs compliant. descriptions z the hyper red source color devices are made with al gainp on gaas substrate light emitting diode. z the green source color devices are made with algainp on gaas substrate light emitting diode. z electrostatic discharge and power surge could damage the leds. z it is recommended to use a wrist band or anti- electrostatic gl ove when handling the leds. z all devices, equipments and machineries must be electrically grounded. package dimensions notes: 1. all dimensions are in millimeters (inches). 2. tolerance is 0.15(0.006") unless otherwise noted. 3. the specifications, characteristics and technical data descri bed in the datasheet are subject to change without prior notice . 4. the device has a single mounting surface. the devi ce must be mounted according to the specifications. red red attention observe precautions for handling electrostatic discharge sensitive devices
spec no: dsal3682 rev no: v.9a date: aug/01/2016 page: 2 of 6 approved: wynec checked: allen liu drawn: w.q.zhong erp : 1203000840 selection guide notes: 1. 1/2 is the angle from optical centerline where the lumi nous intensity is 1/2 of the optical peak value. 2. luminous intensity/ luminous flux: +/-15%. * luminous intensity value is traceable to cie127-2007 standards. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c part no. emitting color (material) lens type iv (mcd) [2] @ 20ma v iewing angle [1] min. typ. 2 1/2 APBA3010SURKCGKC-GX hyper red (algainp) water clear 120 300 140 *40 *80 40 70 *40 *70 green (algainp) symbol parameter emitting color typ. max. units test conditions peak peak wavelength hyper red green 645 574 nm i f =20ma d [1] dominant wavelength hyper red green 630 570 nm i f =20ma ? 1/2 spectral line half-width hyper red green 28 20 nm i f =20ma c capacitance hyper red green 35 15 pf v f =0v;f=1mhz v f [2] forward voltage hyper red green 1.95 2.1 2.5 2.5 v i f =20ma i r reverse current hyper red green 10 10 ua v r = 5v parameter hyper red green units power dissipation 75 75 mw dc forward current 30 30 ma peak forward current [1] 185 150 ma reverse voltage 5 v operating temperature -40c to +85c storage temperature -40c to +85c notes: 1. wavelength: +/-1nm. 2. forward voltage: +/-0.1v. 3. wavelength value is traceable to cie127-2007 standards. 4. excess driving current and/or operating temperature higher t han recommended conditions may result in severe light degradatio n or premature failure. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. relative humidity levels maintained between 40% and 60% in pr oduction area are recommended to avoid the build-up of static electricity ? ref jedec/jesd625-a and jedec/j-std-033.
spec no: dsal3682 rev no: v.9a date: aug/01/2016 page: 3 of 6 approved: wynec checked: allen liu drawn: w.q.zhong erp : 1203000840 APBA3010SURKCGKC-GX hyper red
spec no: dsal3682 rev no: v.9a date: aug/01/2016 page: 4 of 6 approved: wynec checked: allen liu drawn: w.q.zhong erp : 1203000840 green
spec no: dsal3682 rev no: v.9a date: aug/01/2016 page: 5 of 6 approved: wynec checked: allen liu drawn: w.q.zhong erp : 1203000840 APBA3010SURKCGKC-GX reflow soldering is recommended and the soldering profile is shown below. other soldering methods are not recommended as they might cause damage to the product. recommended soldering pattern (units : mm; tolerance: 0.1) reel dimension tape dimensions (units : mm)
spec no: dsal3682 rev no: v.9a date: aug/01/2016 page: 6 of 6 approved: wynec checked: allen liu drawn: w.q.zhong erp : 1203000840 packing & label specifications APBA3010SURKCGKC-GX terms and conditions for the usage of this document 1. the information included in this docum ent reflects representative usage scenarios and is intended for technical reference on ly. 2. the part number, type, and specifications mentioned in this document are subject to future change and improvement without notice. before production usage customer should refer to the latest datasheet for the updated specifications. 3. when using the products referenced in this document, please make sure the produc t is being operated within the environmental and electrical limits specified in the dat asheet. if customer usage exceeds the spec ified limits, kingbright will not be respon sible for any subsequent issues. 4. the information in this document applies to typical usage in consumer electronics applicati ons. if customer's application ha s special reliability requirements or have life-threatening liabilitie s, such as automotive or m edical usage, please consult with kingbright representative for further assistance. 5. the contents and information of this document may not be reproduced or re-transmitted without permission by kingbright. 6. all design applications should refer to kingbright application notes available at http://www.kingbrightusa.com/applicationnotes


▲Up To Search▲   

 
Price & Availability of APBA3010SURKCGKC-GX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X