Part Number Hot Search : 
16652 2SC39 7438PC MSK690B T5111 T970006 H0101001 RGP15B
Product Description
Full Text Search
 

To Download 78L08 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  78L08 rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-92 ??? voltage regulator in a to-92 plastic package.  ?? 100ma,??? 3-terminal regulators, output current up to 100 ma, internal thermal overload protection and short-circuit limiting.  ? voltage regulator. ? / ?? / equivalent circuit or application circuit pin1 in pin 2 gnd pin 3 out ? / marking ?? see marking instructions / descriptions / features ? / applications / pinning 1 3 2
78L08 rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit input voltage v i 30 v output current i o 100 ma operating virtual junction temperature t j 0 125 power dissipation p d 500 mw storage temperature range t stg -65 150  parameter symbol test conditions ? min ? typ ? max unit output voltage v o i o 40ma t j =25 7.7 8.0 8.3 v i o =1ma to 40ma v i =10.5v to 23v 7.6 8.0 8.4 v i o =1ma to 70ma v i =14v 7.6 8.0 8.4 v input regulation vo v i =10.5v to 23v t j =25 42 175 mv v i =11v to 23v t j =25 36 125 mv ripple rejection rr v i =13v to 23v t j =25 f=120hz 37 46 db output regulation v o i o =1ma to 100ma t j =25 18 80 mv i o =1ma to 40ma t j =25 10 40 mv output noise voltage v n f=10hz to 100khz t j =25 54 v dropout voltage v d t j =25 1.7 v bias current i q t j =25 4 6 ma t j =125 5.5 ma bias current change i q v i =11v to 23v 1.5 ma i o =1ma to 40ma 0.1 ma ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
78L08 rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
78L08 rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
78L08 rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br ?? 78L08 ??? **** ???? note: br: company code. 78L08: product type. ****: lot no. code, code change with lot no. br 78L08 ****
78L08 rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-92 1,000 10 10,000 5 50,000 135190 237172102 560245195 1,000 10 10,000 10 100,000 135190 237172102 560245375 ? / ammo package type ?? units ? dimension ?? (unit mm3) units/tape ? / ? tape/inner box ? / rows/inner box ? / inner boxes/outer box / units/outer box ? / inner box outer box to-92 3,000 1 120 10 30,000 32823042 480346235 547407268 ?? / notices


▲Up To Search▲   

 
Price & Availability of 78L08

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X