Part Number Hot Search : 
MRF5175 78M07 TX38D14V M67799M MC330 SDC0603 8880V TV817
Product Description
Full Text Search
 

To Download TIP42 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  TIP42/42a/42b/42c silicon pnp power transistors features ? the complementary npn types are the tip 4 1 respectively to-220  
 omp onents 2 0736 marilla street chatsworth       
     mcc www. mccsemi .com revision: a 2011/01/01 tm micro commercial components marking : part number 1 of 2 ? absolute maximum ratings @ t a = 25 (unless otherwise noted) symbol parameter value unit v cbo TIP42 TIP42a TIP42b TIP42c collector-base voltage (open emitter) -40 -60 -80 -100 v v ceo TIP42 TIP42a TIP42b TIP42c collector-emitter voltage (open base) -40 -60 -80 -100 v v ebo emitter-base voltage (open collector) -5 v i c collector current -6 a i cm collector current pulse -10 a i b base current -2 a total device dissipation(ta=2 5) -2 w p c total device dissipation(tc=2 5) 65 w t j junction temperature 150 t stg storage temperature range -65 to +150 electrical charac teristics @ 25 o c unless otherwise specified symbol parameter min max units v ceo(sus) TIP42 TIP42a TIP42b TIP42c collector-emitter sustaining voltage ( i c =-30ma; i b =0) -40 -60 -80 -100 v v ce(sat) collector-emitter saturation voltage ( i c =-6a i b =-0.6a ) -1.5 v v be base-emitter voltage ( i c =-6a ; v ce =-4v ) -2.0 v i ces TIP42 TIP42a TIP42b TIP42c collector cut-off current (v ce =-40v; v eb =0) (v ce =-60v; v eb =0) (v ce =-80v; v eb =0) (v ce =-100v; v eb =0) -0.4 ma i ceo TIP42/42a TIP42b/c collector cut-off current (v ce =-30v; v eb =0) (v ce =-60v; v eb =0) -0.7 ma i ebo emitter cut-off current (v eb =-5v; i c =0) -1.0 ma h fe dc current gain (i c =-0.3a ; v ce =-4v) (i c =-3a ; v ce =-4v) 30 15 75 f t transition frequency ( i c =-0.5a ; v ce =-10v) 3 mhz notes:1.high temperature solder exemption applied, see eu directive annex 7. ? lead free finish/rohs compliant(note 1) ("p" suffix designates rohs compliant. see ordering information) min max note a .560 .625 14.22 15.88 b .380 .420 9.65 10.67 c .140 .190 3.56 4.82 d .020 .045 0.51 1.14 f .139 .161 3.53 4.09 ? g .190 .110 2.29 2.79 h --- .250 --- 6.35 j .012 .025 0.30 0.64 k .500 .580 12.70 14.73 l .045 .060 1.14 1.52 n .190 .210 4.83 5.33 q .100 .135 2.54 3.43 r .080 .115 2.04 2.92 s .045 .055 1.14 1.39 t .230 .270 5.84 6.86 u ----- .050 ----- 1.27 v .045 ----- 1.15 ----- g r b q h u l d c j k a f s t 1 3 2 n v dimensions inches mm dim min max pin 1. base pin 2. collector pin 3. emitter epoxy meets ul 94 v-0 flammability rating moisure sensitivity level 1
mcc revision: a 2011/01/01 tm micro commercial components www. mccsemi .com 2 of 2 ordering information : ***important notice*** micro commercial components corp. reserve s the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . micro commercial components corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . the user of products in such applications shall assume all risks of such use and will agree to hold micro commercial components corp . and all the companies whose products are represented on our website, harmless against all damages. ***life support*** mcc's products are not authorized for use as critical components in life support devices or systems without the express written approval of micro commercial components corporation. ***customer awareness*** counterfeiting of semiconductor parts is a growing problem in the industry. micro commercial components (mcc) is taking strong measures to protect ourselves and our customers from the proliferation of counterfeit parts. mcc strongly encourages customers to purchase mcc parts either directly from mcc or from authorized mcc distributors who are listed by country on our web page cited below. products customers buy either from mcc directly or from authorized mcc distributors are genuine parts, have full traceability, meet mcc's quality standards for handling and storage. mcc will not provide any warranty coverage or other assistance for parts bought from unauthorized sources. mcc is committed to combat this global problem and encourage our customers to do their part in stopping this practice by buying direct or from authorized distributors. device packing part number-bp bulk;1kpcs/box


▲Up To Search▲   

 
Price & Availability of TIP42

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X