Part Number Hot Search : 
AN5337K TD6102 AOT11N70 2SK31 S10K2 S6003L CDSS355 M13252DH
Product Description
Full Text Search
 

To Download T543B107M006AHW025 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated 6/15/2017 - fceb53ce-241d-4c9e-bee7-5cbbf73d5ab4 kemet part number: T543B107M006AHW025 tantalum, polymer tantalum, cots, t543_cots, 100 uf, 20%, 6.3 v, 3528, smd, polymer, molded, cots, up screening, n/a, 25 mohms, height max = 2.1mm dimensions footprint 3528 l 3.5mm +/-0.2mm w 2.8mm +/-0.2mm h 1.9mm +/-0.2mm t 0.13mm ref s 0.8mm +/-0.3mm f 2.2mm +/-0.1mm a 1.9mm min b 0.4mm +/-0.15mm e 2.2mm ref g 1.8mm ref p 0.5mm ref r 1mm ref x 0.1mm +/-0.1mm packaging specifications weight: 98.3 mg packaging: t&r, 178mm packaging quantity: 2000 general information dielectric: polymer tantalum style: smd chip series: t543_cots description: smd, polymer, molded, cots, up screening features: non-combustible, up screening, low esr, cots rohs: no termination: solder coated notes: in polarity stripe, at kemet's option, type may be indicated: no symbol = standard (or low leakage) mno2 tantalum chip, o = lowesr t494, r = low esr t495, f = fused t496, ht = 150c rated t498 (or b45196p, b45198p), h = 175c rated t499, m = multiple anode specifications capacitance: 100 uf capacitance tolerance: 20% voltage dc: 6.3 vdc (105c) temperature range: -55/+105c dissipation factor: 8% 120hz 25c failure rate: n/a resistance: 25 mohms (100khz) current: 1116 mamps (100khz 45c) leakage current: 63 uamps (5min 25c) testing and reliability: 10 cycles surge current testing at -55c and +85c ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of T543B107M006AHW025

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X