Part Number Hot Search : 
SNISDXXX FP75N 22000 SMB50 8002A ISL65 HE9015 SNC568
Product Description
Full Text Search
 

To Download T495C226K025ATE300 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  generated 6/15/2017 - fc7fff9b-19ac-450f-9467-e63bdb1a2cb7 kemet part number: T495C226K025ATE300 tantalum, mno2 tantalum, t495, 22 uf, 10%, 25 v, 6032, smd, mno2, molded, low esr, 300 mohms, height max = 2.8mm dimensions footprint 6032 l 6mm +/-0.3mm w 3.2mm +/-0.3mm h 2.5mm +/-0.3mm t 0.13mm ref s 1.3mm +/-0.3mm f 2.2mm +/-0.1mm a 2.9mm min b 0.5mm +/-0.15mm e 2.4mm ref g 2.8mm ref p 0.9mm ref r 1mm ref x 0.1mm +/-0.1mm packaging specifications weight: 224.48 mg packaging: t&r, 178mm packaging quantity: 500 general information dielectric: mno2 tantalum style: smd chip series: t495 description: smd, mno2, molded, low esr features: low esr rohs: yes termination: tin specifications capacitance: 22 uf capacitance tolerance: 10% voltage dc: 25 vdc (85c), 16.75 vdc (125c) temperature range: -55/+125c dissipation factor: 8% 120hz 20c failure rate: n/a resistance: 300 mohms (100khz) current: 606 mamps (100khz 25c), 545.4 mamps (85c), 242.4 mamps (125c) leakage current: 5.5 uamps (5min 20c) ? 2006 - 2017 intellidata.net statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and we specifically disclaim - any warranty concerning suitability for a specific customer application or use. this information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by us with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


▲Up To Search▲   

 
Price & Availability of T495C226K025ATE300

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X