Part Number Hot Search : 
M34116 F2010 BAW7604 MICRO F2010 FM104 0FB00 F640B
Product Description
Full Text Search
 

To Download SUR60100 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sur6080 thru sur60120 sur6080 v rsm v 800 v rrm v 800 symbol test conditions maximum ratings unit i frms i favm i frm t vj =t vjm t c =60 o c; rectangular, d=0.5 t p <10us; rep. rating, pulse width limited by t vjm 100 60 800 a t vj =45 o c t=10ms (50hz), sine t=8.3ms (60hz), sine t vj =150 o c t=10ms(50hz), sine t=8.3ms(60hz), sine 500 540 450 480 a i fsm t vj =45 o c t=10ms (50hz), sine t=8.3ms (60hz), sine t vj =150 o c t=10ms(50hz), sine t=8.3ms(60hz), sine 1250 1200 1000 950 a 2 s i 2 t t vj t vjm t stg -40...+150 150 -40...+150 o c p tot t c =25 o c m d mounting torque 189 0.8...1.2 6 w nm weight g dimensions to-247ac a=anode, c=cathode, tab=cathode c a dim. millimeter inches min. max. min. max. a 19.81 20.32 0.780 0.800 b 20.80 21.46 0.819 0.845 c 15.75 16.26 0.610 0.640 d 3.55 3.65 0.140 0.144 e 4.32 5.49 0.170 0.216 f 5.4 6.2 0.212 0.244 g 1.65 2.13 0.065 0.084 h - 4.5 - 0.177 j 1.0 1.4 0.040 0.055 k 10.8 11.0 0.426 0.433 l 4.7 5.3 0.185 0.209 m 0.4 0.8 0.016 0.031 n 1.5 2.49 0.087 0.102 SUR60100 1000 1000 sur60120 1200 1200 soft recovery behaviour ultra fast recovery epitaxial diodes c a c(tab) p1 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
sur6080 thru sur60120 advantages * high reliability circuit operation * low voltage peaks for reduced protection circuits * low noise switching * low losses * operating at lower temperature or space saving by reduced cooling applications * antiparallel diode for high frequency switching devices * antisaturation diode * snubber diode * free wheeling diode in converters and motor control circuits * rectifiers in switch mode power supplies (smps) * inductive heating and melting * uninterruptible power supplies (ups) * ultrasonic cleaners and welders features * international standard package jedec to-247ac * glass passivatd chips * very short recovery time * extremely low switching losses * low i rm -values * soft recovery behaviour symbol test conditions characteristic values typ. max. unit t vj =25 o c; v r =v rrm t vj =25 o c; v r =0.8 . v rrm t vj =125 o c; v r =0.8 . v rrm 3 0.5 14 ma i r i f =60a; t vj =150 o c t vj =25 o c 1.8 2.3 v v f r thjc r thck r thja 0.66 35 k/w 0.25 v r =540v; i f =60a; -di f /dt=480a/us; l<0.05uh; t vj =100 o c t rr i f =1a; -di/dt=200a/us; v r =30v; t vj =25 o c ns i rm a 35 v to for power-loss calculations only 1.43 v r t 6.1 m t vj =t vjm 50 32 _ 36 soft recovery behaviour ultra fast recovery epitaxial diodes * rohs compliant p2 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com
sur6080 thru sur60120 f ig. 1 f orward current f ig. 2 r ecovery charge vers us -di f /dt. f ig. 3 p eak revers e current vers us vers us voltage drop. -di f /dt. f ig. 4 dynamic parameters vers us f ig. 5 r ecovery time vers us -di f /dt. f ig. 6 p eak forward voltage junction temperature. vers us di f /dt. f ig. 7 t rans ient thermal impedance junction to cas e. soft recovery behaviour ultra fast recovery epitaxial diodes p3 ?2008 sirectifier all rights reserved, tel: +86-519-86800000 fax: +86-519-88019019 e-mail: sales@sirectifier.com www.sirectifier.com


▲Up To Search▲   

 
Price & Availability of SUR60100

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X