Part Number Hot Search : 
RS5C372B MC1449 47M50 NDS8410S APM2317A AP8842 D78CP14G RS5C372B
Product Description
Full Text Search
 

To Download SSL32F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  SSL32F ssl33f ssl34f ssl35f ssl36f ssl38f ssl310f ssl315f ssl320f u n it ymbol s s urge overload rating to 80a peak cha racteristic c ase: smaf, molded plastic weight: 0.037 grams (approx.) guard ring die construction classification rating 94v-o ideally suited for automatic assembly for use in low voltage application 3.0 a surface mount low vf schottky barrier diode t ypical junction capacitance 0.45 0.50 0.60 0.85 v 3.0 a 14 21 28 35 42 56 70 105 140 v 20 30 40 50 60 80 100 150 200 v SSL32F ? ssl320f feat ures ! sc hottky barrier chip ! ! low power loss, high efficiency ! ! ! ! plastic case material has ul flammability  m echanic al data ! ! te rminals: solder plated, solderable per mil-std-750, method 2026 ! polarity: cathode band or cathode notch ! marking: type number ! ! lead free: for rohs / lead free version m aximum r atings and electrical characteristics @t a =2 5 c unless otherwise specified p eak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rw m v r rm s reverse voltage v r( rm s) a v erage rectified output current @t l = 75 c i o non-repet itive peak forward surge current 8.3ms single half sine-wave superimposed on rated load (jedec method) i fs m 80 a forward vo ltage @i f = 3. 0a v fm p eak reverse current @t a = 25 c at rated dc blocking voltage @t a = 100 c i rm 0. 5 20 ma r  jl r  ja 28 88 c / w operat i ng t emperature range t j -65 t o +125 c s torage t e mperature range t st g -65 t o +150 c not e: 1. mounted on p.c. board with 5.0mm 2 c opper pad area. 1 of 2 SSL32F ? ssl320f t ypical thermal resistance (note 1) j c 110 30 110 pf z ibo seno electronic engineering co., ltd. www.senocn.com s m af 3.60 3.20 2.80 2.40 di m min max a b c d e f g a ll d imensions in mm 0.20 0.10 4.80 4.40 1.10 0.90 0.90 - 1.43 1.38 a b c d f e g alldatasheet
SSL32F ? ssl320f SSL32F ? ssl320f 0.01 0.1 1.0 10 0 0.4 0.8 1.2 i , inst a ntaneous forward current (a) f v , insta nt aneous fwd voltage (v) fig. 2 typ. forward characteristics f t - 25oc j i pulse w idth = 300 s f m 10 100 1000 0.1 1 10 100 c , junction cap acit ance (pf) j v , reverse volt age (v) fig. 4 typical junction capacitance r t = 25c f = 1 mhz j 0 20 40 60 80 100 120 140 i , instant aneous reverse current (ma) r percent of rated peak reverse voltage (%) fi g . 5 typical reverse characteristics t = 100oc j t = 75oc j t = 25oc j 100 10 1.0 0.1 0.01 0.001 2 of 2 z ibo seno electronic engineering co., ltd. www.senocn.com 0 20 40 60 80 10 0 11 01 0 0 i , pe ak forward surge current (a) f numbe r of cycles at 60 hz fi g . 3 m ax non-repetitive peak fwd sur g e cu rrent si ngl e ha lf-sine-wave (jedec method) t = 100c t 0 0.5 1.0 25 50 75 100 125 150 i average for w ard current (a) o, t , lead tempera ture ( c) fig. 1 forward current derating curve l 1.5 2.0 2.5 3.0 SSL32F- ssl34f ssl35f- ssl36f ssl38f- ssl310f ssl315f- ssl320f alldatasheet


▲Up To Search▲   

 
Price & Availability of SSL32F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X