Part Number Hot Search : 
C3030 NTE70 SPVQ4 NTE1407 P322H BD6225 B013B1 MSP43
Product Description
Full Text Search
 

To Download SSL32 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  creat by art ? for surface mounted application ? metal to sillicon rectifier, majority carrier conduction ? low forward voltage drop ? easy pick and place ? epitaxial construction SSL32 smc 850 / 7" reel r7 maximum ratings and el ectrical characteristics rating at 25 ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, derate current by 20% symbol unit v rrm v v rms v v dc v i f(av) a t j o c t stg o c 3.0amps surface m ount schottky barrier rectifier s features ? high surge current capability smc/do-214ab SSL32 - ssl34 ? meet msl level 1, per j-std-020d, lead free maximum peak of 260 ? plastic material used carriers underwriters laboratory classification 94v-0 ? high temperature soldering: 260 /10 seconds at terminals ? green compound with suffix "g" on packing code & prefix "g" on datecode mechanical data ? case: molded plastic ? terminals: matte tin plating ? polarity: indicated by cathode band ? packaging: 16mm tape per eia std rs-481 ? weight: 0.21 grams type number SSL32 ssl33 ssl34 maximum repetitive peak reverse voltage 20 30 40 maximum rms voltage 14 21 28 maximum dc blocking voltage 20 30 40 maximum average forward rectified current 3 peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load i fsm 100 a maximum reverse current @ rated vr t a =25 t a =100 i r 0.2 0.5 ma 50 100 typical thermal resistance r jl r ja 17 55 o c/w marking code sl32 sl33 sl34 green compound packing code operating temperature range - 55 to + 125 storage temperature range - 55 to + 150 note 1: pluse test with pw=300 usec, 1% duty cycle maximum instantaneous forward voltage (note 1) @ 3 a v f 0.41 v r7g version:e12 ordering information (example) part no. package packing packing code
version:e12 ratings and characteristic curves (SSL32 thru ssl34) 0 0.5 1 1.5 2 2.5 3 3.5 50 60 70 80 90 100 110 120 130 140 150 average forward a current (a) lead temperature ( o c) fig.1 forward current derating curve resistive or inductiveload 0 20 40 60 80 100 1 10 100 peak forward surge current (a) number of cycles at 60 hz fig. 2 maximum non-repetitive forward surge current at rated tl 8.3ms single half sine wave jedec method 0.001 0.01 0.1 1 10 100 0 20 40 60 80 100 120 140 instantaneous reverse a current (ma) percent of rated peak reverse voltage (%) fig. 4 typical reverse characteristics ta=25 ta=75 ta=100 10 100 1000 0.1 1 10 100 capacitance (pf) reverse voltage (v) fig. 5 typical junction capacitance ta=25 f=1.0mhz vsig=50mvp-p 0.01 0.1 1 10 100 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 instantaneous forward a current (a) forward voltage (v) fig. 3 typical forward characterisrics pulse width=300us 1% duty cycle ta=25
smc r7 smc r6 tape & reel specification abcdngt 2.0 0.4 +0.5;-0.2 min 1.0 +0.8;-0 max 7" 16mm 178 1.9 13 21 62 16.2 18.6 abcdngt max 0.5 0.5 min 0.5 +2.0;-0 max 13" 16mm 330 2 13 20.2 75 16.4 22.4 unit (mm) symbol a b c d e ordering information part no. package packing packing code green compound packing code unit(mm) ssl3x (note) 850 / 7" reel r7g 3k / 13" reel r6g note: "x" is device code from "2" thru "4". 3.3 2.5 6.8 4.4 9.3 reel size tape size reel size tape size suggested pad layout
dimensions min max min max a 2.90 3.20 0.114 0.126 b 6.60 7.11 0.260 0.280 c 5.59 6.22 0.220 0.245 d 2.00 2.62 0.079 0.103 e 1.00 1.60 0.039 0.063 f 7.75 8.13 0.305 0.320 g 0.10 0.20 0.004 0.008 h 0.15 0.31 0.006 0.012 i 1.26 1.56 0.050 0.061 p/n = specific device code g = green compound yw = date code marking diagram dim. unit(mm) unit(inch)


▲Up To Search▲   

 
Price & Availability of SSL32

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X