Part Number Hot Search : 
C45H7 A1152 TP1104 B1001 CXP82600 LH5499 A1152 12D05
Product Description
Full Text Search
 

To Download SBC86832-14 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  169 sbc86832 socket m intel ? core?2 duo mini itx sbc with intel ? 945gme + ich7m/-dh chipset, dvi-i/lvds, 4 com and firewire socket m for intel ? core?2 duo/core duo/core solo processor with fsb 533/667 mhz dvi-i interface for both vga and dvi external display devices 4 com ports for transaction terminal applications 8 usb 2.0 ports and 2 ieee 1394a ports i/o ordering information system mio 1 x ide; pata-100 1 x fdd/lpt(default); with spp/epp/ecp supported 1 x ps/2 keyboard; 1 x ps/2 mouse 3 x rs-232 (com 2/3/4); with +5v/+12v powered 1 x rs-232/422/485 (com 1); with +5v/+12v powered sata 2 x sata-150; with raid 0/1 (optional with ich7m-dh) hardware monitoring detect cpu/system temperature, voltage and fan speed ethernet 2 ports as 10/100/1000mbps support wake-on-lan, rpl/pxe boot rom with realtek rtl8111b audio ac'97 codec audio as mic-in/line-out with realtek alc655 usb 8 x usb 2.0 firewire 2 x ieee 1394a tpm infineon slb9635 for trusted platform (optional) smbus system management bus for advanced monitoring/control interface digital i/o 8 channels (3-in & 5-out) standard sbc86832dggaf (p/n: e386832100) socket m mini itx sbc with lvds/dvi-i, 10/100/1000mbps ethernet, ac 97 audio, 4 com ports and firewire cpu socket m for intel ? core?2 duo/ core? duo/ core? solo/ celeron ? m processors with fsb 533/667 mhz; intel ? celeron ? m processor ulv 423 onboard system memory 2 x 240-pin dimm supports ddr2-533/667 max. up to 4 gb chipset intel ? 945gme + ich7m/ich7m-dh bios phoenix-award ssd 1 x compactflash? type-ii (optional) watchdog timer 255 levels, 1~255 sec. expansion interface 1 x pci for 32-bit pci supports 2 bus masters 1 x pci express mini card (optional) battery lithium 3v/220 mah power requirements intel ? core?2 duo t7600 2.33 ghz, 2 gb ddr2 max. rms: +5v_sby @ 0.025a, +3.3v @ 0.106a, +5v @ 1.923a, +12v @ 1.584a, -12v @ na size 170 x 170 mm board thickness 1.6 mm temperature 0 ~ +60c (32f ~ 140f), operation relative humidity 10% ~ 95% relative humidity, non-condensing features side view low power dualview fdd/lpt d i/o com 2/3/4 pata-100 pci lvds usb 5/6/7/8 audio ieee 1394a + usb 3/4 ieee 1394a + usb 1/2 ethernet 1/2 com+dvi-i ddr2 dimm socket m sata2 display chipset intel ? gma 950 graphics core memory size intel ? dvmt 3.0 compliant display interface 1 x lvds; 18/24-bit single/dual channel 1 x dvi-i pcie mini pcie mini pcie mini packing list standard quick installation guide, user's manual/utility cd, cable,cpu cooler cable part number description qty 593826a0000e sata signal cable 500 mm 1 59382601000e ultra dma66 ide cable 40-pin 455 mm 1 59384500200e com x 2 w/ bracket, p=2.0, l=250 mm 1 59386831000e usb cable x 2 w/ bracket, p=2.54 mm l=180 mm 1 59386832000e wafer 2.00 mm 6p to ps/2 cable, l=200 mm 1 594826a0000e dvi to vga adaptor 1 * all specifications and photos are subject to change without notice.


▲Up To Search▲   

 
Price & Availability of SBC86832-14

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X