Part Number Hot Search : 
FDLL4148 2MR30 PE4256 BP1F3P AX2077 GP7N60 P6KE170A 34053
Product Description
Full Text Search
 

To Download PME261KC5100MR30 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 070_pme261 ? 9/23/2016 1 benefts ? voltage range: 400 C 1,000 vdc; 220 C 500 vac ? ca pacitance range: 0.001 C 1 f ? le ad spacing: 10.2 C 25.4 mm ? ca pacitance tolerance: 10%, 20%, 5% on request ? cl imatic category: 40/70/56, iec 60068C1 ? ta pe and reel packaging in accordance with iec 60286C2 ? ro hs compliant and lead-free terminations ? operating t emperature r ange o f - 40?c t o + 70?c i n a c ap plications overview the pme261 series is constructed of multilayer metallized paper, encapsulated and impregnated in self-extinguishing material meeting the requirements of ul 94 vC0. applications for general use in dc and low frequency pulse applications. general purpose, pulse and dc transient suppression pme261 series metallized impregnated paper, 10.2 C 25.4 mm lead spacing, 400 C 1,000 vdc legacy part number system pme261 k a 5100 k r30 series rated voltage (vac) lead spacing (mm) capacitance code (pf) capacitance tolerance packaging metallized paper k = 220 e = 300 j = 500 a = 10.2 b = 15.2 c = 20.3 e = 25.4 the last three digits represent s ignifcant fg ures. f irst d igit sp ecifes t he t otal nu mber of digits in the capacitance value. j = 5% k = 10% m = 20% see ordering options table new kemet part number system p 561 h e 103 k 220 a capacitor class series lead spacing (mm) size code capacitance code (pf) capacitance tolerance rated voltage (vac) packaging p = paper metallized paper general purpose h = 10.2 q = 15.2 c = 20.3 e = 25.4 see dimension table first two digits indicate the two most s ignifcant d igits o f t he ca pacitance value in picofarads. the third digit is the number of following zeroes. j = 5% k = 10% m = 20% 220 = 220 300 = 300 500 = 500 see ordering options table one world. one kemet
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 070_pme261 ? 9/23/2016 2 benefts cont'd ? operating temperature range of -40?c to +100?c in dc ap plications ? ex cellent self-healing properties. ensures long life even when subjected to frequent over-voltages. ? go od resistance to ionization due to impregnated dielectric ? ie c publication 166 type 1 ? hi gh dv/dt capability ? ap proved according to seCmilCqpl ? th e capacitors meet the most stringent iec humidity class, 56 days ? th e impregnated paper ensures excellent stability giving outstanding reliability properties, especially in applications having continuous operation ordering options table lead spacing nominal (mm) type of leads and packaging lead length (mm) kemet lead and packaging code legacy lead and packaging code 10.2 standard lead and packaging options bulk (bag) C short leads 6 +0/-1 c r06 bulk (bag) C max length leads 17 +0/-1 a r17 tape & reel (standard reel) h 0 = 18.5 +/-0.5 other lead and packaging options tape & reel (large reel) h 0 = 18.5 +/-0.5 native 10.2 formed to 7.5 +/-0.5 laf3 r30xa 15.2 standard lead and packaging options bulk (bag) C short leads 6 +0/-1 c r06 bulk (bag) C max length leads 30 +5/-0 a r30 tape & reel (standard reel) h 0 = 18.5 +/-0.5 other lead and packaging options tape & reel (large reel) h 0 = 18.5 +/-0.5 20.3 standard lead and packaging options bulk (tray) C short leads 6 +0/-1 c r06 bulk (bag) C max length leads 30 + 5/-0 a r30 tape & reel (standard reel) h 0 = 18.5 +/-0.5 other lead and packaging options tape & reel (large reel) h 0 = 18.5 +/-0.5 film capacitors C general purpose, pulse and dc transient suppression pme261 series metallized impregnated paper, 10.2 C 25.4 mm lead spacing, 400 C 1,000 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 070_pme261 ? 9/23/2016 3 ordering options table cont'd dimensions C millimeters l b front view side view h ll p d size code l d nominal tolerance nominal tolerance nominal tolerance nominal tolerance nominal tolerance he 10.2 +/-0.4 3.9 maximum 7.5 maximum 13.5 maximum 0.6 +/-0.05 hl 10.2 +/-0.4 5.1 maximum 10.5 maximum 13.5 maximum 0.6 +/-0.05 qe 15.2 +/-0.4 5.2 maximum 10.5 maximum 18.5 maximum 0.8 +/-0.05 qm 15.2 +/-0.4 7.3 maximum 13.0 maximum 18.5 maximum 0.8 +/-0.05 qp 15.2 +/-0.4 7.8 maximum 13.5 maximum 18.5 maximum 0.8 +/-0.05 ce 20.3 +/-0.4 7.6 maximum 14.0 maximum 24.0 maximum 0.8 +/-0.05 cg 20.3 +/-0.4 8.4 maximum 14.0 maximum 24.0 maximum 0.8 +/-0.05 cj 20.3 +/-0.4 9.0 maximum 15.0 maximum 24.0 maximum 0.8 +/-0.05 cp 20.3 +/-0.4 11.3 maximum 16.5 maximum 24.0 maximum 0.8 +/-0.05 eh 25.4 +/-0.4 10.6 maximum 17.3 maximum 30.5 maximum 1 +/-0.05 el 25.4 +/-0.4 15.3 maximum 22.0 maximum 30.5 maximum 1 +/-0.05 ote see ordering options table for lead length () options. ead spacing ominal (mm) type of eads and packaging ead ength (mm) kemet ead and packaging code egacy ead and packaging code standard lead and packaging options bulk (tray) C short leads 6 +0/-1 c r06 bulk (bag) C max length leads 30 +5/-0 a r30 film capacitors C general purpose, pulse and dc transient suppression pme261 series metallized impregnated paper, 10.2 C 25.4 mm lead spacing, 400 C 1,000 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 070_pme261 ? 9/23/2016 4 performance characteristics rated voltage v r (vdc) 400 630 1000 rated voltage v r (vac) 220 300 500 capacitance range (f) 0.0082 C 1.0 0.001 C 0.15 0.001 C 0.1 capacitance tolerance 10%, 20%, 5% on request temperature range -40 t o + 70c -40 t o + 100c climatic category 40/070/56 dissipation fa ctor t an maximum v alues a t + 23c 1 khz 1.3% insulation resistance measured a t + 20c, a ccording t o i ec 6 0384C2 minimum values between terminals c 0 .33 f 1 2,000 m ? c > 0.33 f 4 ,000 m ? ? f pme261 k m easured a t 1 00 v dc a fter 6 0 s econds, + 23c pme261 e a nd j m easured a t 5 00 v dc a fter 6 0 s econds, + 23c environmental test data test iec publication procedure vibration iec 60068C2C6 test fc 3 directions at 2 hours each 10 C 55 hz at 0.75 mm or 98 m/s 2 bump iec 60068C2C29 test eb 4,000 bumps at 390 m/s 2 solderability iec 60068C2C20 test ta solder globule method wetting time for d 0 .8 < 1 s econd for d > 0.8 < 1.5 seconds +40c a nd 9 0 C 9 5% r h, 5 6 d ays environmental compliance all kemet metallized impregnated paper capacitors are rohs compliant. film capacitors C general purpose, pulse and dc transient suppression pme261 series metallized impregnated paper, 10.2 C 25.4 mm lead spacing, 400 C 1,000 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 070_pme261 ? 9/23/2016 5 table 1 C ratings & part number reference capacitance value (f) maximum dimensions in mm lead spacing (p) dv/dt (v/s) new kemet part number legacy part number b h l 0.0082 3.9 7.5 13.5 10.2 2000 p561he822(1)220(2) pme261ka4820(1)(2) 0.010 3.9 7.5 13.5 10.2 2000 p561he103(1)220(2) pme261ka5100(1)(2) 0.015 5.1 10.5 13.5 10.2 2000 p561hl153(1)220(2) pme261k a5150(1)(2) 0.022 5.1 10.5 13.5 10.2 2000 p561hl223(1)220(2) pme261ka5220(1)(2) 0.033 5.2 10.5 18.5 15.2 1600 p561qe333(1)220(2) pme261kb5330(1)(2) 0.047 5.2 10.5 18.5 15.2 1300 p561qe473(1)220(2) pme261kb5470(1)(2) 0.068 7.3 13.0 18.5 15.2 1100 p561qm683(1)220(2) pme261kb5680(1)(2) 0.1 7.3 13.0 18.5 15.2 850 p561qm104(1)220(2) pme261kb6100(1)(2) 0.15 7.6 14.0 24.0 20.3 700 p561ce154(1)220(2) pme261kc6150(1)(2) 0.22 8.4 14.0 24.0 20.3 560 p561cg224(1)220(2) pme261kc6220(1)(2) 0.33 11.3 16.5 24.0 20.3 430 p561cp334(1)220(2) pme261kc6330(1)(2) 0.47 10.6 17.3 30.5 25.4 370 p561eh474(1)220(2) pme261ke6470(1)(2) 0.68 15.3 22.0 30.5 25.4 300 p561el684(1)220(2) pme261ke6680(1)(2) 1 15.3 22.0 30.5 25.4 220 p561el105(1)220(2) pme261ke7100(1)(2) 0.001 3.9 7.5 13.5 10.2 2000 p561he102(1)300(2) pme261ea4100(1)(2) 0.0015 3.9 7.5 13.5 10.2 2000 p561he152(1)300(2) pme261ea4150(1)(2) 0.0022 3.9 7.5 13.5 10.2 2000 p561he222(1)300(2) pme261ea4220(1)(2) 0.0033 3.9 7.5 13.5 10.2 2000 p561he332(1)300(2) pme261ea4330(1)(2) 0.0047 3.9 7.5 13.5 10.2 2000 p561he472(1)300(2) pme261ea4470(1)(2) 0.0068 3.9 7.5 13.5 10.2 2000 p561he682(1)300(2) pme261ea4680(1)(2) 0.01 5.1 10.5 13.5 10.2 2000 p561hl103(1)300(2) pme261ea5100(1)(2) 0.015 5.1 10.5 13.5 10.2 2000 p561hl153(1)300(2) pme261ea5150(1)(2) 0.022 5.2 10.5 18.5 15.2 2000 p561qe223(1)300(2) pme261eb5220(1)(2) 0.033 5.2 10.5 18.5 15.2 2000 p561qe333(1)300(2) pme261eb5330(1)(2) 0.047 7.3 13.0 18.5 15.2 1600 p561qm473(1)300(2) pme261eb5470(1)(2) 0.068 7.3 13.0 18.5 15.2 1200 p561qm683(1)300(2) pme261eb5680(1)(2) 0.1 7.6 14.0 24.0 20.3 900 p561ce104(1)300(2) pme261ec6100(1)(2) 0.15 9.0 15.0 24.0 20.3 650 p561cj154(1)300(2) pme261ec6150(1)(2) 0.001 3.9 7.5 13.5 10.2 2000 p561he102(1)500(2) pme261ja4100(1)(2) 0.0015 3.9 7.5 13.5 10.2 2000 p561he152(1)500(2) pme261ja4150(1)(2) 0.0022 3.9 7.5 13.5 10.2 2000 p561he222(1)500(2) pme261ja4220(1)(2) 0.0033 3.9 7.5 13.5 10.2 2000 p561he332(1)500(2) pme261ja4330(1)(2) 0.0047 5.1 10.5 13.5 10.2 2000 p561hl472(1)500(2) pme261ja4470(1)(2) 0.0068 5.1 10.5 13.5 10.2 2000 p561hl682(1)500(2) pme261ja4680(1)(2) 0.01 5.2 10.5 18.5 15.2 2000 p561qe103(1)500(2) pme261jb5100(1)(2) 0.015 5.2 10.5 18.5 15.2 2000 p561qe153(1)500(2) pme261jb5150(1)(2) 0.022 7.3 13.0 18.5 15.2 2000 p561qm223(1)500(2) pme261jb5220(1)(2) 0.033 7.8 13.5 18.5 15.2 2000 p561qp333(1)500(2) pme261jb5330(1)(2) 0.047 7.6 14.0 24.0 20.3 2000 p561ce473(1)500(2) pme261jc5470(1)(2) 0.068 9.0 15.0 24.0 20.3 1400 p561cj683(1)500(2) pme261jc5680(1)(2) 0.1 11.3 16.5 24.0 20.3 950 p561cp104(1)500(2) pme261jc6100(1)(2) capacitance value (f) b (mm) h (mm) l (mm) lead spacing (p) dv/dt (v/s) new kemet part number legacy part number (1) k = 10%, m = 20%, j = 5% on request. (2) insert lead and packaging code. see ordering options table for available options. film capacitors C general purpose, pulse and dc transient suppression pme261 series metallized impregnated paper, 10.2 C 25.4 mm lead spacing, 400 C 1,000 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 070_pme261 ? 9/23/2016 6 manual soldering recommendations following is the recommendation for manual soldering with a soldering iron. the soldering iron tip temperature should be set at 350c (+10c maximum) with the soldering duration not t o exceed more than 3 seconds. recommended soldering temperature 0 50 100 150 200 250 300 350 400 0 1 2 3 4 5 6 7 8 soldering time (sec) soldering iron bit temperature (deg c) soldering process the implementation of the rohs directive has resulted in the selection of snagcu (sac) alloys or sncu alloys as primary solder. this has increased the liquidus temperature from that of 183oc for snpb eutectic alloy to 217 C 221oc for the new alloys. as a result, the heat stress to the components, even in wave soldering, has increased considerably due to higher pre-heat and wave temperatures. polypropylene capacitors are especially sensitive to heat (the melting point of polypropylene is 160 C 170oc). wave soldering can be destructive, especially for mechanically small polypropylene capacitors (with lead spacing of 5 mm to 15 mm), and gr eat car e has t o be tak en during s oldering. the r ecommended solder pr ofles fr om keme t should be us ed. please consult kemet with any questions. in general, the wave soldering curve from iec publication 61760-1 edition 2 serves as a solid guideline for successful soldering. please see figure 1. refow soldering is not r ecommended for thr ough-hole flm capacit ors. exposing capacit ors t o a soldering pr ofle in ex cess of the abov e the recommended limits may result to degradation or permanent damage to the capacitors. do not place the polypropylene capacitor through an adhesive curing oven to cure resin for surface mount components. insert through-hole par ts after the curing of sur face mount par ts. cons ult ke met t o discus s the actual temper ature pr ofle in the o ven, if through-hole components must pass through the adhesive curing process. a maximum two soldering cycles is recommended. please allow time for the capacitor surface temperature to return to a normal temperature before the second soldering cycle. wave soldering recommendations 0 50 100 150 200 250 300 0 40 80 120 160 200 240 temperature ( c) time (s) ca 2 c/s ca 3.5 c/s typical ca 5 c/s cooling 2+3s max 115 c max t preheat t <150 c 100 c preheating typical first wave second wave 260 c film capacitors C general purpose, pulse and dc transient suppression pme261 series metallized impregnated paper, 10.2 C 25.4 mm lead spacing, 400 C 1,000 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 070_pme261 ? 9/23/2016 7 soldering process cont'd wave soldering recommendations cont'd 1. the table indicates the maximum set-up temperature of the soldering process figure 1 dielectric film material maximum preheat temperature maximum peak soldering temperature capacitor pitch 1 0 m m capacitor pitch = 15 mm capacitor pitch > 15 mm capacitor pitch 1 5 m m capacitor pitch > 15 mm polyester 130c 130c 130c 270c 270c polypropylene 100c 110c 130c 260c 270c paper 130c 130c 140c 270c 270c polyphenylene sulphide 150c 150c 160c 270c 270c 2. the maximum temperature measured inside the capacitor: se t the temperature so that inside the element the maximum temperature is below the limit: dielectric film material maximum temperature measured inside the element polyester 160c polypropylene 110c paper 160c polyphenylene sulphide 160c temperature monitored inside the capacitor. selective soldering recommendations selective dip soldering is a v ariation of r efow soldering. in this method, the printed cir cuit boar d with thr ough-hole components t o be solder ed is pr eheated and tr ansported o ver the solder bath as in normal fow soldering without t ouching the solder. when the boar d is over the bath, it is stopped and pre-designed solder pots are lifted from the bath with molten solder only at the places of the selected components, and pressed against the lower surface of the board to solder the components. the temper ature pr ofle for selectiv e soldering is similar t o the double wa ve fow soldering outlined in this document, howev er, instead of two baths, there is only one bath with a time from 3 to 10 seconds. in selective soldering, the risk of overheating is gr eater than in double wa ve fow soldering, and gr eat car e must be tak en so that the par ts ar e not o verheated. film capacitors C general purpose, pulse and dc transient suppression pme261 series metallized impregnated paper, 10.2 C 25.4 mm lead spacing, 400 C 1,000 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 070_pme261 ? 9/23/2016 8 construction detailed cross section self-extinguishing resin self-extinguishing resin leads metal contact layer metal contact layer margin metallized impregnated paper (first layer) margin margin metallized impregnated paper (second layer) single-sided metallized polypropylene film film winding scheme options 1 section single-sided metallized polypropylene film single-sided metallized polypropylene film single-sided metallized polypropylene film single-sided metallized polypropylene film 2 sections 3 sections 4 sections single-sided metallized polypropylene film polypropylene film dielectric 1 section double-sided metallized polyester film 3 sections double-sided metallized polyester carrier film polypropylene film dielectric double-sided metallized polyester carrier film 2 sections polypropylene film dielectric double-sided metallized polyester carrier film single-sided metallized polypropylene film 4 sections polypropylene film dielectric double-sided metallized polyester carrier film polypropylene film dielectric 1 section polypropylene film/foil 2 sections metal foil metal foil single-sided metallized polypropylene film polypropylene film dielectric metallized polyphenyl- ene sulfide film with vacuum-evaporated aluminum electrodes 1 section metallized polyphenylene sulfide film (smr) metallized impregnated paper 1 section metallized impregnated paper single-sided metallized polyester film 1 section single-sided metallized polyester film polypropylene film dielec- tric 1 section axial - polypropylene film/foil 2 sections metal foil single-sided metallized polypropylene film polypropylene film dielectric metal foil single-sided metallized polypropylene film 2 sections polypropylene film dielectric double-sided metallized polyester carrier film single-sided metallized polypropylene film 1 section axial - single-sided metallized polypropylene film single-sided metallized polyester film 1 section axial - single-sided metallized polyester film axial - double-sided metallized polyester film winding scheme film capacitors C general purpose, pulse and dc transient suppression pme261 series metallized impregnated paper, 10.2 C 25.4 mm lead spacing, 400 C 1,000 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 070_pme261 ? 9/23/2016 9 marking back front top capacitance voltage iec climatic category series manufacturing date code voltage code manufacturing plant rifa logo dielectric code film capacitors C general purpose, pulse and dc transient suppression pme261 series metallized impregnated paper, 10.2 C 25.4 mm lead spacing, 400 C 1,000 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 070_pme261 ? 9/23/2016 10 packaging quantities lead spacing (mm) thickness (mm) height (mm) length (mm) bulk short leads bulk long leads standard reel ? 360 mm large reel ? 500 mm ammo formed 10.2 3.9 7.5 13.5 2000 1000 700 1400 800 4.1 8.2 13.5 2000 1000 600 780 5.1 10.5 13.5 1600 800 600 1200 630 15.2 5.5 12.5 18 1000 500 600 6.5 12.5 18 600 400 400 7.5 14.5 18 600 400 400 8.5 16 18 400 250 400 5.2 10.5 18.5 1000 500 600 5.5 11 18.5 1000 500 500 6 12.5 18.5 600 400 400 7.3 13 18.5 600 400 400 800 7.8 13.5 18.5 600 400 400 8.5 14.3 18.5 500 300 350 20.3 7.6 14 24 1500 250 250 500 8.4 14 24 1200 200 250 500 9 15 24 1500 200 250 11.3 16.5 24 1000 150 180 400 25.4 10.6 16.1 30.5 1000 150 10.5 17.3 30.5 1000 100 12.1 19 30.5 800 100 15.3 22 30.5 600 75 film capacitors C general purpose, pulse and dc transient suppression pme261 series metallized impregnated paper, 10.2 C 25.4 mm lead spacing, 400 C 1,000 vdc
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 070_pme261 ? 9/23/2016 11 lead taping & packaging (iec 60286C2) taping specif cation dimensions in mm standard iec 60286C2 lead spacing +6/?0.1 f formed 7.5 10.2 15.2 20.3 22.5 f carrier tape width +/?0.5 w 18 18 18 18 18 18 +1/?0.5 hold-down tape width +/?0.3 w 0 9 12 12 12 12 position of sprocket hole +/?0.5 w 1 9 9 9 9 9 9 +0.75/?0.5 distance between tapes maximum w 2 3 3 3 3 3 3 sprocket hole diameter +/?0.2 d 0 4 4 4 4 4 4 feed hole lead spacing +/?0.3 p 0 (1) 12.7 (4) 12.7 12.7 12.7 12.7 12.7 distance lead C feed hole +/?0.7 p 1 3.75 7.6 5.1 8.9 5.3 p 1 deviation tape C plane maximum ?p 1.3 1.3 1.3 1.3 1.3 1.3 lateral deviation maximum ?h 2 2 2 2 2 2 total thickness +/?0.2 t 0.7 0.7 0.7 0.7 0.9 max 0.9 max sprocket hole/cap body nominal h 0 (2) 18 +2/?0 18 +2/?0 18 +2/?0 18 +2/?0 18.5 +/?0.5 18 +2/?0 sprocket hole/top of cap body maximum h 1 (3) 35 35 35 35 58 58 max (1) maximum cumulative feed hole error, 1 mm per 20 parts. (2) 16.5 mm available on request. (3) depending on case size. (4) 15 mm available on request. film capacitors C general purpose, pulse and dc transient suppression pme261 series metallized impregnated paper, 10.2 C 25.4 mm lead spacing, 400 C 1,000 vdc lead spacing 10.2 ? 15.2 mm lead spacing 20.3 ? 22.5 mm formed leads from 10.2 to 7.5 mm 0 0 0
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 070_pme261 ? 9/23/2016 12 lead taping & packaging (iec 60286C2) cont'd ammo specif cations series dimensions (mm) h w t r4x, r4x+r, r7x, rsb 360 340 59 f5a, f5b, f5d f6xx, f8xx phexxx, pmexxx, pmrxxx 330 330 50 reel specif cations series dimensions (mm) d h w r4x, r4x+r, r7x, rsb 355 500 30 25 55 (max) f5a, f5b, f5d f6xx, f8xx phexxx, pmexxx, pmrxxx 360 500 30 46 (max) manufacturing date code (iecC60062) y = year, z = month year code month code 2000 m january 1 2001 n february 2 2002 p march 3 2003 r april 4 2004 s may 5 2005 t june 6 2006 u july 7 2007 v august 8 2008 w september 9 2009 x october o 2010 a november n 2011 b december d 2012 c 2013 d 2014 e 2015 f 2016 h 2017 j 2018 k 2019 l 2020 m film capacitors C general purpose, pulse and dc transient suppression pme261 series metallized impregnated paper, 10.2 C 25.4 mm lead spacing, 400 C 1,000 vdc h t w d w h
? kemet electronics corporation ? p.o. box 5928 ? greenville, sc 29606 ? 864-963-6300 ? www.kemet.com f3 070_pme261 ? 9/23/2016 13 kemet electronic corporation sales off ces for a complete list of our global sales off ces, please visit www.kemet.com/sales. disclaimer all product specif cations, statements, information and data (collectively, the information) in this datasheet are subject to change. the customer is responsible for checking and verifying the extent to which the information contained in this publication is applicable to an order at the time the order is placed. all information given herein is believed to be accurate and reliable, but it is presented without guarantee, warranty, or responsibility of any kind, expressed or implied. statements of suitability for certain applications are based on kemet electronics corporations (kemet) knowledge of typical operating conditions for such applications, but are not intended to constitute C and kemet specif cally disclaims C any warranty concerning suitability for a specif c customer application or use. the information is intended for use only by customers who have the requisite experience and capability to determine the correct products for their application. any technical advice inferred from this information or otherwise provided by kemet with reference to the use of kemets products is given gratis, and kemet assumes no obligation or liability for the advice given or results obtained. although kemet designs and manufactures its products to the most stringent quality and safety standards, given the current state of the art, isolated component failures may still occur. accordingly, customer applications which require a high degree of reliability or safety should employ suitable designs or other safeguards (such as installation of protective circuitry or redundancies) in order to ensure that the failure of an electrical component does not result in a risk of personal injury or property damage. although all productCrelated warnings, cautions and notes must be observed, the customer should not assume that all safety measures are indicted or that other measures may not be required. kemet is a registered trademark of kemet electronics corporation. film capacitors C general purpose, pulse and dc transient suppression pme261 series metallized impregnated paper, 10.2 C 25.4 mm lead spacing, 400 C 1,000 vdc


▲Up To Search▲   

 
Price & Availability of PME261KC5100MR30

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X