Part Number Hot Search : 
C4518 M2001 2SK307 FCF06A40 HT9435 79L10 UR202 SDS511Q
Product Description
Full Text Search
 

To Download KTA1700-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2004. 3. 22 1/3 semiconductor technical data kta1700 epitaxial planar pnp transistor revision no : 4 high voltage application. features high transition frequency : f t =100mhz(typ.). complementary to ktc2800. maximum rating (ta=25 ) to-126 h j millimeters c e f g d a b dim a c e f g h j k m o p n l d 1. emitter 2. collector 3. base k l m n o p 8.3 max 5.8 0.7 3.2 0.1 3.5 11.0 0.3 2.9 max 1.0 max 1.9 max 0.75 0.15 2.3 0.1 0.65 0.15 1.6 3.4 max b 1 23 + _ + _ + _ 15.50 0.5 + _ + _ + _ electrical characteristics (ta=25 ) note : h fe classification o:70~140, y:120~240 characteristic symbol rating unit collector-base voltage v cbo -160 v collector-emitter voltage v ceo -160 v emitter-base voltage v ebo -5 v collector current i c -1.5 a base current i b -0.3 a collector power dissipation ta=25 p c 1.5 w tc=25 10 junction temperature t j 150 storage temperature range t stg -55 150 characteristic symbol test condition min. typ. max. unit collector cut-off current i cbo v cb =-160v, i e =0 - - -1.0 a emitter cut-off current i ebo v eb =-5v, i c =0 - - -1.0 a collector-emitter breakdown voltage v (br)ceo i c =-10ma, i b =0 -160 - - v emitter-base breakdown voltage v (br)ebo i e =-1ma, i c =0 -5.0 - - v dc current gain h fe (note) v ce =-5v, i c =-100ma 70 - 240 collector-emitter saturation voltage v ce(sat) i c =-500ma, i b =-50ma - - -1.5 v base-emitter voltage v be v ce =-5v, i c =-500ma - - -1.0 v transition frequency f t v ce =-10v, i c =-100ma - 100 - mhz collector output capacitance c ob v cb =-10v, i e =0, f=1mhz - 30 - pf
2004. 3. 22 2/3 kta1700 revision no : 4 pc - ta ambient temperature ta ( c) 0 20 40 c 0 collector power dissipaztion p (w) 20 f - i tc c collector current i (ma) -5 300 t 0 transition frequency f (mhz) 30 -10 -30 -100 -300 -1k 50 100 common emitter v =-10v tc=25 c ce 60 80 100 120 140 160 180 5 10 25 15 30 tc=ta no heat sink 1 2 1 2 infinite heat sink i - v cce ce collector-emitter voltage v (v) 0-2-4-6 -0.2 c 0 collector current i (a) v - i ce(sat) c c collector current i (a) -1 -3 -0.003 -1 ce(sat) collector-emitter saturation 10 dc current gain h fe 300 -0.003 -3 -1 collector current i (a) c c fe h - i -0.2 collector current i (a) 0 c -0.2 0 base-emitter voltage v (v) be be c i - v -8 -10 -12 -14 -16 -0.4 -0.6 -0.8 -1.0 common emitter tc=25 c i =-2ma b -4ma -6ma -8ma -12ma -20ma 0ma -0.01 -0.03 -0.1 -0.3 30 50 100 common emitter v =-5v ce tc=100 c tc=25 c tc=-25 c voltage v (v) -0.01 -0.03 -0.1 -0.3 -0.03 -0.05 -0.1 -0.3 -0.5 common emitter i / i =10 c b tc=100 c tc=25 c tc=-25 c -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -0.4 -0.6 -0.8 -1.0 common v =-5v ce emitter tc= 100 c tc=25 c tc =-25 c
2004. 3. 22 3/3 kta1700 revision no : 4 collector current i (a) -3 c -0.02 -30 -10 -5 collector-emitter voltage v (v) ce safe operating area -50 -100 -300 -0.05 -0.1 -0.3 -0.5 -1 -5 single nonre- petitive pulse tc=25 c curves must be derated linearly with increase in temperature i max(pulsed) c c i max (continuous) dc s/b limited 1ms 10ms 100ms -1.5


▲Up To Search▲   

 
Price & Availability of KTA1700-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X