Part Number Hot Search : 
IPD60 AN77L05 4LVC2G L6392 WDW3T ESDA5V G3202 MP880106
Product Description
Full Text Search
 

To Download IDT5V41065 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  datasheet 2 output pcie ge n1/2 synthesizer IDT5V41065 idt? 2 output pcie gen1/2 synthesizer 1 IDT5V41065 april 17, 2017 recommended applications 2 output synthesizer for pcie gen1/2 and ethernet general description the IDT5V41065 is a pcie gen2 compliant spread spectrum capable clock generator. the device has 2 differential hcsl outputs and can be used in communication or embedded systems to substantially reduce electro-magnetic interference (emi). the spread amount and output frequency are selectable via select pins. the IDT5V41065 can also supply 25 mhz, 125 mhz and 200 mhz outputs for applications such as ethernet. output features ? 2 - 0.7v current mode differential hcsl output pairs features/benefits ? 16-pin tssop and qfn packages; small board footprint ? spread-spectrum capable; reduces emi ? outputs can be terminated to lvds; can drive a wider variety of devices ? 25 mhz, 125 mhz and 200 mhz output frequencies; tssop only ? 100mhz and 200mhz output frequencies; vfqfpn package ? oe control pin; greater system power management ? spread% and frequency pin selection; no software required to configure device ? industrial temperature range available; supports demanding embedded applications ? for pcie gen3 applications, see the 5v41235 key specifications ? cycle-to-cycle jitter < 100 ps ? output-to-output skew < 50 ps ? pcie gen2 phase jitter < 3.0ps rms block diagram phase lock loop clock buffer/ crystal oscillator vdd gnd x1/iclk x2 25 mhz crystal or clock control logic ss1:ss0 2 s1:s0 2 clk0 clk0 rr(iref) clk1 clk1 2 2 oe optional tuning crystal capacitors
IDT5V41065 2 output pcie gen1/2 synthesizer idt? 2 output pcie gen1/2 synthesizer 2 IDT5V41065 april 17, 2017 pin assignment output select table 1 (mhz)?tssop only spread selection table 2?tssop only output/spread select table 3 - vfqfpn only 1 2 3 x2 4 s1 5 6 clk0 7 8 clk0 gndoda vddxd oe ss0 16 x1/iclk ss1 clk1 vddoda 15 14 13 12 11 10 9 16-pin (173 mil) tssop gndxd s0 iref clk1 s0 vddxd clk0 clk0# 16 15 14 13 s1 1 12 gndoda ss0 2 11 vddoda x1/clk 3 10 clk1 x2 4 9 clk1# 5678 oe gndxd ss1 iref 16-pin vfqfpn 5v41065 s1 s0 clk(1:0), clk(1:0) 00 25m 0 1 100m 1 0 125m 1 1 200m ss1 ss0 spread% 00 no spread 0 1 down -0.5 1 0 down -0.75 11 no spread s1 s0 ss1 ss0 output spread% 0000100mhz -0.5 0001200mhz -0.5 0 0 1 0 100mhz no spread 0011 reserved 0100100mhz -1 0101200mhz -1 0110 reserved 0111 reserved 1000100mhz -1.5 1001200mhz -1.5 1010 reserved 1011 reserved 1100 reserved 1 1 0 1 200mhz no spread 1110 reserved 1111 reserved
IDT5V41065 2 output pcie gen1/2 synthesizer idt? 2 output pcie gen1/2 synthesizer 3 IDT5V41065 april 17, 2017 pin descriptions vfqfpn pin number tssop pin number pin name pin type pin description 16 1 s0 input select pin 0. see table1. internal pull-up resistor. 1 2 s1 input select pin 1. see table 1. internal pull-up resistor. 2 3 ss0 input spread select pin 0. see table 2. internal pull-up resistor. 3 4 x1/iclk input crystal or clock input. connect to a 25 mhz crystal or single ended clock. 4 5 x2 output crystal connection. leave unconnected for clock input. 5 6 oe input output enable. tri-states outputs and device is not shut down. internal pull-up resistor. 6 7 gndxd power connect to ground. 7 8 ss1 input spread select pin 1. see table 2. internal pull-up resistor. 8 9 iref output precision resistor attached to this pin is connected to the internal current reference. 9 10 clk1 output hcsl complementary clock output 1. 10 11 clk1 output hcsl true clock output 1. 11 12 vddoda power connect to voltage supply +3.3 v for output driver and analog circuits 12 13 gndoda power connect to ground. 13 14 clk0 output hcsl complementary clock output 0. 14 15 clk0 output hcsl true clock output 0. 15 16 vddxd power connect to voltage supply +3.3 v for crystal oscillato r and digital circuit.
IDT5V41065 2 output pcie gen1/2 synthesizer idt? 2 output pcie gen1/2 synthesizer 4 IDT5V41065 april 17, 2017 applications information external components a minimum number of external components are required for proper operation. decoupling capacitors decoupling capacitors of 0.01 ?? f should be connected between each vdd pin and the ground plane, as close to the vdd pin as possible. do not share ground vias between components. route power from power source through the capacitor pad and then into ics pin. crystal a 25 mhz fundamental mode parallel resonant crystal should be used. this crystal must have less than 300 ppm of error across temperature in order for the IDT5V41065 to meet pci express specifications. crystal capacitors crystal capacitors are connected from pins x1 to ground and x2 to ground to optimize the accuracy of the output frequency. c l = crystal?s load capacitance in pf crystal capacitors (pf) = (c l - 8) * 2 for example, for a crystal with a 16 pf load cap, each external crystal cap would be 16 pf. (16-8)*2=16. current source (iref) reference resistor - r r if board target trace impedance (z) is 50 ? , then r r = 475 ? (1%), providing iref of 2.32 ma. the output current (i oh ) is equal to 6*iref. output termination the pci-express differential clock outputs of the IDT5V41065 are open source drivers and require an external series resistor and a resistor to ground. these resistor values and their allowable locations are shown in detail in the pci-express layout guidelines section. the IDT5V41065 can also be configured for lvds compatible voltage levels. see the lvds compatible layout guidelines section. output structures general pcb layout recommendations for optimum device performance and lowest output phase noise, the following guidelines should be observed. 1. each 0.01f decoupling capacitor should be mounted on the component side of the board as close to the vdd pin as possible. 2. no vias should be used between decoupling capacitor and vdd pin. 3. the pcb trace to vdd pin should be kept as short as possible, as should the pcb trace to the ground via. distance of the ferrite bead and bulk decoupling from the device is less critical. 4. an optimum layout is one with all components on the same side of the board, minimizing vias through other signal layers (any ferrite beads and bulk decoupling capacitors can be mounted on the back). other signal traces should be routed away from the IDT5V41065.this includes signal traces just underneath the device, or on layers adjacent to the ground plane layer used by the device. r r 475 6*iref =2.3 ma iref see output termination sections - pages 3 ~ 5 ?
IDT5V41065 2 output pcie gen1/2 synthesizer idt? 2 output pcie gen1/2 synthesizer 5 IDT5V41065 april 17, 2017 layout guidelines common r ecommendations for differential routing d imension or value unit figure l1 length, route as non-coupled 50ohm trace 0.5 max inch 1 l2 length, route as non-coupled 50ohm trace 0.2 max inch 1 l3 length, route as non-coupled 50ohm trace 0.2 max inch 1 rs 33 ohm 1 rt 49.9 ohm 1 down device differential routing l4 length, route as coupled microstrip 100ohm differential trace 2 min to 16 max inch 1 l4 length, route as coupled stripline 100ohm differential trace 1.8 min to 14.4 max inch 1 differential routing to pci express connector l4 length, route as coupled microstrip 100ohm differential trace 0.25 to 14 max inch 2 l4 length, route as coupled stripline 100ohm differential trace 0.225 min to 12.6 max inch 2 src reference clock hcsl output buffer l1 l1' rs l2 l2' rs l4' l4 l3 l3' rt rt pci express down device ref_clk input figure 1: down device routing hcsl output buffer l1 l1' rs l2 l2' rs l4' l4 l3 l3' rt rt pci express add-in board ref_clk input figure 2: pci express connector routing
IDT5V41065 2 output pcie gen1/2 synthesizer idt? 2 output pcie gen1/2 synthesizer 6 IDT5V41065 april 17, 2017 vdiff vp-p vcm r1 r2 r3 r4 note 0.45v 0.22v 1.08 33 150 100 100 0.58 0.28 0.6 33 78.7 137 100 0.80 0.40 0.6 33 78.7 none 100 ics874003i-02 input compatible 0.60 0.3 1.2 33 174 140 100 standard lvds r1a = r1b = r1 r2a = r2b = r2 alternative termination for lvds and other common differential signals (figure 3) hcsl output buffer l1 l1' r1b l2 l2' r1a l4' l4 l3 r2a r2b down device ref_clk input figure 3 l3' r3 r4 component value note r5a, r5b 8.2k 5% r6a, r6b 1k 5% cc 0.1 f vcm 0.350 volts cable connected ac coupled application (figure 4) pcie device ref_clk input figure 4 r5a l4' l4 3.3 volts r5b r6a r6b cc cc
IDT5V41065 2 output pcie gen1/2 synthesizer idt? 2 output pcie gen1/2 synthesizer 7 IDT5V41065 april 17, 2017 typical pci-express (hcsl) waveform typical lvds waveform 0.175 v 0.525 v 0.175 v 0.525 v t or t of 500 ps 500 ps 700 mv 0 1150 mv 1250 mv t or t of 500 ps 500 ps 1325 mv 1000 mv 1150 mv 1250 mv
IDT5V41065 2 output pcie gen1/2 synthesizer idt? 2 output pcie gen1/2 synthesizer 8 IDT5V41065 april 17, 2017 absolute maximum ratings stresses above the ratings listed below can cause permanent damage to the IDT5V41065. these ratings are stress ratings only. functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods can affect product reliability. electrical parameters are guaranteed only over the recommended op erating temper ature range. dc electrical characteristics unless stated otherwise, vdd = 3.3 v 5% , ambient temperature -40 to +85 ? c 1. single edge is monotonic when transitioning through region. 2. inputs with pull-ups/-downs are not included. item rating supply voltage, vddxd, vddoda 4.6 v all inputs and outputs -0.5 v to vdd+0.5 v ambient operating temperature (commercial) 0 to +70 ? c ambient operating temperature (industrial) -40 to +85 ? c storage temperature -65 to +150 ? c junction temperature 125 ? c soldering temperature 260 ? c esd protection (input) 2000 v min. (hbm) parameter symbol conditions min. typ. max. units supply voltage v 3.135 3.3 3.465 v input high voltage 1 v ih s0, s1, oe, iclk, ss0, ss1 2.2 vdd +0.3 v input low voltage 1 v il s0, s1, oe, iclk, ss0, ss1 vss-0.3 0.8 v input leakage current 2 i il 0 < vin < vdd -5 5 ? a operating supply current @100 mhz i dd r s =33 ??? r p =50 ? , c l =2 pf 63 85 ma i ddoe oe =low 42 50 ma input capacitance c in input pin capacitance 7 pf output capacitance c out output pin capacitance 6 pf x1, x2 capacitance c inx 5pf pin inductance l pin 5nh output impedance z o clk outputs 3.0 k ? pull-up resistor r pu s0, s1, oe, ss0, ss1 100 k ?
IDT5V41065 2 output pcie gen1/2 synthesizer idt? 2 output pcie gen1/2 synthesizer 9 IDT5V41065 april 17, 2017 ac electrical characterist ics - clk0/clk1, clk0/clk1 unless stated otherwise, vdd=3.3 v 5% , ambient temperature -40 to +85 ? c note 1: test setup is r s =33 ??? r p =50 ? with c l =2 pf, rr = 475 ? (1%). note 2: measurement taken from a single-ended waveform. note 3: measurement taken from a differential waveform. note 4: measured at the crossing point where instantaneous voltages of both clk and clk are equal. note 5: clk pins are tri-stated when oe is low asserted. clk is driven differential when oe is high. electrical characteristics - differential phase jitter note 1. guaranteed by design and characterization, not 100% tested in production. note 2. see http://www.pcisig .com for complete specs. note 3: applies to 100mhz, spread off and 0.5% down spread only. parameter symbol conditions min. typ. max. units input frequency 25 mhz output frequency hcsl termination 25 200 mhz lvds termination 25 100 mhz output high voltage 1,2 v oh hcsl 850 mv output low voltage 1,2 v ol hcsl -150 mv crossing point voltage 1,2 absolute 250 550 mv crossing point voltage 1,2,4 variation over all edges 140 mv jitter, cycle-to-cycle 1,3 100 ps frequency synthesis error all outputs 0 ppm modulation frequency spread spectrum 30 32.9 33 khz rise time 1,2 t or from 0.175 v to 0.525 v 175 700 ps fall time 1,2 t of from 0.525 v to 0.175 v 175 700 ps rise/fall time variation 1,2 125 ps output to output skew 50 ps duty cycle 1,3 45 55 % output enable time 5 all outputs 50 100 ns output disable time 5 all outputs 50 100 ns stabilization time t stable from power-up vdd=3.3 v 1.8 ms spread spectrum transition time t spread stabilization time after spread spectrum changes 730ms parameter symbol conditions min typ max units notes jitter, phase t jphasepll pcie gen1 32 86 ps (p-p) 1,2,3 t jphaselo pcie gen2, 10 khz < f < 1.5 mhz 0.8 3 ps (rms) 1,2,3 t jphasehigh pcie gen2, 1.5 mhz < f < nyquist (50 mhz) 2.3 3.1 ps (rms) 1,2,3
IDT5V41065 2 output pcie gen1/2 synthesizer idt? 2 output pcie gen1/2 synthesizer 10 IDT5V41065 april 17, 2017 thermal characteristics (16tssop) thermal characteristics(16vfqfpn) parameter symbol conditions min. typ. max. units thermal resistance junction to ambient ? ja still air 78 ? c/w ? ja 1 m/s air flow 70 ? c/w ? ja 3 m/s air flow 68 ? c/w thermal resistance junction to case ? jc 37 ? c/w parameter symbol conditions min. typ. max. units thermal resistance junction to ambient ? ja still air 63.2 ? c/w ? ja 1 m/s air flow 55.9 ? c/w ? ja 3 m/s air flow 51.4 ? c/w thermal resistance junction to case ? jc 65.8 ? c/w
IDT5V41065 2 output pcie gen1/2 synthesizer idt? 2 output pcie gen1/2 synthesizer 11 IDT5V41065 april 17, 2017 marking diagram (5v41065pgg) marking diagram (5v41065pggi) notes: 1. line 1 and 2: idt part number. 2. line 3: yyww ? date code; $ ? assembly location. 3. ?g? after the two-letter package code designates rohs compliant package. 4. ?i? at the end of part number indicates industrial temperature range. 5. bottom marking: countr y of origin if not usa. marking diagram (5v41065nlgi) marking diagram (5v41065nlgi) notes: 1. line 1: lot number. 2. line 2: yww ? date code; $ ? assembly location. 3. ?g? designates rohs compliant package. 4. ?i? at the end of part number indicates industrial temperature range. 1 8 9 16 idt5v410 65pgg yyww$ 1 8 9 16 idt5v410 65pggi yyww$ xxx yww$ 065g xxx yww$ 065gi
IDT5V41065 2 output pcie gen1/2 synthesizer idt? 2 output pcie gen1/2 synthesizer 12 IDT5V41065 april 17, 2017 package outline and package dimensions (16-pin qfn)
IDT5V41065 2 output pcie gen1/2 synthesizer idt? 2 output pcie gen1/2 synthesizer 13 IDT5V41065 april 17, 2017 package outline and package dimensions (16-pin qfn), cont.
IDT5V41065 2 output pcie gen1/2 synthesizer idt? 2 output pcie gen1/2 synthesizer 14 IDT5V41065 april 17, 2017 package outline and package dimensions (16-pin tssop)
IDT5V41065 2 output pcie gen1/2 synthesizer idt? 2 output pcie gen1/2 synthesizer 15 IDT5V41065 april 17, 2017 package outline and package dimensions (16-pin tssop), cont.
IDT5V41065 2 output pcie gen1/2 synthesizer idt? 2 output pcie gen1/2 synthesizer 16 IDT5V41065 april 17, 2017 package outline and package dimensions (16-pin tssop), cont.
IDT5V41065 2 output pcie gen1/2 synthesizer idt? 2 output pcie gen1/2 synthesizer 17 IDT5V41065 april 17, 2017 ordering information ?g? after the two-letter package code are th e pb-free configuratio n, rohs compliant. while the information presented herein has been checked for both accuracy and reliability, integrated device technology (idt) a ssumes no responsibility for either its use or for the infringement of any patents or other rights of third parties, which would resul t from its use. no other circuits, patents, or licenses are implied. this product is intended for use in normal commercial applications. any other applications such as those requiring extended temperatur e range, high reliability, or other extr aordinary environmental requirements are not recommended without additional processing by idt. idt reserves the right to change any circuitr y or specifications without noti ce. idt does not authorize or warrant any idt product for use in life support devices or critical medical instruments. revision history part / order number marking shipping packaging package temperature 5v41065pgg see page 11 tubes 16-pin tssop 0 to +70 ? c 5v41065pgg8 tape and reel 16-pin tssop 0 to +70 ? c 5v41065pggi tubes 16-pin tssop -40 to +85 ? c 5v41065pggi8 tape and reel 16-pin tssop -40 to +85 ? c 5v41065nlg see page 11 trays 16-pin qfn 0 to +70 ? c 5v41065nlg8 tape and reel 16-pin qfn 0 to +70 ? c 5v41065nlgi trays 16-pin qfn -40 to +85 ? c 5v41065nlgi8 tape and reel 16-pin qfn -40 to +85 ? c rev. originator date description of change a 07/15/08 new datasheet; pr eliminary initial release. b rdw 01/13/10 added gen2 to title; update electrical ta bles per char; added differ ential phase jitter table. c rdw 04/27/10 updated electrical tables per c har; vdd is now 3.3 5%; released to final. d rdw 07/19/10 1. updated title and general description 2. updated cycle-to-cycle jitter spec from 125 to 100 ps. e rdw 11/21/11 1. changed title to ?2 output pcie gen1/2 synthesizer? 2. added note to features section: ?for pcie gen3 applications, see 5v41235? 3. updated differential phase jitter table. f j, chao 08/26/13 1. added 16vfqfpn notes in features section 2. added pinout and ?output/spread selection? table for 16vfqfpn. 3. updated pin description table to include vfqfpn pin descriptions. 4. added thermal characteristics table for 16vfqfpn. 5. added marking diagrams for 16vfqfpn. 6. added package dimensions/drawing for 16vfqfpn. 7. updated ordering information to include 16vfqfpn. g c.p. 04/17/17 1. replaced pack age outline drawings with latest nlg16 and pgg16 drawings. 2. updated legal disclaimer.
disclaimer integrated device technology, inc. (idt) and its affiliated companies (herein referred to as ?idt?) reserve the righ t to modify the products and/or specifications described herein at any time, without notice, at idt?s sole discretion. performance specifications and operating parameters of the described products are determined in an independent state and are not guaranteed to perform the same way when installed in customer products. the information contained herein is provided without representation or warranty of any kind, whether express or implied, including, but not limited to, the suitability of idt's products for any part icular purpose, an implied warranty of merchantability, or non-infringement of the intellectual property rights of others. this document is presented only as a guide and does not convey any license under intellectual property rights of idt or any third parties. idt's products are not intended for use in applications involving extreme environmental conditions or in life support systems o r similar devices where the failure or malfunction of an idt product can be reasonably expected to significantly affect the health or safety of users. anyone using an idt product in su ch a manner does so at their own risk, absent an express, written agreement by idt. integrated device technology, idt and the idt logo are trademarks or registered trademarks of idt and its subsidiaries in the u nited states and other countries. other trademarks used herein are the property of idt or their respective third party owners. for datasheet type definitions and a glossary of co mmon terms, visit www.idt.com/go/glossary . integrated device technology, inc.. all rights reserved. corporate headquarters integrated device technology, inc. www.idt.com for sales www.idt.com/go/sales for tech support www.idt.com/go/support innovate with idt and accelerate your future netw orks. contact: www.idt.com IDT5V41065 2 output pcie gen1/2 synthesizer


▲Up To Search▲   

 
Price & Availability of IDT5V41065

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X