Part Number Hot Search : 
C4551 APA2822 7C102 ER208 UESP06G 3188M008 SP236ACX AX166
Product Description
Full Text Search
 

To Download EMC6W201-AEZG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  smsc emc6w201 product preview revision 0.3 (03-01-07) data brief product features emc6w201 auto fan device with piecewise linear control, temperature monitoring & voltage monitoring for multi-processor systems ? 3.3 volt operation (5 volt tolerant input buffers) ? smbus 2.0 compliant interface (fixed, not discoverable) with three slave address options smbus address change pin smbus address enable pin ? auto-fan control with prochot features pwm (pulse width modulation) outputs (3) low frequency and high frequency pwm options (15khz up to 30khz) fan tachometer or lock rotor inputs (4) programmable automatic fan control based on temperature acoustic enhancement mode prochot pins modulate tmin fan rpm is a function of up to three temperatures and prochot signals piecewise linear fan control algorithm option ? temperature monitor monitoring of up to five remote thermal diodes (+/- 3 deg c accuracy) internal ambient temperature measurement limit comparison of all monitored values interrupt pin for out-of-limit temperature indication configurable offset for inter nal or external temperature channels. ? voltage monitor monitor power supplies (+1.5v, +2.5v, +5v, vcc and two 1.5v vccp) limit comparison of all monitored values interrupt pin for out-of-limit voltage indication ? prochot input/bi-directional pins (2) selectable pins dedicated as input or input/output seperate prochot output pin (forced_pr#) ? power good output ? smbus alert interrupt output ? register characteristics individual enables/dis ables for each input two isrs for each alert ? xor tree test mode ? mechanical package: 36-pin qfn, lead-free rohs compliant order number: EMC6W201-AEZG for 36-pin qfn lead-free rohs compliant package downloaded from: http:///
80 arkay drive, hauppauge, ny 11788 (631) 435-6000, fax (631) 273-3123 copyright ? 2007 smsc or its subsidiaries. all rights reserved. circuit diagrams and other information relati ng to smsc products are included as a means of illustrating typical applications. consequently, complete information sufficient for construction purposes is not necessarily given. although the information has been checked and is believ ed to be accurate, no re sponsibility is assumed for inaccuracies. smsc reserves the right to make changes to specifications and product descriptions at any time without notice. c ontact your local sm sc sales office to obtain the latest specifications before placing your product order. the provision of this information does not convey to the purchaser of the described semicond uctor devices any licenses under any patent rights or other intellectual property rights of smsc or others. all sales are expressly conditional on your agreement to the te rms and conditions of the most recently dated version of smsc's standard terms of sale agreement dated before the date of your order (the "terms of sale agreem ent"). the pro duct may contain design defects or errors known as anomalies which may cause the product's functions to deviate from published specifi cations. anomaly sheets are availab le upon request. smsc products are not designed, intended, authorized or warranted for use in any life support or other application where product failure could cause or contribute to personal injury or severe property damage. any and all such uses without prior written approval of an officer of smsc and further t esting and/or modification will be fully at the risk of the customer. copies of this document or other smsc literature, as well as the terms of sale agreement, may be obta ined by visiting smscs website at h ttp://www.smsc.com. smsc is a registered trademark of standard microsystems corporation (smsc). produc t names and company names are th e trademarks of their respective holders. smsc disclaims and excludes any and all warranties, including without limitation an y and all implied warranties of merchantabil ity, fitness for a particular purpose, title, and against infringement and the like, and any and all warranties arising from any cou rse of dealing or usage of trade. in no event shall smsc be liabl e for any direct, incidental, indi rect, special, punitive, or cons equential damages; or for lost data, profits, savings or revenues of any kind; regardless of the form of action, whether based on contrac t; tort; negligence of smsc or others; strict liability; breach of warranty; or otherwise; whether or not any remedy of buyer is h eld to have failed of its essential purpose, and whether or no t smsc has been advised of the possibility of such damages. auto fan device with piecewise linear control, temperature monitoring & voltage monitoring for multi- processor systems revision 0.3 (03-01-07) 2 smsc emc6w201 product preview downloaded from: http:///
auto fan device with piecewise linear control, temperature monitoring & voltage monitoring for multi- processor systems smsc emc6w201 3 revision 0.3 (03-01-07) product preview general description the emc6w201 is an environmental monitoring dev ice with automatic fan control capability and enhanced system acoustics for noise suppression. this acpi compli ant device provides hardware monitoring for up to six voltages (including its own vcc) and five external thermal sensors, measures the speed of up to five fans, and controls the s peed of multiple dc fans using three pulse width modulator (pwm) outputs. note that it is possible to control more than three fans by connecting two fans to one pwm output. the emc6 w201 will be available in a 36-pin qfn, lead-free rohs compliant package. the emc6w201 includes support for monitoring six thermal sensors: five external and one internal. the external temperatures are measured via thermal diode inputs capable of monitoring remote devices. in addition, it is equipped with an ambient temperature sensor for measuring the internal temperature. the emc6w201 hardware monitor provides analog inputs for monitoring external voltages of +1.5v, +2.5v, +5v, and two vccp voltages. this device has the capability to monitor its own internal vcc power supply, which may be connected to either main power (vcc) or the suspend power well (vtr). external components are not required for voltage scaling or similar treatment. pulse width modulators (pwm) will control the speed of the fans by varying the output duty cycle of the pwm. the ramp rate control feature contro ls the rate of change of the pwm output, thereby reducing system noise created by changing the fan speed. the speed of each fan is monitored by a fan tachometer input. the measured values are co mpared to values stored in limit registers to detect if a fan has stalled or seized. fan speed may be under host software control or automatic. in host control mode, the host software continuously monitors temperature and fan speed registers, makes decisions as to desired fan speed and sets each pwm to drive the required fan s peed. the pwm frequency is adjustable up to 30khz. the emc6w201 device offers an interrupt output signal (int#), which may be used to interrupt the host on out-of-limit temper ature or voltage condition enabling an acpi response as opposed to the host software continuously monitoring status. in auto zone mode, the emc6w201 logic continuously monitors the temperature and fan speeds and adjusts speeds without intervention from the host cpu. fan speed is adjusted according to an algorithm using the temperature measured in the sele cted zone, the high and low limits set by the user, and the current fan speed. the part can automati cally adjust its operation based on its environment for improved acoustic behavior. overview the emc6w201 device is an inte lligent fan control system with reduced over all acoustic noise features. the emc6w201 monitors voltages, external temperatures, and fan speeds. it uses this monitoring capability to alert the system to out of limit conditions and can automatically control the speeds of multiple fans. downloaded from: http:///
auto fan device with piecewise linear control, temperature monitoring & voltage monitoring for multi- processor systems revision 0.3 (03-01-07) 4 smsc emc6w201 product preview pin configuration figure 1 emc6w201 pin configuration emc6w201 36 pin qfn 1011 12 13 14 15 16 17 18 nc sclk int#/smbalert# pwm3/address enable pwm2 pwm1/xtestout tach5 tach4/address select tach3 3635 34 33 32 31 30 29 28 nc remote1+ remote1- remote2+ remote2- remote3+ remote3- remote4+ remote4- 12 3 4 5 6 7 8 9 +1.5v_in +5v_in +2.5v_in v1.5p2_in v1.5p1_in forced_pr# pwrgd sdat nc 2726 25 24 23 22 21 20 19 remote5+ remote5- vss vcc prochot_io1# prochot_io2# tach1 tach2 nc downloaded from: http:///
auto fan device with piecewise linear control, temperature monitoring & voltage monitoring for multi-processor systems revision 0.3 (03-01-07) 5 smsc emc6w201 product preview package outline figure 2 emc6w201 36-pin qfn package outline - see spec front page for revision history -- decimal x.x x.xx x.xxx material finish std compliance third angle projection print with "scale to fit" do n ot scale drawing approved angular unless otherwise specified dimensions are in millimeters and tolerances are: d im an d tol per asm e y14.5m - 1994 drawn checked name scale 80 arkay drive hauppauge, ny 11788 usa dwg number title date sheet rev revision history description revision released by date s.k.iliev s.k.iliev s.k.iliev 1 - - 0.025 0.05 0.1 12/6/04 1:1 12/6/04 12/6/04 f jedec: mo-220 1 of 1 36 terminal qfn, 6x6mm body, 0.5mm pitch package outline mo-36-qfn-6x6 side view 3-d views top view 3 2 bottom view notes: 1. all dimensions are in millimeter. 2. position tolerance of each terminal is 0.05mm at maxi mum material condition. dimensions "b" applies to plated terminals and it is measured between 0 .15 and 0.30 mm from the terminal tip. 3. details of terminal #1 identifier are optional but must be located within the area indicated. 4. coplanarity zone applies to exposed pad and terminals. e2 e e1 0.6(max) 0.6(max) d d1 terminal #1 identifier area (d1/2 x e1/2) 36x b 36x l terminal #1 identifier area (d/2 x e/2) d2 e exposed pad 3 a1 a2 a chamfered corners are optional 4x 36x 0.2 min 4 ccc c 4 c a3 4x 0-12 d2 / e2 variations catalog part downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of EMC6W201-AEZG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X