Part Number Hot Search : 
ATMEGA 1SMC24A SI106 MT321220 THC956 A103M MN101EF MN101EF
Product Description
Full Text Search
 

To Download ELM34600AA-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 elm34600aa - n 7 - complementary mosfet elm 3 4600a a - n uses advanced trench technology to provide excellent rds (on) and low gate charge. n-channel p-channel ? vds = 3 0v vds= - 3 0v ? id = 7 a id= -5 a ? rds ( on ) < 27. 5 m (vgs = 1 0 v) rds(on) < 4 5 m (vgs = - 1 0 v) ? rds(on) < 40 .0 m (vgs = 4.5 v ) rds(on) < 80 m (vgs = -4.5 v ) parameter symbol n-ch (max.) p-ch ( max.) unit note drain - s ource voltage vds 3 0 - 3 0 v gate - s ource v oltag e vgs 20 20 v conti nuous drain current ta = 25 c id 7 -5 a ta = 70 c 6 - 4 pulsed d rain current idm 2 0 - 2 0 a 3 power dissipation t c = 25 c pd 2.0 2.0 w t c = 70 c 1 . 3 1 . 3 j unction and storage temperature range t j , t s tg - 55 to 150 - 55 to 150 c s 2 g 2 d 2 s 1 g 1 d 1 g e neral description f eatures maximum a bsolute ratings thermal characteristics c ircuit ? n- ch ? p - ch parameter symbol device typ. max. unit note maximum junction - to - a mbient r ja n-ch 62.5 c /w maximum junction - to - a mbient r ja p -ch 62.5 c /w pin configuration so p - 8 (top vi ew) pin no. pin name 1 source1 2 gate1 3 source2 4 gate2 5 drain2 6 drain2 7 drain1 8 drain1 t a = 25 c . u nless otherwise noted. 4 3 2 1 5 6 7 8
2 electrical characteristics (n-ch) parameter symbol conditions min. typ. max. unit note static parameters drain - s ource breakdown voltage bv ds s id = 25 0 a , vgs = 0v 3 0 v zero g ate voltage drain current id ss vds = 2 4 v, vgs = 0v 1 a vds = 2 0 v, vgs = 0v, t a = 55 c 10 gate - b ody leakage current igss vds = 0v, vgs = 20 v 100 n a gate t hreshold voltage vgs (th) vds = vg s , id = 25 0 a 1.0 1.5 2.5 v on s tate drain current i d (on ) vgs = 10 v, vds = 5v 2 0 a 1 static drain - s ource on - r esistance rds (on ) vgs = 10 v, id = 7 a 20.5 27.5 m 1 vgs = 4 .5v, id = 6 a 30.0 40. 0 forward transconductance gfs vds = 5v, id = 7 a 16 s 1 diode forward voltage vsd i f = 1a, vgs=0v 1 v 1 max.body - d iode c ontinuous c urrent is 1.3 a pulsed current ism 2.6 a 3 dynamic parameters input capacitance c iss vgs = 0v, vds = 15v, f = 1mh z 680 pf output capacitance c oss 105 pf reverse transfer capacitance c r ss 75 pf switching parameters total gate charge q g vgs = 10 v, vds = 15v, id = 7 a 14.0 nc 2 gate - s ource charge q gs 1.9 nc 2 gate - d rain charge q gd 3.3 nc 2 turn - o n delay time td (on) vgs = 10 v, vds = 1 0 v , id = 1a rgen = 3 4.6 7.0 ns 2 turn - o n rise t ime t r 4.0 6.0 ns 2 turn - o ff delay time td ( of f ) 20.0 30.0 ns 2 turn - o ff fall t ime t f 5.0 8.0 ns 2 complem entary mosfet elm34600aa - n 7 - note : 1. p ulse test : pulsed width 300 sec and duty cycle 2%. 2. independent of operating temperature. 3. pulsed width limited by maximum junction temperature. 4 . duty cycle 1 %. t a = 25 c . u nless otherwise noted.
3 elm34600aa - n 7 - complem entary mosfet typical electrical and thermal characteristics (n-ch) 4 dec-19-2005 n- & p-channel enhancement mode field effect transistor p5003qvg sop-8 lead-free niko-sem n-channel body diode forward voltage variation with source current and temperature 25 c t = 125 c v - body diode forward voltage(v) is - reverse drain current(a) 0.001 0 0.01 0.1 0.4 sd 0.2 0.6 v = 0v 1 10 100 a gs 1.0 0.8 1.2 -55 c 1.4
4 complem entary mosfet elm34600aa - n 7 - 5 dec-19-2005 n- & p-channel enhancement mode field effect transistor p5003qvg sop-8 lead-free niko-sem
5 complem entary mosfet elm34600aa - n 7 - electrical characteristics (p-ch) parameter symbol conditions min. typ. max. unit note static parameters drain - s ource breakdown voltage bv d ss id = - 25 0 a , vgs = 0v - 3 0 v zero g ate voltage drain current i ds s vds = - 2 4 v, vgs = 0v - 1 a vds = - 2 0 v, vgs = 0v, t a = 55 c -10 gate - b ody leakage current ig s s vds = 0v, vgs = 20 v 100 n a gate t hreshold voltage vgs (th) vds = vgs , id = - 25 0 a - 1.0 - 1. 5 - 2. 5 v on s tate drain current id (on ) vgs = - 10 v, vds = - 5v - 2 0 a 1 static drain - s ource on - r esistance rds (on ) vgs = - 10 v, id = -5 a 37.5 45.0 m 1 vgs = - 4 .5v, id = - 4 a 62.0 80.0 forward transconductance gfs vds = - 5v, id = - 5 a 13 s 1 diode forward voltage vsd i f = - 1a, vgs = 0 v - 1 v 1 max.body - d iode continuous c urrent is - 1.3 a pulsed current ism -2.6 a 3 dynamic parameters input capacitance c iss vgs = 0v, vds = - 15v, f = 1mh z 780 pf output capacitance c oss 145 pf reverse transfer capacitance c r ss 79 pf switching parameters total gate charge q g vgs = - 10 v, vds = - 15v id = - 5 a 15.1 nc 2 gate - s ource charge q gs 2.1 nc 2 gate - d rain charge q gd 4.0 nc 2 turn - o n delay time td (on) vgs = - 10 v, vds = - 1 0 v id = - 1a, rgen = 3 7.7 11.5 ns 2 turn - o n rise t ime t r 5.7 8.5 ns 2 turn - o ff delay time td ( of f ) 20.0 30.0 ns 2 turn - o ff fall t ime t f 9.5 14.0 ns 2 note : 1. p ulse test : pulsed width 300 sec and duty cycle 2%. 2. independent of operating temperature. 3. pulsed width limited by maximum junction temperature. t a = 25 c . u nless otherwise noted.
6 complem entary mosfet elm34600aa - n 7 - typical electrical and thermal characteristics (p-ch) 6 dec-19-2005 n- & p-channel enhancement mode field effect transistor p5003qvg sop-8 lead-free niko-sem p-channel body diode forward voltage variation wi th source current and temperature 25 c -v - body diode forward voltage(v) -is - reverse drain current(a) 0.001 0 0.01 0.1 0.4 sd 0.2 0.6 v = 0v 1 10 100 gs a t = 125 c 1.0 0.8 1.2 -55c 1.4
7 complem entary mosfet elm34600aa - n 7 - 7 dec-19-2005 n- & p-channel enhancement mode field effect transistor p5003qvg sop-8 lead-free niko-sem gate charge characteristics -v gs - gate-to-source voltage(v) qg -gate charge(nc) -15v -10v v ds = -5v i d = -5a 8 6 4 2 0 10 20 15 10 5 0 f=1 mhz v gs =0v capacitance(pf) capacitance characteristics ciss coss crss -v ds ,drain-to-source voltage(v) 1200 1000 800 600 400 200 0 20 15 10 5 0


▲Up To Search▲   

 
Price & Availability of ELM34600AA-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X