Part Number Hot Search : 
APPLE BR1300 4ADTR HTCM3106 IRF7805 X2004I ECC81 2SC4774
Product Description
Full Text Search
 

To Download ELM34600AA-N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1 ELM34600AA-N complementary mosfet ELM34600AA-N uses advanced trench technology to provide excellent rds(on) and low gate charge. n-channel p-channel ? vds=30v vds=-30v ? id=7a id=-5a ? rds(on) < 27.5m(vgs=10v) rds(on) < 45m(vgs=-10v) ? rds(on) < 40.0m(vgs=4.5v) rds(on) < 80m(vgs=-4.5v) parameter symbol n-ch (max.) p-ch (max.) unit note drain - source voltage vds 30 -30 v gate - source voltage vgs 20 20 v continuous drain current ta=25c id 7 -5 a ta=70c 6 -4 pulsed drain current idm 20 -20 a 3 power dissipation ta=25c pd 2.0 2.0 w ta=70c 1.3 1.3 junction and storage temperature range tj,tstg - 55 to 150 - 55 to 150 c s 2 g 2 d 2 s 1 g 1 d 1 general description features maximum absolute ratings thermal characteristics circuit ? n-ch ? p-ch parameter symbol device typ. max. unit note maximum junction - to - ambient rja n-ch 62.5 c /w maximum junction - to - ambient rja p-ch 62.5 c /w 7 - pin configuration sop-8(top view) pin no. pin name 1 source1 2 gate1 3 source2 4 gate2 5 drain2 6 drain2 7 drain1 8 drain1 4 3 2 1 5 6 7 8
2 electrical characteristics (n-ch) ta=25 c parameter symbol conditions min. typ. max. unit note static parameters drain - source breakdown voltage bvdss id=250a, vgs=0v 30 v zero gate voltage drain current idss vds=24v, vgs = 0v 1 a vds=20v, vgs = 0v, tj=55c 10 gate - body leakage current igss vds=0v, vgs= 20v 100 na gate threshold voltage vgs(th) vds=vgs, id=250a 1.0 1.5 2.5 v on state drain current id(on) vgs=10v, vds=5v 20 a 1 static drain - source on - resistance rds(on) vgs=10v, id= 7a 20.5 27.5 m 1 vgs = 4.5v, id = 6a 30.0 40.0 forward transconductance gfs vds = 5v, id = 7a 16 s 1 diode forward voltage vsd if = 1a, vgs=0v 1 v 1 max.body - diode continuous current is 1.3 a pulsed current ism 2.6 a 3 dynamic parameters input capacitance ciss vgs=0v, vds=15v, f=1mhz 680 pf output capacitance coss 105 pf reverse transfer capacitance crss 75 pf switching parameters total gate charge qg vgs=10v, vds=15v, id=7a 14.0 nc 2 gate - source charge qgs 1.9 nc 2 gate - drain charge qgd 3.3 nc 2 turn - on delay time td(on) vgs=10v, vds=10v, id1a rgen=3 4.6 7.0 ns 2 turn - on rise time tr 4.0 6.0 ns 2 turn - off delay time td(off) 20.0 30.0 ns 2 turn - off fall time tf 5.0 8.0 ns 2 complementary mosfet ELM34600AA-N note : 1. pulse test : pulsed width300sec and duty cycle2%. 2. independent of operating temperature. 3. pulsed width limited by maximum junction temperature. 4. duty cycle 1%. 7 -
3 complementary mosfet ELM34600AA-N typical electrical and thermal characteristics (n-ch) 7 - 4 dec-19-2005 n- & p-channel enhancement mode field effect transistor p5003qvg sop-8 lead-free niko-sem n-channel body diode forward voltage variation with source current and temperature 25 c t = 125 c v - body diode forward voltage(v) is - reverse drain current(a) 0.001 0 0.01 0.1 0.4 sd 0.2 0.6 v = 0v 1 10 100 a gs 1.0 0.8 1.2 -55 c 1.4
4 complementary mosfet ELM34600AA-N 7 - 5 dec-19-2005 n- & p-channel enhancement mode field effect transistor p5003qvg sop-8 lead-free niko-sem
5 ta=25 c complementary mosfet ELM34600AA-N 7 - electrical characteristics (p-ch) parameter symbol conditions min. typ. max. unit note static parameters drain - source breakdown voltage bvdss id= - 250a, vgs=0v -30 v zero gate voltage drain current idss vds=-24v, vgs= 0v - 1 a vds=-20v, vgs= 0v, tj=55c -10 gate-body leakage current igss vds=0v, vgs= 20v 100 na gate threshold voltage vgs(th) vds=vgs, id= - 250a -1.0 -1.5 -2.5 v on state drain current id(on) vgs= - 10v, vds= - 5v -20 a 1 static drain - source on - resistance rds(on) vgs=-10v, id=-5 a 37.5 45.0 m 1 vgs =- 4.5v, id =- 4a 62.0 80.0 forward transconductance gfs vds =- 5v, id =-5 a 13 s 1 diode forward voltage vsd if =- 1a, vgs=0v -1 v 1 max.body - diode continuous current is -1.3 a pulsed current ism -2.6 a 3 dynamic parameters input capacitance ciss vgs=0v, vds=-15v, f=1mhz 780 pf output capacitance coss 145 pf reverse transfer capacitance crss 79 pf switching parameters total gate charge qg vgs=-10v, vds=-15v id=-5a 15.1 nc 2 gate-source charge qgs 2.1 nc 2 gate-drain charge qgd 4.0 nc 2 turn - on delay time td(on) vgs=-10v, vds=-10v id-1a, rgen=3 7.7 11.5 ns 2 turn - on rise time tr 5.7 8.5 ns 2 turn - off delay time td(off) 20.0 30.0 ns 2 turn - off fall time tf 9.5 14.0 ns 2 note : 1. pulse test : pulsed width300sec and duty cycle2%. 2. independent of operating temperature. 3. pulsed width limited by maximum junction temperature.
6 complementary mosfet ELM34600AA-N 7 - typical electrical and thermal characteristics (p-ch) 6 dec-19-2005 n- & p-channel enhancement mode field effect transistor p5003qvg sop-8 lead-free niko-sem p-channel body diode forward voltage variation wi th source current and temperature 25 c -v - body diode forward voltage(v) -is - reverse drain current(a) 0.001 0 0.01 0.1 0.4 sd 0.2 0.6 v = 0v 1 10 100 gs a t = 125 c 1.0 0.8 1.2 -55c 1.4
7 complementary mosfet ELM34600AA-N 7 - 7 dec-19-2005 n- & p-channel enhancement mode field effect transistor p5003qvg sop-8 lead-free niko-sem gate charge characteristics -v gs - gate-to-source voltage(v) qg -gate charge(nc) -15v -10v v ds = -5v i d = -5a 8 6 4 2 0 10 20 15 10 5 0 f=1 mhz v gs =0v capacitance(pf) capacitance characteristics ciss coss crss -v ds ,drain-to-source voltage(v) 1200 1000 800 600 400 200 0 20 15 10 5 0


▲Up To Search▲   

 
Price & Availability of ELM34600AA-N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X