Part Number Hot Search : 
SD820CS LBS14 NX5306 MAX756 LA7217 AS5C2568 MC100EP 15N06
Product Description
Full Text Search
 

To Download EC732N7002KUB1R Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ec 73 2n7002k u 60 v 0.3 a n - channel mos fet e-cmos corp. ( www.ecmos.com.tw ) page 1 of 6 4l17n-rev.f001 description it utilizes the latest processing techniques to ach ieve the high cell density and reduces the on-resis tance with high repetitive avalanche rating. these features combine to make th is design an extremely efficient and reliable devic e for use in power switching application and a wide variety of other a pplications. features  advanced mosfet process technology  special designed for pwm, load switching and general purpose applications  ultra low on-resistance with low gate charge  fast switching and reverse body recovery  esd rating 2000v hbm  150 operating temperature main product characteristics v dss 60v r ds (on) 3 (max.) i d 0.3a absolute maximum ratings thermal characteristics symbol parameter max. units i d @ tc = 25c continuous drain current, v gs @ 10v 0.3 a i dm pulsed drain current 1.2 a p d @tc = 25c power dissipation 0.63 w v ds drain-source voltage 60 v v gs gate-to-source voltage 20 v t j t stg operating junction and storage temperature range -55 to +150 symbol symbol typ. max. units r ja junction-to-ambient t Q 10 s 200 /w
ec 73 2n7002k u 60 v 0.3 a n - channel mos fet e-cmos corp. ( www.ecmos.com.tw ) page 2 of 6 4l17n-rev.f001 electrical characteristics (t a =25 unless otherwise noted) source-drain ratings and characteristics parameter symbol condition min typ max unit drain-to-source breakdown voltage v (br)dss v gs = 0v, i d = 250 a 60 v v gs =10v, i d =0.5a 1.6 3 static drain-to-source on-resistance r ds(on) v gs =5v, i d =0.05a 3.5 gate threshold voltage v gs(th) v ds = vgs, i d = 250 a 1 2.5 v drain-to-source leakage current i dss v ds = 60v,v gs = 0v 1 ua v gs =5v,v ds =0v 100 na gate-to-source forward leakage i gss v gs =20v,v ds =0v 10 ua turn-on delay time td(on) 25 turn-off delay time td(off) v gs =10v, v ds =30v, i d =0.2a,r gen =10 45 ns input capacitance ciss 40 output capacitance coss 16.6 reverse transfer capacitance crss v gs = 0v v ds = 25v ? = 1mhz 9.5 pf parameter symbol condition min typ max unit continuous source current (body diode) i s 0.3 a pulsed source current (body diode) i sm mosfet symbol showing the integral reverse p-n junction diode 1.2 a diode forward voltage v sd i s =0.2a, v gs =0v 1.3 v
ec 73 2n7002k u 60 v 0.3 a n - channel mos fet e-cmos corp. ( www.ecmos.com.tw ) page 3 of 6 4l17n-rev.f001 test circuits and waveforms
ec 73 2n7002k u 60 v 0.3 a n - channel mos fet e-cmos corp. ( www.ecmos.com.tw ) page 4 of 6 4l17n-rev.f001 typical electrical and thermal characteristics
ec 73 2n7002k u 60 v 0.3 a n - channel mos fet e-cmos corp. ( www.ecmos.com.tw ) page 5 of 6 4l17n-rev.f001 ordering and marking information ec732n7002ku xx x part number package marking EC732N7002KUB1R sot23-3l u72 b1:sot23-3l r tape & reel
ec 73 2n7002k u 60 v 0.3 a n - channel mos fet e-cmos corp. ( www.ecmos.com.tw ) page 6 of 6 4l17n-rev.f001 sot23 package outline dimension


▲Up To Search▲   

 
Price & Availability of EC732N7002KUB1R

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X