Part Number Hot Search : 
MA3F752A RC0805 84069 38000 1N5359 250N06 JS28F HGT1S
Product Description
Full Text Search
 

To Download BU2508D-1200V Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon npn power transistors bu2508d d escription with to-3pn package high voltage;high speed built-in damper diode applications for use in horizontal deflection circuits of colour tv receivers. pinning pin description 1 base 2 collector;connected to mounting base 3 emitter absolute maximum ratings (ta=25) symbol parameter conditions value unit v cbo collector-base voltage open emitter 1200 v v ceo collector-emitter voltage open base 700 v v ebo emitter-base voltage open collector 7.5 v i c collector current 8 a i cm collector current-peak 15 a i b base current 4 a i bm base current-peak 6 a p c collector power dissipation t c =25 125 w t j junction temperature 150 t stg storage temperature -65~150 fig.1 simplified outline (to-3pn) and symbol downloaded from: http:///
savantic semiconductor product specification 2 silicon npn power transistors bu2508d c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v ceo(sus) collector-emitter sustaining voltage i c =0.1a; i b =0,l=25mh 700 v v (br)ebo emitter-base breakdown voltage i e =600ma; i c =0 7.5 13.5 v v ce (sat-1) collector-emitter saturation voltage i c =4.5a; i b =1.1a 5.0 v v ce (sat-2) collector-emitter saturation voltage i c =4.5a; i b =1.29a 1.0 v v be ( sat) base-emitter saturation voltage i c =4.5a; i b =1.7a 1.3 v i ces collector cut-off current v ce =rated; v be =0 t=125c 1.0 2.0 ma i ebo emitter cut-off current v eb =7.5v; i c =0 140 390 ma h fe-1 dc current gain i c =1a ; v ce =5v 7 13 23 h fe-2 dc current gain i c =4.5a ; v ce =1v 4 5.5 7.5 v f diode forward voltage i f =4.5a 1.6 2.0 v c c collector capacitance v cb =10v;f=1mhz 80 pf downloaded from: http:///
savantic semiconductor product specification 3 silicon npn power transistors bu2508d package outline fig.2 outline dimensions (unindicated tolerance:0.10 mm) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of BU2508D-1200V

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X