Part Number Hot Search : 
ST89E 200000 BHGAAN GSM075L 100V1 BZX55C12 SMS51 XC6109N2
Product Description
Full Text Search
 

To Download 74ALVCH32244BFG Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  industrial temperature range idt74alvch32244 3.3v cmos 32-bit buffer/driver with 3-state outputs 1 august 2015 industrial temperature range idt and the idt logo are registered trademarks of integrated device technology, inc. ?2 0 1 5 i n tegrated device technology, inc. dsc-4906/6 features: ? 0.5 micron cmos technology ? typical t sk(o) (output skew) < 250ps ? esd > 2000v per mil-std-883, method 3015; > 200v using machine model (c = 200pf, r = 0) ?v cc = 3.3v 0.3v, normal range ?v cc = 2.7v to 3.6v, extended range ?v cc = 2.5v 0.2v ? cmos power levels (0.4 ? ? w typ. static) ? rail-to-rail output swing for increased noise margin ? available in 96-ball lfbga package functional block diagram drive features: ? high output drivers: 24ma ? suitable for heavy loads idt74alvch32244 3.3v cmos 32-bit buffer/ driver with 3-state outputs and bus-hold description: this 32-bit buffer/driver is built using advanced dual metal cmos technology. this high-speed, low power device offers bus/backplane interface capability with improved packing density. the device has a flow- through organization for simplifying board layout. the three-state controls operate this device in a quad-nibble, dual-byte or single 16-bit word mode. all inputs are designed with hysteresis for improved noise margin. the alvch32244 has been designed with a 24ma output driver. this driver is capable of driving a moderate to heavy load while maintaining speed performance. the alvch32244 has ?bus-hold? which retains the inputs? last state whenever the input bus goes to a high impedance. this prevents floating inputs and eliminates the need for pull-up/down resistors. applications: ? 3.3v high speed systems ? 3.3v and lower voltage computing systems 1 a 1 1 a 2 1 a 3 1 a 4 1 y 1 1 oe 1 y 2 1 y 3 1 y 4 2 a 1 2 a 2 2 a 3 2 a 4 2 y 1 2 oe 2 y 2 2 y 3 2 y 4 a3 a5 a6 b5 b6 a4 c5 c6 d5 d6 a2 a1 b2 b1 c2 c1 d2 d1 3 a 1 3 a 2 3 a 3 3 a 4 3 y 1 3 oe 3 y 2 3 y 3 3 y 4 4 a 1 4 a 2 4 a 3 4 a 4 4 y 1 4 oe 4 y 2 4 y 3 4 y 4 h4 e5 e6 f5 f6 h3 g5 g6 h6 h5 g2 g1 h1 h2 e2 e1 f2 f1 5 a 1 5 a 2 5 a 3 5 a 4 5 y 1 5 oe 5 y 2 5 y 3 5 y 4 6 a 1 6 a 2 6 a 3 6 a 4 6 y 1 6 oe 6 y 2 6 y 3 6 y 4 j3 j5 j6 k5 k6 j4 l5 l6 m5 m6 j2 j1 k2 k1 l2 l1 m2 m1 7 a 1 7 a 2 7 a 3 7 a 4 7 y 1 7 oe 7 y 2 7 y 3 7 y 4 8 a 1 8 a 2 8 a 3 8 a 4 8 y 1 8 oe 8 y 2 8 y 3 8 y 4 t4 n5 n6 p5 p6 n2 n1 p2 p1 t3 r5 r6 t6 t5 r2 r1 t1 t2
industrial temperature range 2 idt74alvch32244 3.3v cmos 32-bit buffer/driver with 3-state outputs lfbga topview 96 ball lfbga package attributes pin configuration 1.5mm max. 1.4mm nom. 1.3mm min. 0.8mm 6 5 4 3 2 1 top view abcde fghjklmnprt abcdefghjk lmnprt 6 5 4 3 2 1 13.5mm 5.5mm a b c e f g h j k l m n p d r t 6 5 4 3 2 1 2 a 4 3 a 1 3 a 2 3 a 4 4 a 3 1 a 4 2 a 1 2 a 3 4 a 2 4 a 4 3 a 3 4 a 1 1 a 2 1 a 3 1 a 1 v cc gnd 6 a 4 5 a 2 5 a 4 7 a 1 7 a 3 7 a 2 5 a 3 6 a 1 7 a 4 5 a 1 8 a 2 v cc 1 y 1 gnd gnd v cc 1 y 2 1y3 8 y 2 8 y 3 gnd 3 y 2 3 y 4 1 y 4 2 y 1 2 y 3 4 y 2 4 y 4 6 y 3 7 y 2 5 y 3 6 y 1 7 y 4 5 y 1 2 y 2 2 y 4 3 y 1 4 y 3 3 y 3 4 y 1 6 y 2 6 y 4 5 y 2 5 y 4 7 y 1 7 y 3 gnd v cc gnd v cc gnd gnd v cc gnd gnd gnd 6 a 3 6 a 2 gnd 2 oe 6 oe 8 a 1 8 a 3 8 a 4 7 oe 8 y 4 8 y 1 v cc gnd 4 oe 1 oe v cc gnd gnd gnd 3 oe 5 oe 8 oe 2 a 2
industrial temperature range idt74alvch32244 3.3v cmos 32-bit buffer/driver with 3-state outputs 3 pin names description xoe 3-state output enable inputs (active low) x a x data inputs (1) x y x 3-state outputs pin description symbol description max unit v term (2) terminal voltage with respect to gnd ?0.5 to +4.6 v v term (3) terminal voltage with respect to gnd ?0.5 to v cc +0.5 v t stg storage temperature ?65 to +150 c i out dc output current ?50 to +50 ma i ik continuous clamp current, 50 ma v i < 0 or v i > v cc i ok continuous clamp current, v o < 0 ?50 ma i cc continuous current through each 100 ma i ss v cc or gnd absolute maximum ratings (1) notes: 1. stresses greater than those listed under absolute maximum ratings may cause permanent damage to the device. this is a stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. exposure to absolute maximum rating conditions for extended periods may affect reliability. 2. v cc terminals. 3. all terminals except v cc . note: 1. these pins have "bus-hold". all other pins are standard inputs, outputs, or i/os. function table (each 4-bit buffer) (1) note: 1. h = high voltage level l = low voltage level x = don?t care z = high impedance inputs outputs x oe xax xyx lh h ll l hx z note: 1. as applicable to the device type. symbol parameter (1) conditions typ. max. unit c in input capacitance v in = 0v 5 7 pf c out output capacitance v out = 0v 7 9 pf c i/o i/o port capacitance v in = 0v 7 9 pf capacitance (t a = +25c, f = 1.0mhz)
industrial temperature range 4 idt74alvch32244 3.3v cmos 32-bit buffer/driver with 3-state outputs symbol parameter test conditions min. typ. (1) max. unit v ih input high voltage level v cc = 2.3v to 2.7v 1.7 ? ? v v cc = 2.7v to 3.6v 2 ? ? v il input low voltage level v cc = 2.3v to 2.7v ? ? 0.7 v v cc = 2.7v to 3.6v ? ? 0.8 i ih input high current v cc = 3.6v v i = v cc ?? 5a i il input low current v cc = 3.6v v i = gnd ? ? 5a i ozh high impedance output current v cc = 3.6v v o = v cc ?? 10 a i ozl (3-state output pins) v o = gnd ? ? 10 v ik clamp diode voltage v cc = 2.3v, i in = ?18ma ? ?0.7 ?1.2 v v h input hysteresis v cc = 3.3v ? 100 ? mv i ccl quiescent power supply current v cc = 3.6v ? 0.1 40 a i cch v in = gnd or v cc i ccz i cc quiescent power supply current one input at v cc - 0.6v, other inputs at v cc or gnd ? ? 750 a variation dc electrical characteristics over operating range following conditions apply unless otherwise specified: operating condition: t a = ?40c to +85c note: 1. typical values are at v cc = 3.3v, +25c ambient. bus-hold characteristics symbol parameter (1) test conditions min. typ. (2) max. unit i bhh bus-hold input sustain current v cc = 3v v i = 2v ? 75 ? ? a i bhl v i = 0.8v 75 ? ? i bhh bus-hold input sustain current v cc = 2.3v v i = 1.7v ? 45 ? ? a i bhl v i = 0.7v 45 ? ? i bhho bus-hold input overdrive current v cc = 3.6v v i = 0 to 3.6v ? ? 500 a i bhlo notes: 1. pins with bus-hold are identified in the pin description. 2. typical values are at v cc = 3.3v, +25c ambient.
industrial temperature range idt74alvch32244 3.3v cmos 32-bit buffer/driver with 3-state outputs 5 operating characteristics, t a aa a aa a aaaaa a aa a a a a a a a a a
industrial temperature range 6 i dt74alvch3224 4 3 . 3 v cmos 32-bit buffer / d river with 3-state outputs open v load gnd v cc pulse generator d.u.t. 500 500 c l r t v in v out (1, 2) lvc link input v ih 0v v oh v ol t plh1 t sk (x) output 1 output 2 t phl1 t sk (x) t plh2 t phl2 v t v t v oh v t v ol t sk (x) = t plh2 - t plh1 or t phl2 - t phl1 lvc link same phase input transition opposite phase input transition 0v 0v v oh v ol t plh t phl t phl t plh output v ih v t v t v ih v t lvc link data input 0v 0v 0v 0v t rem timing input asynchronous control synchronous control t su t h t su t h v ih v t v ih v t v ih v t v ih v t lvc link low-high-low pulse high-low-high pulse v t t w v t lvc link control input t plz 0v output normally low t pzh 0v switch closed output normally high enable disable switch open t phz 0v v ol+ v lz v oh v t v t t pzl v load/2 v load/2 v ih v t v ol v oh- v hz lvc link test circuits and waveforms propagation delay test circuit for all outputs enable and disable times set-up, hold, and release times notes: 1. for t sk (o) output1 and output2 are any two outputs. 2. for t sk (b) output1 and output2 are in the same bank. definitions: c l = load capacitance: includes jig and probe capacitance. r t = termination resistance: should be equal to z out of the pulse generator. notes: 1. pulse generator for all pulses: rate 1.0mhz; t f 2.5ns; t r 2.5ns. 2. pulse generator for all pulses: rate 1.0mhz; t f 2ns; t r 2ns. output skew - t sk ( x ) pulse width note: 1. diagram shown for input control enable-low and input control disable-high. symbol v cc (1) = 3.3v0.3v v cc (1) = 2.7v v cc (2) = 2.5v0.2v unit v load 6 6 2 x vcc v v ih 2.7 2.7 vcc v v t 1.5 1.5 vcc / 2 v v lz 300 300 150 mv v hz 300 300 150 mv c l 50 50 30 pf test conditions switch position test switch open drain disable low v load enable low disable high gnd enable high all other tests open
industrial temperature range idt74alvch32244 3.3v cmos 32-bit buffer/driver with 3-state outputs 7 ordering information xx temp. range alvc xxxx xx package device type bf bfg 32 74 low profile fine pitch ball grid array lfbga - green 32-bit buffer/driver with 3-state outputs -40c to +85c xxx family bus-hold 244 bus-hold 32-bit bus density, 24ma h corporate headquarters for sales: for tech support: 6024 silver creek valley road 800-345-7015 or 408-284-8200 logichelp@idt.com san jose, ca 95138 fax: 408-284-2775 www.idt.com


▲Up To Search▲   

 
Price & Availability of 74ALVCH32244BFG

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X