Part Number Hot Search : 
LNK562DN 155TM7 ST7271 MK23H2 2SA1265N FQB5N50C 1036017 1210A
Product Description
Full Text Search
 

To Download 6049139 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  online data sheet pbt-rp2k0an1ss0vmc0z pbt pressure sensors l + / q a 3 2 1 m - + + - l + m q a 2 1 1 - + - + m 4 2 3 l + / q a 1 - + - + m 4 2 3 l + q a l + /q a m - + + - brn grn l + m + - + - brngrn wht q a 2-wire 3-wire l-connector (din en 175301-803 a flying leads power supply load 3 - + + - m12 x 1, 4-pin 13 (0.51) 27 (1.06) 1/4npt online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
pbt-rp2k0an1ss0vmc0z | pbt pressure sensors illustration may differ ordering information type part no. pbt-rp2k0an1ss0vmc0z 6049139 other models and accessories www.sick.com/pbt detailed technical data features medium liquid, gaseous pressure type gauge pressure measuring range 0?psi?... 2,000?psi process temperature 0?c?... +80?c output signal 0?v?... 10?v, 3-wire performance non-linearity ?0.25?%, (best fit straight line, bfsl) according to iec?61298-2 accuracy ?0.5?% of the span (with non-linearity 0.25?%) 0,6?% of span (with non-linearity 0.25?% and with signal output 0?... 5?v) 1,0?% of span (with non-linearity 0.5?%) including non-linearity, hysteresis, zero point and full scale error (corresponds to error of mea- surement as per iec?61298-2) adjustment accuracy of zero signal 0.15?% of span typ., 0.4?% of span?max. (with non-linerarity 0.25?%) hysteresis ?0.16?% of the span non-repeatability ?0.1?% of the span response time pbt-rp2k0an1ss0vmc0z | pbt pressure sensors electrical connection round connector m12?x 1, 4-pin, ip?67 supply voltage power consumption electrical safety insolation voltage 500?v?dc ce-conformity pressure equipment directive: 97/23/ec, emc directive: 2004/108/ec, en?61 326-2-3 weight sensor approx.?80?g seal without seal enclosure rating ip?67 protection class iii ? reference conditions reference conditions: according to iec?61298-1 1) ?the pressure transmitter must be supplied with power by a limited energy circuit compliant with 9.3?of ul/en/iec?601010-1 or lps to ul/en/iec?60950-1 or class 2?to ul 1310/ul1585 (nec or cec). the power supply must be suitable for operation above 2,000?m if the pressure transmitter is used above this altitude. ambient data ambient temperature 0?c?... +80?c storage temperature C20?c?... +80?c relative humidity 45?%?... 75?% shock load vibration load classifications ecl@ss 5.0 27200614 ecl@ss 5.1.4 27200614 ecl@ss 6.0 27200614 ecl@ss 6.2 27200614 ecl@ss 7.0 27200614 ecl@ss 8.0 27200614 ecl@ss 8.1 27200614 ecl@ss 9.0 27200614 etim 5.0 ec002476 etim 6.0 ec002476 unspsc 16.0901 41112410 dimensional drawing (dimensions in mm (inch)) ?'' npt 2016-08-17 15:00:09 | online data sheet subject to change without notice fluid sensors | sick 3 l + / q a 3 2 1 m - + + - l + m q a 2 1 1 - + - + m 4 2 3 l + / q a 1 - + - + m 4 2 3 l + q a l + /q a m - + + - brn grn l + m + - + - brngrn wht q a 2-wire 3-wire l-connector (din en 175301-803 a flying leads power supply load 3 - + + - m12 x 1, 4-pin 13 (0.51) 27 (1.06) 1/4npt online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
pbt-rp2k0an1ss0vmc0z | pbt pressure sensors connection type recommended accessories other models and accessories www.sick.com/pbt brief description type part no. mounting brackets and mounting plates mounting bracket for simple and stable wall mounting of pressure sensors with 27?mm hexagon, aluminum bef-fl-alupbs-hldr 5322501 plug connectors and cables head a: female connector, m12, 4-pin, straight head b: cable cable: pvc, unshielded, 2?m dol-1204-g02m 6009382 head a: female connector, m12, 4-pin, straight head b: cable cable: drag chain use, pur, halogen-free, unshielded, 2?m dol-1204-g02mc 6025900 head a: female connector, m12, 4-pin, straight head b: cable cable: pvc, unshielded, 5?m dol-1204-g05m 6009866 head a: female connector, m12, 4-pin, straight head b: cable cable: pvc, unshielded, 10?m dol-1204-g10m 6010543 head a: female connector, m12, 4-pin, straight head b: cable cable: drag chain use, pur, halogen-free, unshielded, 10?m dol-1204-g10mc 6025902 4 fluid sensors | sick online data sheet | 2016-08-17 15:00:09 subject to change without notice l + / q a 3 2 1 m - + + - l + m q a 2 1 1 - + - + m 4 2 3 l + / q a 1 - + - + m 4 2 3 l + q a l + /q a m - + + - brn grn l + m + - + - brngrn wht q a 2-wire 3-wire l-connector (din en 175301-803 a flying leads power supply load 3 - + + - m12 x 1, 4-pin 13 (0.51) 27 (1.06) 1/4npt online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
pbt-rp2k0an1ss0vmc0z | pbt pressure sensors brief description type part no. head a: female connector, m12, 4-pin, straight head b: cable cable: pvc, unshielded, 15?m dol-1204-g15m 6010753 head a: female connector, m12, 4-pin, straight head b: cable cable: pvc, unshielded, 20?m dol-1204-g20m 6034401 head a: female connector, m12, 4-pin, angled head b: cable cable: pvc, unshielded, 2?m dol-1204-w02m 6009383 head a: female connector, m12, 4-pin, angled head b: cable cable: drag chain use, pur, halogen-free, unshielded, 2?m dol-1204-w02mc 6025903 head a: female connector, m12, 4-pin, angled head b: cable cable: pvc, unshielded, 5?m dol-1204-w05m 6009867 head a: female connector, m12, 4-pin, angled head b: cable cable: drag chain use, pur, halogen-free, unshielded, 5?m dol-1204-w05mc 6025904 head a: female connector, m12, 4-pin, angled head b: cable cable: drag chain use, welding spark resistant, pur, halogen-free, unshielded, 5?m dol-1204-w05md 6020399 head a: female connector, m12, 4-pin, angled head b: cable cable: pvc, unshielded, 10?m dol-1204-w10m 6010541 head a: female connector, m12, 4-pin, angled head b: cable cable: drag chain use, pur, halogen-free, unshielded, 10?m dol-1204-w10mc 6025905 head a: female connector, m12, 4-pin, angled head b: cable cable: pvc, unshielded, 15?m dol-1204-w15m 6036474 head a: female connector, m12, 4-pin, angled head b: cable cable: pvc, unshielded, 20?m dol-1204-w20m 6033559 2016-08-17 15:00:09 | online data sheet subject to change without notice fluid sensors | sick 5 l + / q a 3 2 1 m - + + - l + m q a 2 1 1 - + - + m 4 2 3 l + / q a 1 - + - + m 4 2 3 l + q a l + /q a m - + + - brn grn l + m + - + - brngrn wht q a 2-wire 3-wire l-connector (din en 175301-803 a flying leads power supply load 3 - + + - m12 x 1, 4-pin 13 (0.51) 27 (1.06) 1/4npt online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t
l + / q a 3 2 1 m - + + - l + m q a 2 1 1 - + - + m 4 2 3 l + / q a 1 - + - + m 4 2 3 l + q a l + /q a m - + + - brn grn l + m + - + - brngrn wht q a 2-wire 3-wire l-connector (din en 175301-803 a flying leads power supply load 3 - + + - m12 x 1, 4-pin 13 (0.51) 27 (1.06) 1/4npt online data sheet sick ag | waldkirch | germany | www.sick.com sick a t a gl an ce sick is one of the leading manufacturers of intelligent sensors and sensor solutions for industrial applica - tions. a unique range of products and services creates the perfect basis for controlling processes securely and effciently, protecting individuals from accidents and preventing damage to the environment. we have extensive experience in a wide range of industries and understand their processes and require - ments. with intelligent sensors, we can deliver exactly what our customers need. in application centers in europe, asia and north america, system solutions are tested and optimized in accordance with customer specifcations. all this makes us a reliable supplier and development partner. comprehensive services complete our offering: sick l ifet ime services provide support throughout the ma - chine life cycle and ensure safety and productivity. for us, that is sensor intelligence. w orld wide presen ce: contacts and other locations C www.sick.com a b c d e f h i j k l m n o p q r s t


▲Up To Search▲   

 
Price & Availability of 6049139

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X