Part Number Hot Search : 
STW9N150 VTP5050 TSM1051 L780S10 GP1U525Q THAT120 30FQ030 AN801
Product Description
Full Text Search
 

To Download 30SMC150 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  6.8 to 440volts 3000watts smd transient voltage suppressors 3000 mi ni mum w we ight: 0.21 gr ams (approx.) case: smc/do-214ab molded plastic terminals:solderable per 200 a 3.0smc series features    maximum r a tings and electrical characteristics @t a =25 c unless otherwise specified 1 of 5 characteris ti c symbol value unit p eak pulse power dissipation at t a = 25 c (note 1, 2, 5) figure 3 p ppm p eak forward surge current (note 3) i fsm p eak pulse current on 10/1000s waveform (note 1) figure 1 i ppm see t ab le 1 a st eady state power dissipation (note 2, 4) p m(a v ) 5.0 w operat i ng and storage temperature range t j , t stg -55 to +175 c note: 1. non-repetitive current pulse, per figure 1 and derated above t a = 25 c per figure 4. 2. mounted on 40mm 2 copper pad. 3. 8. 3ms single half sine-wave duty cycle = 4 pulses per minutes maximum. 4. lead temperature at 75c = t l . 5. p ea k pulse power waveform is 10/1000s. 3.0smc series ! gl ass passivated die construction ! 3000w peak pulse power dissipation ! ! uni- and bi-directional versions available ! excellent clamping capability ! fast response time ! plastic case material has ul flammability mechanic al d ata ! ! mil- st d- 202, method 208 ! polarity: cathode band or cathode notch ! marking: unidirectional ? device code and cathode band bidirectional ? device code only ! ! lead free: for rohs / lead free version z ibo seno electronic engineering co., ltd. www.senocn.com 6.8v-440v standoff voltage dim min max a 5.59 6.22 b 6.60 7.11 c 2.75 3.18 d 0.15 0.31 e 7.75 8.13 g 0.10 0.20 h 0.76 1.52 j 2.00 2.62 all dimensions in mm a b c d g h e j ?c? s u f f i x des i gnates bi-directional devices ?a? suffix designates 5% tolerance devices no suffix designates 10% tolerance devices smc/do-214ab alldatasheet
2 of 5 1 10 100 1000 10 100 1000 10 ,000 v , reverse standoff voltage (v) fig .2 t y pical total capacitance rwm c , cap acitance (pf) t measured at zero bias uni-directional bi-directional t=2 5 c j f=1. 0m hz v = 50 mv p-p sig 0.1 1.0 0.1 10 100 1.0 10 1000 10000 t=25 c j p , peak pulse power (kw) d 100 non repetitive pulse w aveform showninfig.4 012 3 100 50 0 i , peak pulse current (%i ) pp p peak v alue i pp half value i /2 pp 10 x 1000 waveform as defined by r.e.a. t p t, time (ms) fi g . 4 pulse waveform 10 x 1000 waveform as defined by rea 0 25 50 75 100 125 150 175 200 100 75 50 25 0 t , ambient temperature ( c) fig . 1 pulse derating curve a peak pulse dera ting in % of peak power or current 10 200 100 2 10 5 peak for w ard surge current, (a) number of cycles at 60hz fig . 5, maximum non-repetitive surg e current 20 50 100 1 pulse width 8.3ms single half-sine-wave (jedec method) 0.0 1.0 2.0 3.0 025 50 75 100 125 150 175 200 pm steady st a te power dissipation (w ) (av), t , lead temperature ( c) fig . 6 steady state power deratin g curve l 4.0 5.0 60hz resistive or inductive load z ibo seno electronic engineering co., ltd. www.senocn.com 3.0smc series 3.0smc series alldatasheet
uni/bi-directional 6.8 to 440volts 3000w smd transient voltage suppressors 3 of 5 notes: 1. suffix c denotes bi-directional device. 2. v br measured with i t current pulse = 300  s. 3. for bi-directional devices having v rwm of 10v and under, the i r is doubled. z ibo seno electronic engineering co., ltd. www.senocn.com 3.0smc series type number marking reverse stand-off voltage breakdown voltage min. @i t bre akd own voltage max. @ i t test current maximum clam ping voltage @i pp peak pulse current re v erse leakage @v rmw (uni) (bi) (uni) (bi) v rmw (v) v br min (v) v br max (v) i t (ma) v c (v) i pp (a) i r (ua) 3.0smc6.8 3.0smc6.8 c 6v8 6v8c 5.50 6.12 7.48 10.0 10.8 277.8 1000.0 3.0smc6.8a 3.0smc6.8 c a 6v8a 6v8c a 5.80 6.45 7.14 10. 0 10.5 285.7 1000.0 3.0smc7.5 3.0smc7.5 c 7v5 7 v5c 6.05 6.75 8.25 10.0 11.7 256.4 500.0 3.0smc7.5a 3.0smc7.5 c a 7v5a 7v5c a 6.40 7.13 7.88 10. 0 11.3 265.5 500.0 3.0smc8.2 3.0smc8.2 c 8v2 8 v2c 6.63 7.38 9.02 10. 0 12.5 240.0 200.0 3.0smc8.2a 3.0smc8.2 c a 8v2a 8v2c a 7.02 7.79 8.61 10. 0 12.1 247.9 200.0 3.0smc9.1 3.0smc9.1 c 9v1 9v1c 7.37 8.19 10.0 1. 0 13.8 217.4 50.0 3.0smc9.1a 3.0smc9.1 c a 9v1a 9v1c a 7.78 8.65 9.55 1. 0 13.4 223.9 50.0 3.0smc1 0 3.0smc10c 10 10c 8. 10 9.00 11.0 1.0 15.0 200.0 10.0 3.0smc1 0 a 3.0smc10 ca 10a 10ca 8.55 9.50 10.5 1. 0 14.5 206.9 10.0 3.0smc1 1 3.0smc11c 11 11c 8.92 9.90 12.1 1. 0 16.2 185.2 5.0 3.0smc1 1 a 3.0smc11ca 11a 11ca 9.40 10.5 11.6 1.0 15.6 192.3 5.0 3.0smc1 2 3.0smc12c 12 12c 9. 72 10.8 13.2 1.0 17.3 173.4 5.0 3.0smc1 2a 3.0smc12 ca 12a 12ca 10. 2 11.4 12.6 1.0 16.7 179.6 5.0 3.0smc1 3 3.0smc13c 13 13c 10. 5 11.7 14.3 1.0 19.0 157.9 5.0 3.0smc1 3 a 3.0smc1 3 ca 13a 13ca 11 .1 12.4 13.7 1.0 18.2 164.8 5.0 3.0smc1 5 3.0smc15c 15 15c 12. 1 13.5 16.5 1.0 22.0 136.4 5.0 3.0smc1 5 a 3.0smc1 5 ca 15a 15ca 12.8 14.3 15.8 1. 0 21.2 141.5 5.0 3.0smc1 6 3.0smc16c 16 16c 12. 9 14.4 17.6 1.0 23.5 127.7 5.0 3.0smc1 6 a 3.0smc16ca 16a 16ca 13.6 15.2 16.8 1. 0 22.5 133.3 5.0 3.0smc1 8 3.0smc18c 18 18c 14. 5 16.2 19.8 1.0 26.5 113.2 5.0 3.0smc1 8 a 3.0smc18ca 18a 18ca 15. 3 17.1 18.9 1.0 25.2 119.0 5.0 3.0smc2 0 3.0smc2 0 c 20 20c 16. 2 18.0 22.0 1.0 29.1 103.1 5.0 3.0smc2 0 a 3.0smc20ca 20a 20ca 17.1 19.0 21.0 1. 0 27.7 108.3 5.0 3.0smc series alldatasheet
4 of 5 notes: 1. suffix c denotes bi-directional device. 2. v br measured with i t current pulse = 300  s. 3. for bi-directional devices having v rwm of 10v and under, the i r is doubled. z ibo seno electronic engineering co., ltd. www.senocn.com uni/bi-directional 6.8 to 440volts 3000w smd transient voltage suppressors ty p e number marking reverse stand-off voltage breakdown voltage min. @i t bre akd own voltage max. @ i t t est current maximum cla mping voltage @i pp peak pulse current re v erse leakage @v rmw (uni) (bi) (uni) (bi) v rmw (v) v br min (v) v br max (v) i t (m a ) v c (v) i pp (a ) i r (u a ) 3.0smc series 3.0smc2 2 3.0smc22c 22 22c 17. 8 19.8 24.2 1.0 31.9 94.0 5.0 3.0smc2 2 a 3.0smc22ca 22a 22ca 18.8 20.9 23.1 1. 0 30.6 98.0 5.0 3.0smc2 4 3.0smc24c 24 24c 19. 4 21.6 26.4 1.0 34.7 86.5 5.0 3.0smc2 4 a 3.0smc24ca 24a 24ca 20.5 22.8 25.2 1. 0 33.2 90.4 5.0 3.0smc2 7 3.0smc27c 27 27c 21. 8 24.3 29.7 1.0 39.1 76.7 5.0 3.0smc2 7 a 3.0smc27ca 27a 27ca 23.1 25.7 28.4 1. 0 37.5 80.0 5.0 3.0smc3 0 3.0smc30c 30 30c 24. 3 27.0 33.0 1.0 43.5 69.0 5.0 3.0smc3 0 a 3.0smc30ca 30a 30ca 25.6 28.5 31.5 1. 0 41.4 72.5 5.0 3.0smc3 3 3.0smc33c 33 33c 26. 8 29.7 36.3 1.0 47.7 62.9 5.0 3.0smc3 3 a 3.0smc33ca 33a 33ca 28.2 31.4 34.7 1. 0 45.7 65.6 5.0 3.0smc3 6 3.0smc36c 36 36c 29. 1 32.4 39.6 1.0 52.0 57.7 5.0 3.0smc3 6 a 3.0smc36ca 36a 36ca 30.8 34.2 37.8 1. 0 49.9 60.1 5.0 3.0smc3 9 3.0smc39c 39 39c 31. 6 35.1 42.9 1.0 56.4 53.2 5.0 3.0smc3 9 a 3.0smc39ca 39a 39ca 33.3 37.1 41.0 1. 0 53.9 55.7 5.0 3.0smc4 3 3.0smc43c 43 43c 34. 8 38.7 47.3 1.0 61.9 48.5 5.0 3.0smc4 3 a 3.0smc43ca 43a 43ca 36.8 40.9 45.2 1. 0 59.3 50.6 5.0 3.0smc4 7 3.0smc47c 47 47c 38. 1 42.3 51.7 1.0 67.8 44.2 5.0 3.0smc4 7 a 3.0smc47ca 47a 47ca 40.2 44.7 49.4 1. 0 64.8 46.3 5.0 3.0smc5 1 3.0smc51c 51 51c 41. 3 45.9 56.1 1.0 73.5 40.8 5.0 3.0smc5 1 a 3.0smc51ca 51a 51ca 43.6 48.5 53.6 1. 0 70.1 42.8 5.0 3.0smc5 6 3.0smc56c 56 56c 45. 4 50.4 61.6 1.0 80.5 37.3 5.0 3.0smc5 6 a 3.0smc56ca 56a 56ca 47.8 53.2 58.8 1. 0 77.0 39.0 5.0 3.0smc6 2 3.0smc62c 62 62c 50. 2 55.8 68.2 1.0 89.0 33.7 5.0 3.0smc62a 3.0smc62 ca 62a 62ca 53.0 58.9 65.1 1. 0 85.0 35.3 5.0 3.0smc6 8 3.0smc68c 68 68c 55. 1 61.2 74.8 1.0 98.0 30.6 5.0 3.0smc6 8 a 3.0smc68ca 68a 68ca 58.1 64.6 71.4 1. 0 92.0 32.6 5.0 3.0smc75 3.0smc7 5c 75 75c 60.7 67.5 82.5 1. 0 108 27.8 5.0 3.0smc7 5 a 3.0smc75ca 75a 75ca 64.1 71.3 78.8 1. 0 103 29.1 5.0 3.0smc8 2 3.0smc82c 82 82c 66. 4 73.8 90.2 1.0 118 25.4 5.0 3.0smc8 2 a 3.0smc82ca 82a 82ca 70.1 77.9 86.1 1. 0 113 26.5 5.0 3.0smc9 1 3.0smc91c 91 91c 73.7 81.9 100 1. 0 131 22.9 5.0 3.0smc9 1 a 3.0smc91ca 91a 91ca 77.8 86.5 95.5 1. 0 125 24.0 5.0 3.0smc1 00 3.0smc1 00c 100 100c 81.0 90.0 110 1. 0 144 20.8 5.0 3.0smc1 00a 3.0smc100ca 100a 100 ca 85.5 95.0 105 1.0 137 21.9 5.0 3.0smc1 10 3.0smc1 10c 110 1 10c 89.2 99.0 121 1.0 158 19.0 5.0 3.0smc1 10a 3.0smc110ca 110a 1 10ca 94.0 105 116 1.0 152 19.7 5.0 3.0smc series alldatasheet
5 of 5 notes: 1. suffix c denotes bi-directional device. 2. v br measured with i t current pulse = 300  s. 3. for bi-directional devices having v rwm of 10v and under, the i r is doubled. z ibo seno electronic engineering co., ltd. www.senocn.com ty p e number marking reverse stand-off voltage breakdown voltage min. @i t bre akd own voltage max. @ i t t est current maximum cla mping voltage @i pp peak pulse current re v erse leakage @v rmw (uni) (bi) (uni) (bi) v rmw (v) v br min (v) v br max (v) i t (m a ) v c (v) i pp (a ) i r (u a ) uni/bi-directional 6.8 to 440volts 30000w smd transient voltage suppressors 3.0smc series 3.0smc series 3.0smc1 20 3.0smc1 20c 120 120 c 97.2 108 132 1.0 173 17.3 5.0 3.0smc1 20a 3.0smc120ca 120a 120 ca 102 114 126 1.0 165 18.2 5.0 3.0smc1 30 3.0smc1 30c 130 130 c 105 117 143 1.0 187 16.0 5.0 3.0smc1 30a 3.0smc130ca 130a 130 ca 111 124 137 1.0 179 16.8 5.0 3.0smc1 50 3.0smc1 50c 150 150c 121 135 165 1.0 215 14.0 5.0 3.0smc1 50a 3.0smc150ca 150a 150ca 128 143 158 1.0 207 14.5 5.0 3.0smc1 60 3.0smc1 60c 160 160c 130 144 176 1.0 230 13.0 5.0 3.0smc1 60a 3.0smc160ca 160a 160ca 136 152 168 1.0 219 13.7 5.0 3.0smc1 70 3.0smc1 70c 170 170c 138 153 187 1.0 244 12.3 5.0 3.0smc1 70a 3.0smc170ca 170a 170ca 145 162 179 1.0 234 12.8 5.0 3.0smc1 80 3.0smc1 80c 180 180 c 146 162 198 1.0 258 11.6 5.0 3.0smc1 80a 3.0smc180ca 180a 180ca 154 171 189 1.0 246 12.2 5.0 3.0smc2 00 3.0smc2 00c 200 200c 162 180 220 1.0 287 10.5 5.0 3.0smc2 00a 3.0smc200ca 200a 200ca 171 190 210 1.0 274 10.9 5.0 3.0smc2 20 3.0smc2 20c 220 220c 175 198 242 1.0 344 8.7 5.0 3.0smc2 20a 3.0smc220ca 220a 220ca 185 209 231 1.0 328 9.1 5.0 3.0smc2 50 3.0smc2 50c 250 250c 202 225 275 1.0 360 8.3 5.0 3.0smc2 50a 3.0smc250ca 250a 250ca 214 237 263 1.0 344 8.7 5.0 3.0smc3 00 3.0smc3 00c 300 300c 243 270 330 1.0 430 7.0 5.0 3.0smc3 00a 3.0smc300ca 300a 300ca 256 285 315 1.0 414 7.2 5.0 3.0smc3 50 3.0smc3 50c 350 350c 284 315 385 1.0 504 6.0 5.0 3.0smc3 50a 3.0smc350ca 350a 350ca 300 333 368 1.0 482 6.2 5.0 3.0smc4 00 3.0smc4 00c 400 400c 324 360 440 1.0 574 5.2 5.0 3.0smc4 00a 3.0smc400ca 400a 400ca 342 380 420 1.0 548 5.5 5.0 3.0smc4 40 3.0smc4 40c 440 440c 356 396 484 1.0 631 4.8 5.0 3.0smc4 40a 3.0smc440ca 440a 440ca 376 418 462 1.0 600 5.0 5.0 alldatasheet


▲Up To Search▲   

 
Price & Availability of 30SMC150

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X