Part Number Hot Search : 
HAL573 PIC18F24 C842C M100G TDA4340X 2EZ91 2SK389BL XILINX
Product Description
Full Text Search
 

To Download 2N3904G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  2N3904G rev.e mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-92 ?? npn ?? silicon npn transistor in a to-92 plastic package.  ???? low current, low voltage, hf product. ?? general purpose amplifier. pin1 collector pin 2 base pin 3 emitter ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 1 2 3
2N3904G rev.e mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo 60 v collector to emitter voltage v ceo 40 v emitter to base voltage v ebo 6.0 v collector current - continuous i c 200 ma collector power dissipation p c 625 mw junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to base breakdown v oltage v cbo i c =10 a i e =0 60 v collector to emitter breakdown v oltage v ceo i c =1.0ma i b =0 40 v emitter to base breakdown voltage v ebo i e =10 a i c =0 6.0 v collecto r cut-off current i cbo v cb =50v i e =0 0.05 a emitte r cut-off current i ebo v eb =5.0v i c =0 0.05 a dc current gain h fe(1) v ce =1.0v i c =10ma 100 300 h fe(2) v ce =1.0v i c =100ma 30 collector to emitter saturation v oltage v ce(sat) i c =50ma i b =5.0ma 0.3 v base to emitter saturation voltage v be(sat) i c =50ma i b =5.0ma 0.95 v current gain bandwidth product f t i c =10ma v ce =20v f=100mhz 300 mhz output capacitance c ob v cb =5.0v i e =0 f=1.0mhz 4.0 pf turn on time t on v cc =3.0v v be =0.5v i c =10ma i b1 =1.0ma 0.07 s turn off time t off v cc =3.0v i c =10ma i b1 =-i b2 =1.0ma 0.25 s ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
2N3904G rev.e mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
2N3904G rev.e mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
2N3904G rev.e mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br  ?? g:   ?? n3904 ??? **** ???? note: br: company code. g:   halogen free product n3904: product type. ****: lot no. code, code change with lot no. n3904 **** br g
2N3904G rev.e mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm3) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-92 1,000 10 10,000 5 50,000 135190 237172102 560245195 1,000 10 10,000 10 100,000 135190 237172102 560245375 ? / ammo package type ?? units ? dimension ?? (unit mm3) units/tape ? / ? tape/inner box ? / rows/inner box ? / inner boxes/outer box / units/outer box ? / inner box outer box to-92 3,000 1 120 10 30,000 32823042 480346235 547407268 ?? / notices


▲Up To Search▲   

 
Price & Availability of 2N3904G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X