Part Number Hot Search : 
K4N28 DWN75 EERL39 1A106 5820SMJ DSEI120 PA1220 MP2119
Product Description
Full Text Search
 

To Download 2M100Z Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  do-15 features  plastic package has underwriters laboratory flammability classification 94v-0  low profile package  built-in strain relief  excellent clamping capability  
    high temperature soldering guaranteed: 260 o c / 10 seconds / .375?,(9.5mm) lead length / 5lbs.,(2.3kg) tension mechanical data  case: molded plastic  polarity: color band denotes positive end (cathode)  weight: 0.4 0 gram maximum ratings and electrical characteristics rating at 25 o c ambient temperature unless otherwise specified. single phase, half wave, 60 hz, resistive or inductive load. for capacitive load, dera e current by 20% type number symbol value units steady state power dissipation at t l =75 o c lead lengths .375?, 9.5m ( note 1 ) p d 2.0 watts peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) ( note 2 ) i fsm 15 amps operating and storage temperature rang t j , t stg -55 to + 175 o c notes: 1. mounted on 5.0mm2 (0.13mm thick) land areas. 2. measured on 8.3ms single half sine-wave of equivalent square wave, duty cycle=4 pulses per minute maximum. 2m11z - 2m200z 2.0 watts glass passivated junctionsilicon zener diodes dimensions in inches and (millimeters) ht t p : // w w w.lgesemi .c o m m a il:lge@lgesemi.com revision:201 70701 -p1
electrical characteristics ( ratings at ta=25 o c ambient temperature unless otherwise specified) . nominal zener voltage test maximum surge current device v z @ i zt current zener @ ta=25    voltage i zt z zt @ i zt z zk @ i zk i zk current ir - ma (notes 2) (ma) (ohms) (ohms) ma i r (ua) v r (v) i zm (ma) 2m11z 11 45.5 4.0 700 0.25 1.0 8.4 166 1.82 2m12z 12 41.5 4.5 700 0.25 1.0 9.1 152 1.66 2m13z 13 38.5 5.0 700 0.25 0.5 9.9 138 1.54 2m14z 14 35.7 5.5 700 0.25 0.5 10.6 130 1.43 2m15z 15 33.4 7.0 700 0.25 0.5 11.4 122 1.33 2m16z 16 31.2 8.0 700 0.25 0.5 12.2 114 1.25 2m17z 17 29.4 9.0 750 0.25 0.5 13.0 107 1.18 2m18z 18 27.8 10 750 0.25 0.5 13.7 100 1.11 2m19z 19 26.3 11 750 0.25 0.5 14.4 95 1.05 2m20z 20 25.0 11 750 0.25 0.5 15.2 90 1.00 2m22z 22 22.8 12 750 0.25 0.5 16.7 82 0.91 2m24z 24 20.8 13 750 0.25 0.5 18.2 76 0.83 2m27z 27 18.5 18 750 0.25 0.5 20.6 68 0.74 2m30z 30 16.6 20 1000 0.25 0.5 22.5 60 0.67 2m33z 33 15.1 23 1000 0.25 0.5 25.1 55 0.61 2m36z 36 13.9 25 1000 0.25 0.5 27.4 50 0.56 2m39z 39 12.8 30 1000 0.25 0.5 29.7 47 0.51 2m43z 43 11.6 35 1500 0.25 0.5 32.7 43 0.45 2m47z 47 10.6 40 1500 0.25 0.5 35.8 39 0.42 2m51z 51 9.8 48 1500 0.25 0.5 38.8 36 0.39 2m56z 56 9.0 55 2000 0.25 0.5 42.6 32 0.36 2m62z 62 8.1 60 2000 0.25 0.5 47.1 29 0.32 2m68z 68 7.4 75 2000 0.25 0.5 51.7 27 0.29 2m75z 75 6.7 90 2000 0.25 0.5 56 24 0.27 2m82z 82 6.1 100 3000 0.25 0.5 62.2 22 0.24 2m91z 91 5.5 125 3000 0.25 0.5 69.2 20 0.22 2M100Z 100 5.0 175 3000 0.25 0.5 76 18 0.20 2m110z 110 4.5 250 4000 0.25 0.5 83.6 17 0.18 2m120z 120 4.2 325 4500 0.25 0.5 91.2 15 0.16 2m130z 130 3.8 400 5000 0.25 0.5 98.8 14 0.15 2m140z 140 3.6 500 5500 0.25 0.5 106.4 13 0.14 2m150z 150 3.3 575 6000 0.25 0.5 114 12 0.13 2m160z 160 3.1 650 6500 0.25 0.5 121.6 11 0.12 2m170z 170 2.9 675 7000 0.25 0.5 130.4 11 0.12 2m180z 180 2.8 725 7000 0.25 0.5 136.8 10 0.11 2m190z 190 2.6 825 8000 0.25 0.5 144.8 10 0.10 2m200z 200 2.5 900 8000 0.25 0.5 152.0 9.0 0.10 notes: 1. tolerances - suffix indicates 5% tolerance any other tolerance will be considered as a special device. 2. zener voltage ( z ) measurement - guarantees the zener voltage when measured at 40 ms    10ms from the diode body, and an ambient temperature of 25    ( + 68    , -2    ). 3. zener impedance (z z ) derivation - the zener impedance is derived from the 60 cycle ac voltage, which results when an an current having an rms falue equal to 10% of the dc zener current (i zt or i zk ) is superimposed on i zt or i zk . 4. surge current (ir) non_repetitive - the rating listed in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, i zt , per jedec standards, however, actual device capability is as described in figure 3. leakage current maximum zener impedance (note 3) 2m11z - 2m200z 2.0 watts glass passivated junctionsilicon zener diodes ht t p : // w w w.lgesemi .c o m m a il:lge@lgesemi.com revision:201 70701 -p1
ratings and characteristic curves (2m11z thru 2m200z) fig.1- typical thermal responsel pw, pulse width (ms) 0.01 0.02 0.05 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 200 500 1000 1 2 3 10 20 30 0.3 5 0.5 0.7 7 fig.4- unit to 12 volts v , zener voltage @i (volts) zz t fig.5- unit 10 to 200 volts v , zener voltage @i (volts) zz t 3456789 10 11 12 8 7 6 5 4 3 2 1 0 -1 -2 -3 -4 -5 range range ov , temperayure coefficient (mv/ c) z o @i zt v@i zzt v@i zzt 8 7 6 5 4 3 2 1 0 -1 -2 -3 -4 -5 ov , temperayure coefficient (mv/ c) z o @i zt fig.2- maximum surge power fig.3- typical reverse leakage 500 100 150 250 10 20 50 40 rectangular nonrepetitive waveform t = 25 c prior to initial pulse j o single pulse tjl = jl(1)ppk repetitive pulses tjl = jl(1,d)ppk d=0.5 d=0.2 d=0.1 d=0.05 d=0.02 d=0.01 d=0 note below 0.1 second. thermal response curve is applicable to any lead length (l) pw, pulse width (ms) ppk, peak surge power (watts) jl (t,d) transient thermal resisitance junction-to-lead ( c/w) o 0.0001 0.0002 0.0003 0.0005 0.001 0.002 0.003 0.005 0.01 0.02 0.03 0.05 0.1 0.2 0.3 0.5 1 ir, reverse leadage(uadc) @vr as specified in elec. char. table normal v (volts) z 100 120 140 160 180 200 020406080 12 510 20 50 100 200 500 1000 12 5 10 20 50 100 0.1 0.2 0.5 duty cycle, d=t1 t2 ppk t2 t1 2m11z - 2m200z 2.0 watts glass passivated junctionsilicon zener diodes ht t p : // w w w.lgesemi .c o m m a il:lge@lgesemi.com revision:201 70701 -p1
ratings and characteristic curves (2m11z thru 2m200z) fig.6- vz = 3.9 thru 10 volts v zener voltage (volts) z , i zener current (ma) z , 0 0.1 12 3 45678 1 10 100 910 fig.7- vz = 12 thru 82 volts v zener voltage (volts) z , i zener current (ma) z , 0 0.1 10 20 30 40 50 60 70 80 1 10 100 90 100 fig.8- vz = 3.9 thru 10 volts v zener voltage (volts) z , i zener current (ma) z , 100 0.1 120 140 160 180 1 10 100 200 80 70 60 50 40 30 20 10 0 0 1 1/8 1/4 3/8 1/2 5/8 3/4 7/8 fig.9- typical thermal resistance l, lead length to heat sink (inch) jl, junction-lead thermal resistance ( c/w) o 2m11z - 2m200z 2.0 watts glass passivated junctionsilicon zener diodes ht t p : // w w w.lgesemi .c o m m a il:lge@lgesemi.com revision:201 70701 -p1 pa c kage spq/p cs c a r t on spq/p cs c a r t on si z e/ cm c a r t on g w /kg c a r t on n w /kg d o - 15 3000 /a mmo 30000 42 x 28 x 31 12 . 00 10 . 00


▲Up To Search▲   

 
Price & Availability of 2M100Z

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X