Part Number Hot Search : 
IFN5433 MAX9973 115MB1 HT604 X55C11 CX2SCSM1 MAX1120 PNZ150L
Product Description
Full Text Search
 

To Download 2EZ91D10E3TR12 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  silicon 2 watt zener diode microsemi scottsdale division 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503 page 1 copyright ? 2008 11-06-2008 rev c www. microsemi . com scottsdale division 2ez3.6d5 thru 2ez200d5, e3 2ez3.6d5 u 2ez200d5, e3 descri pt i on appearan ce the 2ez3.6d5 thru 2ez200d5 series of axial-leaded 2.0 watt zeners provides voltage regulation selections with 5% tolerances from 3.6 to 200 volts in a do-41 plastic package size. other zener voltage tolerances are also available by changing the suffix number to the tolerance desired such as 1 and 2 for tighter tolerances or 10 for wider tolerance. these plastic encapsulated zeners are also availa ble in various military equivalent screening levels by adding a prefix i dentifier as also described in the features section. they may be oper ated at high maximum dc currents or full power rating with adequate heat. microsemi also offers numerous other zener products to meet higher and lower power applications. do-41 or do-204al ( plastic ) important: for the most current data, consult microsemis website: http://www.microsemi.com feat u res appli cat i on s / ben efi t s ? zener voltage available 3.6 v to 200 v ? standard voltage tolerances are plus/minus 5% with a 5 suffix and 10 % with 10 suffix identification ? tight tolerances available in plus or minus 2% or 1% with 2 or 1 suffix respectively ? options for screening in accordance with mil-prf- 19500 for jan, jantx, and jantxv are available by adding mq, mx, or mv prefixes respectively to part numbers. ? surface mount equivalents available as smbj2ez3.6d5 to smbj2ez200d5 in the do-214aa package, or smbg2ez3.6d5 to smbg200d5 in the do-215aa package ? rohs compliant devices available by adding e3 suffix ? regulates voltage over a broad operating current and temperature range ? wide selection from 3.6 to 200 v ? flexible axial-lead mounting terminals ? nonsensitive to esd per mil-std-750 method 1020 ? withstands surge stresses ? high specified maximum current (i zm ) when adequately heat sunk m ax i m u m rat i n gs m ech an i cal an d pack agi n g ? power dissipation at 25 o c: 3.0 watts (also see derating in figure 1). ? operating and storage temperature: -65 o c to +150 o c ? thermal resistance: 45 o c/w junction to lead at 3/8 (10 mm) lead length from body, or 105 o c/w junction to ambient when mounted on fr4 pc board (1oz cu) with 4 mm 2 copper pads and track width 1 mm, length 25 mm ? steady-state power: 2 watts at t l < 60 o c 3/8 inch (10 mm) from body, or 1.19 watts at t a = 25 o c when mounted on fr4 pc described for thermal resistance (also see figure 1) ? forward voltage @200 ma: 1.2 volts (maximum) ? solder temperatures: 260 o c for 10 s (max) ? case: void-free transfer molded thermosetting epoxy body meeting ul94v-0 ? terminals: leads, tin-lead or rohs compliant annealed matte-tin plating solderable per mil- std-750, method 2026 ? polarity: cathode indicated by band where diode is to be operated with the banded end positive with respect to the opposite end for zener regulation. ? marking: part number ? tape & reel option: standard per eia-296 (add tr suffix to part number) ? weight: 0.4 grams ? see package dimensions on last page downloaded from: http:///
silicon 2 watt zener diode www. microsemi . com scottsdale division 2ez3.6d5 thru 2ez200d5, e3 2ez3.6d5 u 2ez200d5, e3 elect ri cal ch aract eri st i cs @ 2 5 o c nominal zener voltage (note 2) maximum zener impedance (note 3) maximum reverse current maximum rated zener current @ 100 o c maximum surge current (note 4) v z @ i zt z zt @ i zt z zk @ i zk i r @ v r i zm i zsm micro type number (note 1) volts ma ohms ohms ma a volts ma a 2ez3.6d5 2ez3.9d5 2ez4.3d5 2ez4.7d5 2ez5.1d5 3.6 3.9 4.3 4.7 5.1 139 128 116 106 98 5.0 5.0 4.5 4.5 3.5 400 400 400 550 600 1.0 1.0 1.0 1.0 1.0 80 30 20 5.0 5.0 1.0 1.0 1.0 1.0 1.0 504 468 434 386 356 4.6 4.4 4.1 3.3 3.5 2ez5.6d5 2ez6.2d5 2ez6.8d5 2ez7.5d5 2ez8.2d5 5.6 6.2 6.8 7.5 8.2 89.5 80.5 73.5 66.5 61 2.5 1.5 2.0 2.0 2.3 500 700 700 700 700 1.0 1.0 1.0 0.5 0.5 5.0 5.0 5.0 5.0 5.0 2.0 3.0 4.0 5.0 6.0 324 292 266 242 220 3.3 3.1 2.9 2.66 2.44 2ez9.1d5 2ez10d5 2ez11d5 2ez12d5 2ez13d5 9.1 10 11 12 13 55 50 45.5 41.5 38.5 2.5 3.5 4.0 4.5 5.0 700 700 700 700 700 0.5 0.25 0.25 0.25 0.25 3.0 3.0 1.0 1.0 0.5 7.0 7.6 8.4 9.1 9.9 200 182 166 152 138 2.2 2.0 1.82 1.66 1.54 2ez14d5 2ez15d5 2ez16d5 2ez17d5 2ez18d5 14 15 16 17 18 35.7 33.4 31.2 29.4 27.8 5.5 7.0 8.0 9.0 10 700 700 700 750 750 0.25 0.25 0.25 0.25 0.25 0.5 0.5 0.5 0.5 0.5 10.6 11.4 12.2 13.0 13.7 130 122 114 107 100 1.43 1.33 1.25 1.18 1.11 2ez19d5 2ez20d5 2ez22d5 2ez24d5 2ez27d5 19 20 22 24 27 26.3 25 22.8 20.8 18.5 11 11 12 13 18 750 750 750 750 750 0.25 0.25 0.25 0.25 0.25 0.5 0.5 0.5 0.5 0.5 14.4 15.2 16.7 18.2 20.6 95 90 82 76 68 1.05 1.0 0.91 0.83 0.74 2ez30d5 2ez33d5 2ez36d5 2ez39d5 2ez43d5 30 33 36 39 43 16.6 15.1 13.9 12.8 11.6 20 23 25 30 35 1000 1000 1000 1000 1500 0.25 0.25 0.25 0.25 0.25 0.5 0.5 0.5 0.5 0.5 22.5 25.1 27.4 29.7 32.7 60 55 50 47 43 0.67 0.61 0.56 0.51 0.45 2ez47d5 2ez51d5 2ez56d5 2ez62d5 2ez68d5 47 51 56 62 68 10.6 9.8 9.0 8.1 7.4 40 48 55 60 75 1500 1500 2000 2000 2000 0.25 0.25 0.25 0.25 0.25 0.5 0.5 0.5 0.5 0.5 35.8 38.8 42.6 47.1 51.7 39 36 32 29 27 0.42 0.39 0.36 0.32 0.29 2ez75d5 2ez82d5 2ez91d5 2ez100d5 2ez110d5 75 82 91 100 110 6.7 6.1 5.5 5.0 4.5 90 100 125 175 250 2000 3000 3000 3000 4000 0.25 0.25 0.25 0.25 0.25 0.5 0.5 0.5 0.5 0.5 56 62.2 69.2 76.0 83.6 24 22 20 18 17 0.27 0.24 0.22 0.20 0.18 2ez120d5 2ez130d5 2ez140d5 2ez150d5 2ez160d5 120 130 140 150 160 4.2 3.8 3.6 3.3 3.1 325 400 500 575 650 4500 5000 5500 6000 6500 0.25 0.25 0.25 0.25 0.25 0.5 0.5 0.5 0.5 0.5 91.2 98.8 106.4 114 121.6 15 14 13 12 11 0.16 0.15 0.14 0.13 0.12 2ez170d5 2ez180d5 2ez190d5 2ez200d5 170 180 190 200 2.9 2.8 2.6 2.5 675 725 825 900 7000 7000 8000 8000 0.25 0.25 0.25 0.25 0.5 0.5 0.5 0.5 130.4 136.8 144.8 152 11 10 10 9 0.12 0.11 0.10 0.10 notes: 1. suffix 1 indicates +/-1% tolerance, suffix 2 indicates +/-2% tole rance, suffix 5 indicates +/-5% tolerance. suffix 10 indicate s +/-10%, no suffix indicates +/-20%. 2. the v z is measured after allowing a 90 second stabilization period when mounted with a 3/8 minimum lead length from body. ambient temperature, t a = 25 o c (+8 o c/-2 o c). 3. the zener impedance is derived from 60 cycle ac voltage re sulting from an ac current having an rms value equal to 10% of the dc zener current (i zt or i zk ) is superimposed on i zt or i zk . microsemi scottsdale division page 2 4. maximum surge current i zsm is a non-recurrent maximum peak reverse surge with a pulse width of 8.3 ms. copyright ? 2008 11-06-2008 rev c 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503 downloaded from: http:///
silicon 2 watt zener diode microsemi scottsdale division 8700 e. thomas rd. po box 1390, scottsdale, az 85252 usa, (480) 941-6300, fax: (480) 947-1503 page 3 www. microsemi . com scottsdale division 2ez3.6d5 thru 2ez200d5, e3 2ez3.6d5 u 2ez200d5, e3 2ez 110 d 5 copyright ? 2008 11-06-2008 rev c graph s t l , lead temperature ( o c) at 3/8 from body or t a on fr4 pc board figure 1 power derating curve pack age di m en si on s t a on fr4 pc board t l 2 watt molded zener diode nominal zener voltage device % tolerance p d , maximum rated power dissipation (mw) downloaded from: http:///


▲Up To Search▲   

 
Price & Availability of 2EZ91D10E3TR12

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X