Part Number Hot Search : 
AQV202 MPS3827C 936913 HC4040 SDR623CT HCS0903U 64000 1N400
Product Description
Full Text Search
 

To Download 2-5120603-1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  a1 revisions 0 plc 1 plc 2 plc 3 plc 4 plc angles of scale sheet rev name size cage code drawing no dimensions: tolerances unless otherwise specified: dwn chk apvd material finish product spec application spec weight p ltr date apvd dwn description 5 6 7 8 3 4 2 1 d b a a b c c d all rights reserved. released for publication c copyright this drawing is unpublished. 4805 (3/13) restricted to this drawing is a controlled document. te connectivity -z- typ 0.1s us vs 0.05s 2.4 typ 0.1s us vs 0.05s 0.6 ref 6 1.8 1.8 8 3 2 2 3 8 customer drawing 5120603 b.carbo 30sep04 r.wertz 30sep04 r.wertz 30sep04 10:1 1 1 a2 502-1079 114-25045 - tbd - mm - - 0.03 0.003 - 0$-1' - receptacle assy, 1.0mm fh(ieee1386) connector - 20 - see table 20 - by - a2 revised per ecr-15-007309 12may2015 i.t w.h 3 3 3 part no pos stack hgts dim a dim b dim c dim d finish post style 5120603-1 64 11,12 31 34.22 35.9 34.4 5120603-2 84 11,12 41 44.22 45.9 44.4 1-5120603-1 64 11,12 31 34.22 35.9 34.4 1-5120603-2 84 11,12 41 44.22 45.9 44.4 2-5120603-1 64 11,12 31 34.22 35.9 34.4 2-5120603-2 84 11,12 41 44.22 45.9 44.4 3-5120603-1 64 11,12 31 34.22 35.9 34.4 3-5120603-2 84 11,12 41 44.22 45.9 44.4 0.76 us -v- 1.5 0.05 dim d y.yy 1.7 x.xx dim d#0.08 t w -u- 1.5 0.05 0.5 1 dim a 7.37 +0.03 -0.10 6.05 +0.10 -0.05 dim a 0 typ 0.2s z xs 0.3 1 housing material: high temperature thermoplastic. color; black. contact material: phosphor bronze. contact finish: nickel underplate all over, mating surfaces plated to meet pl1 performance requirements of industry specification eia-700aaab, solder tails plated tin. datum locations and basic dimensions to be established by the customer. consult amp engineering when placing multiple connectors on a pc board. packaged in tape on reel per eia-481. 1.5 min diameter hole should be used if using post style "a" and placing on pcb with vacuum placement equipment. shorter solder lands may be used per eia 700aaab, however 2.4 length assures optimum solder fillet regardless of manufacturer of connector. referred to as dim h = 7.3#0.1 in eia 700aaab specification. contact finish: 0.00381 minimum matte tin per astm b 545 on solder area, 0.00127 minimum gold per astm b 488 on mating area, both over 0.00127 minimum nickel per sae-ams-qq-n-290 on entire contact. square and diamond shaped posts round shaped posts 4. -x- -x- -y- typ 4. typ 2 plc 0.102 recommended pc board layout pc board edge -w- -t- dim b#0.04 -x- dim c#0.1 -y- 2.92 1 3 1. 1. style a posts style b posts 45$ x 0.25 min typ 5 5 10 9 7 6 5 9 10 6 5 6 7 7 9 10 9 10 2 2 8 8 2 2 8 8 9 9 9 9 10 10 10 10 5 5


▲Up To Search▲   

 
Price & Availability of 2-5120603-1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X