|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
tlvh420., tlvs4200, TLVY4200, tlvg4200, tlvp420. www.vishay.com vishay semiconductors rev. 2.1, 14-oct-14 1 document number: 83057 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 backlighting led in ? 3 mm ti nted non-diffused package description the tlv.420. series was developed for backlighting. due to its special shape the spatial distribution of the radiation is qualified for backlighting. to optimize the brightness of backlighting a custom-built reflector (with scattering) is required. uniform illumination can be enhanced by covering th e front of the reflector with diffusor material. this is a flexible solution for backlighting different areas. product group and package data ? product group: led ? package: 3 mm backlighting ? product series: standard ? angle of half intensity: 85 features ? high light output ? wide viewing angle ? categorized for luminous flux ? tinted clear package ? low power dissipation ? low self heating ? rugged design ? high reliability ? material categorization: for definitions of compliance please see www.vishay.com/doc?99912 applications ? backlighting of display pa nels, lcd displays, symbols on switches, keyboards, graphic boards, and measuring scales ? illumination of large area s e.g. dot matrix displays note (1) driving the led in reverse direction is suitable for a short term application 19231 parts table part color luminous flux (mlm) at i f (ma) wavelength (nm) at i f (ma) forward voltage (v) at i f (ma) technology min. typ. max. min. typ. max. min. typ. max. tlvh4200 red 10 55 - 15 612 - 625 10 - 2.4 3 20 gaasp on gap tlvh4201 red 40 - 125 15 612 - 625 10 - 2.4 3 20 gaasp on gap tlvs4200 soft orange 10 70 - 15 598 - 611 10 - 2.4 3 20 gaasp on gap TLVY4200 yellow 10 30 - 15 581 - 594 10 - 2.4 3 20 gaasp on gap tlvg4200 green 10 30 - 15 562 - 575 10 - 2.4 3 20 gap on gap tlvp4200 pure green 4 20 - 15 555 - 565 10 - 2.4 3 20 gap on gap tlvp4201 pure green 16 30 - 15 555 - 565 10 - 2.4 3 20 gap on gap absolute maximum ratings (t amb = 25 c, unless otherwise specified) tlvh4200, tlvh4201, tlvs4200, tlvy420 0, tlvg4200, tlvp4200, tlvp4201 parameter test condition symbol value unit reverse voltage (1) v r 5v dc forward current t amb 60 c i f 30 ma surge forward current t p 10 s i fsm 1a power dissi pation p v 90 mw junction temperature t j 100 c operating temperature range t amb -40 to +100 c storage temperature range t stg -55 to +100 c soldering temperature t 5 s, 2 mm from body t sd 260 c thermal resistance junction/ambient r thja 400 k/w
tlvh420., tlvs4200, TLVY4200, tlvg4200, tlvp420. www.vishay.com vishay semiconductors rev. 2.1, 14-oct-14 2 document number: 83057 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 optical and electrical characteristics (t amb = 25 c, unless otherwise specified) tlvh4200, tlvh4201, red parameter test condition part symbol min. typ. max. unit luminous flux i f = 15 ma tlvh4200 v 10 55 - mlm tlvh4201 v 40 - 125 mlm dominant wavelength i f = 10 ma d 612 - 625 nm peak wavelength i f = 10 ma p - 635 - nm angle of half intensity i f = 10 ma ? - 85- deg forward voltage i f = 20 ma v f -2.43 v reverse voltage i r = 10 a v r 615- v junction capacitance v r = 0 v, f = 1 mhz c j -50-pf optical and electrical characteristics (t amb = 25 c, unless otherwise specified) tlvs4200, soft orange parameter test condition part symbol min. typ. max. unit luminous flux i f = 15 ma tlvs4200 v 10 70 - mlm dominant wavelength i f = 10 ma d 598 - 611 nm peak wavelength i f = 10 ma p - 605 - nm angle of half intensity i f = 10 ma ? - 85- deg forward voltage i f = 20 ma v f -2.43 v reverse voltage i r = 10 a v r 615- v junction capacitance v r = 0 v, f = 1 mhz c j -50-pf optical and electrical characteristics (t amb = 25 c, unless otherwise specified) TLVY4200, yellow parameter test condition part symbol min. typ. max. unit luminous flux i f = 15 ma TLVY4200 v 10 30 - mlm dominant wavelength i f = 10 ma d 581 - 594 nm peak wavelength i f = 10 ma p - 585 - nm angle of half intensity i f = 10 ma ? - 85- deg forward voltage i f = 20 ma v f -2.43 v reverse voltage i r = 10 a v r 615- v junction capacitance v r = 0 v, f = 1 mhz c j -50-pf optical and electrical characteristics (t amb = 25 c, unless otherwise specified) tlvg4200, green parameter test condition part symbol min. typ. max. unit luminous flux i f = 15 ma tlvg4200 v 10 30 - mlm dominant wavelength i f = 10 ma d 562 - 575 nm peak wavelength i f = 10 ma p - 555 - nm angle of half intensity i f = 10 ma ? - 85- deg forward voltage i f = 20 ma v f -2.43 v reverse voltage i r = 10 a v r 615- v junction capacitance v r = 0 v, f = 1 mhz c j -50-pf tlvh420., tlvs4200, TLVY4200, tlvg4200, tlvp420. www.vishay.com vishay semiconductors rev. 2.1, 14-oct-14 3 document number: 83057 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 note ? luminous flux is tested at a current pulse duration of 25 ms. the above type numbers represent the order groups which include only a few brightness groups. only one group will be shipped on each bag (there will be no mixing of two gr oups in each bag). in order to ensure availabi lity, single brightness grou ps will not be orderable. in a similar manner for colors where wavelength groups are measured and binned, single wavelength groups will be shipped on any one bag. in order to ensure availabi lity, single wavelength grou ps will not be orderable. note ? wavelengths are tested at a current pulse duration of 25 ms. optical and electrical characteristics (t amb = 25 c, unless otherwise specified) tlvp4200, tlvp4201, pure green parameter test condition part symbol min. typ. max. unit luminous flux i f = 15 ma tlvp4200 v 420-mlm tlvp4201 v 16 30 - mlm dominant wavelength i f = 10 ma d 555 - 565 nm peak wavelength i f = 10 ma p - 555 - nm angle of half intensity i f = 10 ma ? - 85- deg forward voltage i f = 20 ma v f -2.43 v reverse voltage i r = 10 a v r 615- v junction capacitance v r = 0 v, f = 1 mhz c j -50-pf luminous flux classification group luminous flux (mlm) standard min. max. p48 q 6.3 12.5 r1020 s1632 t2550 u4080 v 63 125 w 100 200 x 130 260 y 180 360 z 240 480 color classification group dom. wavelength (nm) yelllow green pure green min. max. min. max. min. max. 0 555 559 1 581 584 558 561 2 583 586 560 563 3 585 588 562 565 562 565 4 587 590 564 567 5 589 592 566 569 6 591 594 568 571 7 570 573 8 572 575 tlvh420., tlvs4200, TLVY4200, tlvg4200, tlvp420. www.vishay.com vishay semiconductors rev. 2.1, 14-oct-14 4 document number: 83057 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 typical characteristics (t amb = 25 c, unless otherwise specified) fig. 1 - forward current vs. ambient temperature fig. 2 - forward current vs. pulse length fig. 3 - relative lum inous intensity vs. angular displacement for 90 emission angle fig. 4 - relative intensity vs. wavelength fig. 5 - forward current vs. forward voltage fig. 6 - relative luminous flux vs. forward current 0 10 20 30 40 60 i f - forward current (ma) 95 10905 50 t amb - ambient temperature (c) 100 80 60 40 20 0 0.02 0.05 0.1 0.2 1 0.5 t p /t= 0.01 t amb 65 c 0.01 0.1 1 10 1 10 100 1000 10 000 t p - pulse length (ms) 100 95 10047 i - forward current (ma) f 96 11608 i v rel - relative luminous intensity 0.4 0.2 0 0.2 0.4 0.6 0.6 0 30 10 20 40 50 60 70 80 0.8 1.0 0.8 1.0 590 610 630 650 670 0 0.2 0.4 0.6 0.8 1.2 690 95 10040 - wavelength (nm) 1.0 red i v rel - relative luminous intensity red t p /t = 0.001 t p = 10 s 0.1 1 10 100 1000 95 10026 v f - forward voltage (v) i f - forward current (ma) 10 8 6 4 2 0 0.01 0.1 1 10 i f - forward current (ma) 95 10474 vrel - relative luminous flux 110 100 red tlvh420., tlvs4200, TLVY4200, tlvg4200, tlvp420. www.vishay.com vishay semiconductors rev. 2.1, 14-oct-14 5 document number: 83057 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 7 - relative luminous flux vs. forward current/duty cycle fig. 8 - relative luminous flux vs. ambient temperature fig. 9 - forward current vs. forward voltage fig. 10 - relative luminous fl ux vs. ambient temperature fig. 11 - relative luminous flux vs. forward current/duty cycle fig. 12 - relative luminous flux vs. forward current red 10 20 50 100 200 0 0.4 0.8 1.2 1.6 2.4 500 0.5 0.2 0.1 0.05 0.02 1 i f (ma) t p /t 2.0 vrel - relative luminous flux 95 10473 0 0 0.4 0.8 1.2 1.6 95 10472 20 40 60 80 100 i f = 10 ma vrel - relative luminous flux t amb - ambient temperature (c) red 0.1 1 10 100 95 9990 i - forward current (ma) f soft orange v f - forward voltage (v) 5 4 3 2 1 0 0 0.4 0.8 1.2 1.6 2.0 96 11599 soft orange vrel - relative luminous flux 0 20 40 60 80 100 t amb - ambient temperature (c) soft orange 10 20 50 100 200 0 0.4 0.8 1.2 1.6 2.4 96 11600 500 0.5 0.2 0.1 0.05 0.02 1 i f (ma) t p /t 2.0 vrel - relative luminous flux 0.01 0.1 1 10 i f - forward current (ma) 96 11601 soft orange vrel - relative luminous flux 1 10 100 tlvh420., tlvs4200, TLVY4200, tlvg4200, tlvp420. www.vishay.com vishay semiconductors rev. 2.1, 14-oct-14 6 document number: 83057 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 13 - relative in tensity vs. wavelength fig. 14 - relative in tensity vs. wavelength fig. 15 - forward current vs. forward voltage fig. 16 - relative luminous flux vs. forward current fig. 17 - relative luminous flux vs. forward current/duty cycle fig. 18 - relative luminous fl ux vs. ambient temperature 95 10324 soft orange 570 590 610 630 650 0 0.2 0.4 0.6 0.8 1.2 670 - wavelength (nm) 1.0 i rel - relative intensity 550 570 590 610 630 0 0.2 0.4 0.6 0.8 1.2 650 95 10039 - wavelength (nm) 1.0 yellow i rel - relative intensity 0.1 1 10 100 1000 10 8 6 4 2 0 95 10030 v f - forward voltage (v) i f - forward current (ma) yellow t p /t = 0.001 t p = 10 s yellow 0.01 0.1 1 10 i f - forward current (ma) 95 10477 vrel - relative luminous flux 1 10 100 yellow 10 20 50 100 200 0 0.4 0.8 1.2 1.6 2.4 95 10476 500 0.5 0.2 0.1 0.05 0.02 1 i f (ma) t p /t 2.0 vrel - relative luminous flux 0 0 0.4 0.8 1.2 1.6 20 40 60 80 100 yellow i f = 10 ma vrel - relative luminous flux 95 10475 t amb - ambient temperature (c) tlvh420., tlvs4200, TLVY4200, tlvg4200, tlvp420. www.vishay.com vishay semiconductors rev. 2.1, 14-oct-14 7 document number: 83057 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 19 - relative in tensity vs. wavelength fig. 20 - forward current vs. forward voltage fig. 21 - relative luminous flux vs. forward current fig. 22 - relative luminous fl ux vs. ambient temperature fig. 23 - relative luminous flux vs. forward current/duty cycle fig. 24 - relative in tensity vs. wavelength 520 540 560 580 600 0 0.2 0.4 0.6 0.8 1.2 620 95 10038 - wavelength (nm) 1.0 green i rel - relative intensity 0.1 1 10 100 1000 10 8 6 4 2 0 95 10034 v f - forward voltage (v) i f - forward current (ma) green t p /t = 0.001 t p = 10 s green 0.01 0.1 1 10 i f - forward current (ma) 95 10480 vrel - relative luminous flux 1 10 100 i f = 10 ma green 0 0 0.4 0.8 1.2 1.6 20 40 60 80 100 vrel - relative luminous flux 95 10478 t amb - ambient temperature (c) green 10 20 50 100 200 0 0.4 0.8 1.2 1.6 2.4 95 10479 500 0.5 0.2 0.1 0.05 0.02 1 i f (ma) t p /t 2.0 vrel - relative luminous flux 500 520 540 560 580 0 0.2 0.4 0.6 0.8 1.2 600 95 10325 1.0 pure green - wavelength (nm) i rel - relative intensity tlvh420., tlvs4200, TLVY4200, tlvg4200, tlvp420. www.vishay.com vishay semiconductors rev. 2.1, 14-oct-14 8 document number: 83057 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 fig. 25 - forward current vs. forward voltage fig. 26 - relative luminous flux vs. forward current fig. 27 - relative luminous flux vs. forward current/duty cycle fig. 28 - relative luminous fl ux vs. ambient temperature 02 0.1 1 10 100 5 95 9988 pure green i f - forward current (ma) v f - forward voltage (v) 13 4 pure green 0.01 0.1 1 10 i f - forward current (ma) 96 11604 vrel - relative luminous flux 1 10 100 pure green 10 20 50 100 200 0 0.4 0.8 1.2 1.6 2.4 96 11603 500 0.5 0.2 0.1 0.05 0.02 1 i f (ma) t p /t 2.0 vrel - relative luminous flux pure green 0 0.4 0.8 1.2 1.6 2.0 96 11602 vrel - relative luminous flux 0 20406080100 t amb - ambient temperature (c) tlvh420., tlvs4200, TLVY4200, tlvg4200, tlvp420. www.vishay.com vishay semiconductors rev. 2.1, 14-oct-14 9 document number: 83057 for technical ques tions, contact: led@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 package dimensions in millimeters drawing-no.: 6.544-5268.01-4 i ss ue: 3; 28.07.14 ? 3.4 0.15 ? 2.95 0.1 < 0.6 2.4 0.1 3.2 0.3 4.6 0.3 33.08 0.5 1.5 0.5 2.54 nom. ac area not plane (1.3) technical drawing s according to din s pecification s 0.5 + 0.2 - 0.1 0.4 + 0.15 - 0.05 legal disclaimer notice www.vishay.com vishay revision: 13-jun-16 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners. |
Price & Availability of TLVY4200 |