Part Number Hot Search : 
PC910 BL0938 KTA1270 2A122K TA8205AH P6MTP NFM41 4ACT5
Product Description
Full Text Search
 

To Download STM4884 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  samhop micrpelectronics corp. product summary v dss i d r ds(on) (m ) typ 30v 13a 8.5 @ vgs=4.5v 5.5 @ vgs=10v features super high dense cell design for low r ds(on) . rugged and reliable. suface mount package. n-channel logic level enhancement mode field effect transistor ver 3.2 www.samhop.com.tw mar,02,2011 1 details are subject to change without notice. STM4884 g r e r r p p r p p o r r so-8 1 4 3 2 1 d d d d g s s 5 6 7 8 s symbol v ds v gs i dm e as 50 w a p d c 2.5 -55 to 150 i d units parameter 30 13 52 c/w v v 20 t a =25 c gate-source voltage drain-source voltage thermal characteristics 45 mj absolute maximum ratings ( t a =25 c unless otherwise noted ) limit drain current-continuous a -pulsed b a sigle pulse avalanche energy d maximum power dissipation a operating junction and storage temperature range t j , t stg thermal resistance, junction-to-ambient r ja a t a =25 c a 10.5 t a =70 c w 1.6 t a =70 c v dgr 30 v drain-gate voltage (r gs =20k )
www.samhop.com.tw mar,02,2011 2 STM4884 ver 3.2 symbol min typ max units bv dss 30 v 1 i gss 100 na v gs(th) 1.3 v 5.5 g fs 31 s v sd c iss 1200 pf c oss 410 pf c rss 316 pf q g 24 nc 43 nc q gs 62 nc q gd 44 t d(on) 29 ns t r 2.5 ns t d(off) 10 ns t f ns gate-drain charge v ds =10v,v gs =0v switching characteristics gate-source charge v dd =15v i d =6.5a v gs =10v r gen =4.7 ohm total gate charge rise time turn-off delay time v ds =24v,i d =13a,v gs =10v fall time turn-on delay time m ohm v gs =10v , i d =6.5a v ds =10v , i d =6.5a input capacitance output capacitance dynamic characteristics r ds(on) drain-source on-state resistance forward transconductance diode forward voltage i dss ua gate threshold voltage v ds =v gs ,i d =1ma v ds =24v , v gs =0v v gs =20v,v ds =0v zero gate voltage drain current gate-body leakage current electrical characteristics ( t a =25 c unless otherwise noted ) off characteristics parameter conditions drain-source breakdown voltage i d =10ma , v gs =0v reverse transfer capacitance on characteristics 2.5 v gs =4.5v , i d =6.5a 7 8.5 11.5 m ohm c f=1.0mhz c v ds =24v,i d =13a, v gs =10v source-drain ratings and characteristics v gs =0v,i s =13a 0.92 1.2 v 1.8 bv dsx 10 v i d =10ma , v gs =-20v i drp drain reverse current - pulse 52 a a.surface mounted on fr4 board,t < 10sec. b.pulse test:pulse width < 300us, duty cycle < 2%. c.guaranteed by design, not subject to production testing. d.starting t j =25 c,l=100uh,v dd = 20v. _ _ notes _
STM4884 ver 3.2 www.samhop.com.tw mar,02,2011 3 drain current i d (a) drain-source voltage v ds (v) i d -v ds forward transfer admittance !!!!!! . yfs . (s) gate-source voltage v gs (v) 110 100 1 10 100 0.1 v ds =10v drain-source on resistance r ds(on) (m ) 20 16 12 8 4 0 0 0.2 0.4 0.6 0.8 1.0 vgs=3 v vgs =2. 5v vgs=3.5 v vgs =5v vgs =10v 50 40 30 20 10 0 0 0.4 0.8 1.2 1.6 2.0 vgs =3v vgs=2 .5v vgs= 3.5v vgs=5v vgs= 10v vgs =4v 35 28 21 14 7 0 0 1 2 3 4 5 -55 c tj=100 c 25 c 0.5 0.4 0.3 0.2 0.1 0 0 2 4 6 8 10 id=1 3a 6. 5a 3a 0.1 110 100 1 10 100 0.1 0.1 vgs=4.5 v vgs=10v drain current i d (a) drain-source voltage v ds (v) i d -v ds drain current i d (a) drain-source voltage v ds (v) i d -v gs v ds -v gs gate-source voltage v gs (v) drain current i d (a) drain current i d (a) . y fs . -i d r ds(on) -i d
STM4884 ver 3.2 www.samhop.com.tw mar,02,2011 4 drain-source voltage v ds (v) 1000 100 capacitance c (pf) drain-source voltage v ds (v) drain-source voltage v ds (v) total gate charge qg (nc) 100 10 0.1 0 -0.3 -0.6 -0.9 -1.2 -1.5 1 18 15 12 9 6 3 0 -80 80 40 -40 0 120 160 ambient temperature ta ( c) r ds(on) (m ) 110 100 0.1 1000 v gs =0v 1 3 4.5 10 10000 crss ciss coss 15 12 9 6 3 0 50 40 30 20 10 0 048 12 16 20 24 28 32 gate threshold voltage vth (v) ambient temperature ta ( c) drain power dissipation p d (w) 3.0 2.4 1.8 1.2 0.6 0 0 40 80 120 160 -80 80 40 -40 0 2.5 2.0 1.5 1.0 0.5 0 120 160 i d = 3, 6.5, 13a v gs =10v v gs =4.5v r ds(on) ta i d = 3, 6.5, 13a drain reverse current i dr (a) i dr v ds drain-source on resistance capacitance v ds vth ta ambient temperature ta ( c) gate-source voltage v gs (v) p d ta dynamic input/output characteristics v ds = v gs i d = 1ma i d = 13a v dd =24v v dd =24v 12 6 12 6
STM4884 ver 3.2 www.samhop.com.tw mar,02,2011 5 drain current id (a) drain-source voltage v ds (v) 0.1 1 10 30 10 1 0.1 100 v gs =10v single pulse t a =25 c dc r ds (on) li mit 0.01 t=1ms t = 1 00us t=1 00ms t=10s safe operating area 1 10 100 1000 0.001 0.01 0.1 1 10 100 1000 0.1 mounted on fr-4 board single pulse pulse width tw (s) rth-tw transient thermal impedance rth ( c/w)
www.samhop.com.tw mar,02,2011 6 package outline dimensions so-8 symbols min min 0.004 0.189 0 1.35 0.10 1.25 0.17 4.80 3.70 0 max max 0.069 0.010 0.064 0.010 0.197 0.157 8 1.75 0.25 1.63 0.25 5.00 4.00 8 millimeters inches 1 e d a a1 b e h l hx45 o a a1 a2 c d e e h l h 1.27 ref. 5.80 6.20 0.40 1.27 0.25 0.50 0.050 bsc 0.228 0.244 0.010 a2 c b 0.020 0.31 0.51 0.053 0.049 0.012 0.007 0.146 0.016 0.050 0.020 STM4884 ver 3.2
www.samhop.com.tw mar,02,2011 7 so-8 tape and reel data so-8 carrier tape so-8 reel unit: @ package sop 8n 150 ? a0 b0 k0 d0 d1 e e1 e2 p0 p1 p2 t 6.50 5.25 2.10 ? 1.5 (min) ? 1.55 12.0 +0.3 - 0.1 1.75 5.5 2 0.10 8.0 2 0.10 4.0 2 0.10 2.0 2 0.10 0.30 2 0.013 unit: @ tape size 12 @ reel size ? 330 m n w w1 h k s g r v 330 2 1 62 2 1.5 12.4 + 0.2 16.8 - 0.4 ? 12.75 + 0.15 2.0 2 0.15 a a e e1 e2 p0 d0 a0 b0 d1 p1 p2 feeding direction t k0 section a-a 2 0.15 2 0.10 2 0.10 2 0.10 2 0.10 terminal number 1 STM4884 ver 3.2


▲Up To Search▲   

 
Price & Availability of STM4884

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X