Part Number Hot Search : 
40014 39C66 2SK3235 09181390 25D621KJ UT12005 KK4013BD XP0053A
Product Description
Full Text Search
 

To Download STM4806 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  s mhop microelectronics c orp. a symbol v ds v gs i dm a i d units parameter 30 v v 20 gate-source voltage drain-source voltage features super high dense cell design for low r ds(on) . rugged and reliable. absolute maximum ratings ( t a =25 c unless otherwise noted ) limit drain current-continuous -pulsed b a ver 1.0 www.samhop.com.tw dec,17,2012 1 details are subject to change without notice. t a =25 c w p d c -55 to 150 t a =25 c thermal characteristics maximum power dissipation operating junction and storage temperature range t j , t stg 50 c/w thermal resistance, junction-to-ambient r ja t a =70 c a e as mj single pulse avalanche energy d t a =70 c w a a a 86 15 75 2.5 STM4806 green product 12 1.6 product summary v dss i d r ds(on) (m ) max 30v 15a 9.9 @ vgs=4.5v 7.5 @ vgs=10v n-channel logic level enhancement mode field effect transistor so-8 1 suface mount package. 4 3 2 1 d d d d g s s 5 6 7 8 s
symbol min typ max units bv dss 30 v 1 i gss 100 na v gs(th) v 6.0 m ohm v gs =10v , i d =7.5a r ds(on) drain-source on-state resistance i dss ua gate threshold voltage v ds =v gs , i d =250ua v ds =24v , v gs =0v v gs = 20v , v ds =0v zero gate voltage drain current gate-body leakage current electrical characteristics ( t a =25 c unless otherwise noted ) off characteristics parameter conditions drain-source breakdown voltage v gs =0v , i d =250ua on characteristics 7.5 STM4806 ver 1.0 www.samhop.com.tw dec,17,2012 2 11.6 3 g fs s c iss 1402 pf c oss 242 pf c rss 205 pf q g 6 nc 34 70 34 t d(on) 23 ns t r ns t d(off) ns t f ns v ds =15v,v gs =0v switching characteristics v dd =15v i d =1a v gs =10v r gen = 6 ohm total gate charge rise time turn-off delay time fall time turn-on delay time v ds =10v , i d =7.5a input capacitance output capacitance dynamic characteristics forward transconductance reverse transfer capacitance c f=1.0mhz c v sd nc q gs nc q gd 2.1 6.6 gate-drain charge gate-source charge diode forward voltage v ds =15v,i d =7.5a, v gs =10v drain-source diode characteristics and maximum ratings v gs =0v,i s =4a 0.8 1.3 v notes v ds =15v,i d =7.5a,v gs =10v a.surface mounted on fr4 board,t < 10sec. b.pulse test:pulse width < 300us, duty cycle < 2%. c.guaranteed by design, not subject to production testing. d.starting t j =25 c,l=0.3mh,v dd = 20v.(see figure13) _ _ _ 24 v gs =4.5v , i d =6a m ohm 7.5 9.9 nc 11.8 v ds =15v,i d =7.5a,v gs =4.5v
STM4806 ver 1.0 www.samhop.com.tw dec,17,2012 3 tj( c ) i d , drain current(a) v ds , drain-to-source voltage(v) figure 1. output characteristics v gs , gate-to-source voltage(v) figure 2. transfer characteristics i d , drain current(a) r ds(on) (m ) r ds(on) , on-resistance normalized i d , drain current(a) tj, junction temperature( c ) figure 3. on-resistance vs. drain current and gate voltage figure 4. on-resistance variation with drain current and temperature vth, normalized gate-source threshold voltage bvdss, normalized drain-source breakdown voltage tj, junction temperature( c ) figure 5. gate threshold variation with temperature tj, junction temperature( c ) figure 6. breakdown voltage variation with temperature 60 40 0 0 0.5 1.0 1.5 2.0 2.5 3.0 v gs =10v 30 24 18 12 6 0 0 0.7 4.2 3.5 2.8 2.1 1.4 tj=125 c -55 c 25 c 18 15 12 9 6 3 0 2.0 1.8 1.6 1.4 1.2 1.0 0 0 100 75 25 50 125 150 v gs =10v i d =7.5a 0.4 0.2 1.6 1.4 1.2 1.0 0.8 0.6 125 150 100 75 50 25 0 -25 -50 v ds =v gs i d =250ua 1.15 1.10 1.05 1.00 0.95 0.90 0.85 125 150 100 75 50 25 0 -25 -50 i d =250ua 20 v gs =10v v gs =4v v gs =5v v gs =4.5v v gs =4.5v 1 20 40 60 80 100 v gs =4.5v i d =6a v gs =3.5v v gs =3v 80 100
STM4806 ver 1.0 www.samhop.com.tw dec,17,2012 4 r ds(on) (m ) v gs , gate-to-source voltage(v) figure 7. on-resistance vs. gate-source voltage is, source-drain current(a) v sd , body diode forward voltage(v) figure 8. body diode forward voltage variation with source current c, capacitance(pf) v ds , drain-to-source voltage(v) figure 9. capacitance v gs , gate to source voltage(v) qg, total gate charge(nc) figure 10. gate charge switching time(ns) rg, gate resistance( ) figure 11. switching characteristics i d , drain current(a) v ds , drain-source voltage(v) figure 12. maximum safe operating area 0.1 1 10 100 10 1 0.1 24 20 16 12 8 4 0 10 0 125 c 75 c 25 c 20.0 10.0 1.0 0 0.25 0.50 0.75 1.00 1.25 5.0 25 c 125 c 75 c ciss coss crss 1800 1500 1200 900 600 300 0 10 15 20 25 30 0 5 i d =7.5a 10 8 6 4 2 0 v ds =15v i d =7.5a 110 100 1 10 100 1000 vds=15v,id=1a vgs=10v t r tf 0.03 td(on) 8 6 4 2 0 3 6 12 9 24 21 18 15 100 d c 1 00ms 1m s 100us r ds (on) l im i t v gs =10v single pulse t a =25 c 1 s td(off )
STM4806 ver 1.0 www.samhop.com.tw dec,17,2012 5 t p v (br )dss i as f igure 13b. o fr m w a ve s u nc l am p ed in d u ct i ve 0.01 0.1 1 10 0.00001 0.0001 0.001 0.01 0.1 1 1 0 100 1000 square wave pulse duration(sec) normalized thermal transient impedance curve 0.01 0.02 0.5 0.2 0.1 0.05 normalized transient thermal resistance single pulse f igure 13a. u nc l am p ed s in d u ct i ve t e t ci r c u i t r g i as 0.01 t p d.u.t l v ds + - dd 20v v p dm t 1 t 2 1. r e ja (t)=r (t) * r e ja 2. r e ja =s ee datasheet 3. t jm- t a = p dm * r e ja (t) 4. duty cycle, d=t 1 /t 2
STM4806 ver 1.0 www.samhop.com.tw dec,17,2012 6 package outline dimensions so-8 symbols min min 0.004 0.189 0 1.35 0.10 1.25 0.17 4.80 3.70 0 max max 0.069 0.010 0.064 0.010 0.197 0.157 8 1.75 0.25 1.63 0.25 5.00 4.00 8 millimeters inches 1 e d a a1 b e h l h x 45 o a a1 a2 c d e e h l h 1.27 ref. 5.80 6.20 0.40 1.27 0.25 0.50 0.050 bsc 0.228 0.244 0.010 a2 c b 0.020 0.31 0.51 0.053 0.049 0.012 0.007 0.146 0.016 0.050 0.020
STM4806 ver 1.0 www.samhop.com.tw dec,17,2012 7 so-8 tape and reel data so-8 carrier tape so-8 reel unit: @ package sop 8n 150 ? a0 b0 k0 d0 d1 e e1 e2 p0 p1 p2 t 6.50 5.25 2.10 ? 1.5 (min) ? 1.55 12.0 +0.3 - 0.1 1.75 5.5 2 0.10 8.0 2 0.10 4.0 2 0.10 2.0 2 0.10 0.30 2 0.013 unit: @ tape size 12 @ reel size ? 330 m n w w1 h k s g r v 330 2 1 62 2 1.5 12.4 + 0.2 16.8 - 0.4 ? 12.75 + 0.15 2.0 2 0.15 a a e e1 e2 p0 d0 a0 b0 d1 p1 p2 feeding direction t k0 section a-a 2 0.15 2 0.10 2 0.10 2 0.10 2 0.10 terminal number 1 w1 m n w g v r s k h


▲Up To Search▲   

 
Price & Availability of STM4806

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X