Part Number Hot Search : 
30030 4VHC1G TL51004 30N06 PE7422 RFZ34 SMCJ13C BC808F
Product Description
Full Text Search
 

To Download SI7149ADP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  vishay siliconix SI7149ADP document number: 62839 s13-1158-rev. a, 13-may-13 www.vishay.com 1 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com p-channel 30 v (d-s) mosfet features ? trenchfet ? power mosfet ? low on-resistance for low voltage drop ? extended v gs max. rating: 25 v ? 100 % r g and uis tested ? material categorization: fo r definitions of compliance please see www.vishay.com/doc?99912 applications ? battery, load and adaptor switches - notebook computers - notebook battery packs notes: a. surface mounted on 1" x 1" fr4 board. b. t = 10 s. c. maximum under steady stat e conditions is 70 c/w. d. package limited. e. see solder profile ( www.vishay.com/doc?73257 ). the powerpak so-8 is a leadless package. th e end of the lead terminal is exposed copper (not plated) as a result of the singulat ion process in manufacturing. a solder fill et at the exposed copper tip cannot be guara nteed and is not required to ensure adequate bottom side solder interconnection. f. rework conditions: manual sol dering with a soldering iron is not recommended for leadless components. product summary v ds (v) r ds(on) ( ? ) max. i d (a) q g (typ.) - 30 0.0052 at v gs = - 10 v - 50 d 43.1 nc 0.0095 at v gs = - 4.5 v - 50 d ordering information: SI7149ADP-t1-ge3 (lead (pb)-free and halogen-free) 1 2 3 4 5 6 7 8 s s s g d d d d 6.15 mm 5.15 mm powerpak so-8 bottom view s g d p-channel mosfet absolute maximum ratings (t a = 25 c, unless otherwise noted) parameter symbol limit unit drain-source voltage v ds - 30 v gate-source voltage v gs 25 continuous drain current (t j = 150 c) t c = 25 c i d - 50 d a t c = 70 c - 50 d t a = 25 c - 23.1 a, b t a = 70 c - 18.4 a, b pulsed drain current (t = 100 s) i dm - 300 continuous source-drain diode current t c = 25 c i s - 50 d t a = 25 c - 4.1 a, b avalanche current l = 0.1 mh i as - 25 single-pulse avalanche energy e as 31.2 mj maximum power dissipation t c = 25 c p d 48 w t c = 70 c 31 t a = 25 c 5 a, b t a = 70 c 3.2 a, b operating junction and storage temperature range t j , t stg - 55 to 150 c soldering recommendations (peak temperature) e, f 260 thermal resistance ratings parameter symbol typical maximum unit maximum junction-to-ambient a, c t ?? 10 s r thja 21 25 c/w maximum junction-to-case steady state r thjc 2.1 2.6
www.vishay.com 2 document number: 62839 s13-1158-rev. a, 13-may-13 vishay siliconix SI7149ADP this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com notes: a. pulse test; pulse width ? 300 s, duty cycle ? 2 %. b. guaranteed by design, not s ubject to production testing. stresses beyond those listed under ?absolute maximum ratings? ma y cause permanent damage to the device. these are stress rating s only, and functional operation of the device at these or any other condit ions beyond those indicated in the operational sections of the specifications is not implied. exposure to absolute maximum rating conditions for extended periods may affect device reliability. specifications (t j = 25 c, unless otherwise noted) parameter symbol test conditions min. typ. max. unit static drain-source breakdown voltage v ds v gs = 0, i d = - 250 a - 30 v v ds temperature coefficient ? v ds /t j i d = - 250 a - 22 mv/c v gs(th) temperature coefficient ? v gs(th) /t j 4.1 gate-source threshold voltage v gs(th) v ds = v gs , i d = - 250 a - 1.2 - 2.5 v gate-source leakage i gss v ds = 0 v, v gs = 25 v 100 na zero gate voltage drain current i dss v ds = - 30 v, v gs = 0 v - 1 a v ds = - 30 v, v gs = 0 v, t j = 55 c - 5 on-state drain current a i d(on) v ds ? - 10 v, v gs = - 10 v - 30 a drain-source on-state resistance a r ds(on) v gs = - 10 v, i d = - 15 a 0.0042 0.0052 ? v gs = - 4.5 v, i d = - 10 a 0.0076 0.0095 forward transconductance a g fs v ds = - 10 v, i d = - 15 a 60 s dynamic b input capacitance c iss v ds = - 15 v, v gs = 0 v, f = 1 mhz 5125 pf output capacitance c oss 615 reverse transfer capacitance c rss 554 total gate charge q g v ds = - 15 v, v gs = - 10 v, i d = - 10 a 90 135 nc v ds = - 15 v, v gs = - 4.5 v, i d = - 10 a 43.1 65 gate-source charge q gs 13.6 gate-drain charge q gd 28.8 gate resistance r g f = 1 mhz 0.5 2.4 4.8 ? tu r n - o n d e l ay t i m e t d(on) v dd = - 15 v, r l = 1.5 ? i d ? - 10 a, v gen = - 10 v, r g = 1 ? 15 30 ns rise time t r 12 24 turn-off delaytime t d(off) 58 110 fall time t f 12 24 tu r n - o n d e l ay t i m e t d(on) v dd = - 15 v, r l = 1.5 ? i d ? - 10 a, v gen = - 4.5 v, r g = 1 ? 60 120 rise time t r 60 120 turn-off delaytime t d(off) 52 100 fall time t f 26 52 drain-source body diode characteristics continous source-drain diode current i s t c = 25 c - 50 a pulse diode forward current (100 s) i sm - 300 body diode voltage v sd i s = - 3 a, v gs = 0 - 0.74 - 1.20 v body diode reverse recovery time t rr i f = - 10 a, di/dt = 100 a/s, t j = 25 c 23 46 ns body diode reverse recovery charge q rr 12 24 nc reverse recovery fall time t a 9 ns reverse recovery rise time t b 14
document number: 62839 s13-1158-rev. a, 13-may-13 www.vishay.com 3 vishay siliconix SI7149ADP this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com typical characteristics (25 c, unless otherwise noted) output characteristics on-resistance vs. drain current gate charge 0 30 60 90 120 150 0.0 1.0 2.0 3.0 4.0 5.0 i d - drain current (a) v ds - drain-to-source voltage (v) v gs = 3 v v gs = 4 v v gs = 10 v thru 5 v v gs = 2 v 0.0000 0.0030 0.0060 0.0090 0.0120 0.0150 0 20 40 60 80 100 r ds(on) - on-resistance () i d - drain current (a) v gs = 4.5 v v gs = 10 v 0 2 4 6 8 10 0 20 40 60 80 100 v gs - gate-to-source voltage (v) q g - total gate charge (nc) v ds = 15 v v ds = 20 v v ds = 10 v i d = 10 a transfer characteristics capacitance on-resistance vs. junction temperature 0 30 60 90 120 150 0.0 1.0 2.0 3.0 4.0 5.0 6.0 i d - drain current (a) v gs - gate-to-source voltage (v) t c = 25 c t c = 125 c t c = - 55 c 0 1400 2800 4200 5600 7000 0 4 8 12 16 20 c - capacitance (pf) v ds - drain-to-source voltage (v) c iss c oss c rss 0.6 0.8 1.0 1.2 1.4 1.6 - 50 - 25 0 25 50 75 100 125 150 r ds(on) - on-resistance (normalized) t j - junction temperature ( c) i d = 15 a v gs = 10 v v gs = 4.5 v
www.vishay.com 4 document number: 62839 s13-1158-rev. a, 13-may-13 vishay siliconix SI7149ADP this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com typical characteristics (25 c, unless otherwise noted) source-drain diode forward voltage threshold voltage 0.001 0.01 0.1 1 10 100 0.0 0.2 0.4 0.6 0.8 1.0 1.2 i s - source current (a) v sd - source-to-drain voltage (v) t j = 150 c t j = 25 c - 0.4 - 0.2 0.2 0 0.4 0.6 0.8 - 50 - 25 0 25 50 75 100 125 150 v gs(th) - variance (v) t j - temperature ( c) i d = 250 a i d = 1 ma on-resistance vs. gate-to-source voltage single pulse power, junction-to-ambient 0.000 0.006 0.012 0.018 0.024 0.030 0 2 4 6 8 10 r ds(on) - on-resistance () v gs - gate-to-source voltage (v) t j = 125 c t j = 25 c i d = 15 a 0 50 100 150 200 250 0.001 0.01 0.1 1 10 power (w) time (s) safe operating area 0.01 0.1 1 10 100 1000 0.01 0.1 1 10 100 i d - drain current (a) v ds - drain-to-source voltage (v) * v gs > minimum v gs at which r ds(on) is specified 100 s 100 ms limited by r ds ( on ) * 1 ms i dm limited t a = 25 c single pulse bvdss limited 10 ms 10 s 1 s dc i d limited
document number: 62839 s13-1158-rev. a, 13-may-13 www.vishay.com 5 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com vishay siliconix SI7149ADP typical characteristics (25 c, unless otherwise noted) * the power dissipation p d is based on t j(max.) = 150 c, using junction-to-cas e thermal resistance, and is mo re useful in settling the upper dissipation limit for cases where additional heatsinking is used. it is used to determine the current rating, when this rating falls below the package limit. current derating* 0 18 36 54 72 90 0 25 50 75 100 125 150 i d - drain current (a) t c - case temperature ( c) limited by package power, junction-to-case 0 12 24 36 48 60 0 25 50 75 100 125 150 power (w) t c - case temperature ( c) power derating junction-to-ambient 0.0 0.5 1.0 1.5 2.0 2.5 0 25 50 75 100 125 150 power (w) t a - ambient temperature ( c)
www.vishay.com document number: 62839 s13-1158-rev. a, 13-may- 6 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 for technical questions, contact: pmostechsupport@vishay.com vishay siliconix SI7149ADP typical characteristics (25 c, unless otherwise noted) vishay siliconix maintains worldwide manufacturing capability. products may be manufactured at one of several qualified locatio ns. reliability data for silicon technology and package reliability represent a composite of all qualified locations. for related documents such as package/tape drawings, part marking, and reliability data, see www.vishay.com/ppg?62839 . normalized thermal transient im pedance, junction-to-ambient 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 100 1000 normalized effective transient thermal impedance square wave pulse duration (s) duty cycle = 0.5 0.2 0.1 0.05 0.02 single pulse t 1 t 2 n otes: p dm 1. d u ty cycle, d = 2. per unit base = r thja = 70 c/ w 3. t jm -t a =p dm z thja (t) t 1 t 2 4. s u rface mo u nted normalized thermal transient impedance, junction-to-case 0.01 0.1 1 0.0001 0.001 0.01 0.1 1 10 normalized effective transient thermal impedance square wave pulse duration (s) duty cycle = 0.5 0.2 0.1 0.05 0.02 single pulse
package information www.vishay.com vishay siliconix revison: 13-feb-17 1 document number: 71655 this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 powerpak ? so-8, (single/dual) dim. millimeters inches min. nom. max. min. nom. max. a 0.97 1.04 1.12 0.038 0.041 0.044 a1 - 0.05 0 - 0.002 b 0.33 0.41 0.51 0.013 0.016 0.020 c 0.23 0.28 0.33 0.009 0.011 0.013 d 5.05 5.15 5.26 0.199 0.203 0.207 d1 4.80 4.90 5.00 0.189 0.193 0.197 d2 3.56 3.76 3.91 0.140 0.148 0.154 d3 1.32 1.50 1.68 0.052 0.059 0.066 d4 0.57 typ. 0.0225 typ. d5 3.98 typ. 0.157 typ. e 6.05 6.15 6.25 0.238 0.242 0.246 e1 5.79 5.89 5.99 0.228 0.232 0.236 e2 3.48 3.66 3.84 0.137 0.144 0.151 e3 3.68 3.78 3.91 0.145 0.149 0.154 e4 0.75 typ. 0.030 typ. e 1.27 bsc 0.050 bsc k 1.27 typ. 0.050 typ. k1 0.56 - - 0.022 - - h 0.51 0.61 0.71 0.020 0.024 0.028 l 0.51 0.61 0.71 0.020 0.024 0.028 l1 0.06 0.13 0.20 0.002 0.005 0.008 ? 0 - 12 0 - 12 w 0.15 0.25 0.36 0.006 0.010 0.014 m 0.125 typ. 0.005 typ. ecn: s17-0173-rev. l, 13-feb-17 dwg: 5881 3. dimensions exclusive of mold flash and cutting burrs. 1. notes 2 inch will govern. dimensions exclusive of mold gate burrs. backside view of single pad backside view of dual pad detail z d d1 d2 c a e1 d1 e2 d2 e b 1 2 3 4 h 4 3 2 1 1 2 3 4 b l d2 d3 (2x) z a1 k1 k d e w l1 d5 e3 d4 e4 e4 k l h e2 d4 d5 m e3 2 2
vishay siliconix power mosfets application note an821 powerpak ? so-8 mounting and thermal considerations application note revision: 16-mai-13 1 document number: 71622 for technical questions, contact: powermosfettechsu pport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 www.vishay.com by wharton mcdaniel mosfets for switching applicat ions are now available with die on resistances around 1 m ? and with the capability to handle 85 a. while these die ca pabilities represent a major advance over what was available just a few years ago, it is important for power mosfet pa ckaging technology to keep pace. it should be obvious that degradation of a high performance die by the packag e is undesirable. powerpak is a new package technology that addresses these issues. in this application note, powerpaks construction is described. following this mo unting information is presented including land patterns and soldering profiles for maximum reliability. finally, thermal and electrical performance is discussed. the powerpak package the powerpak package was developed around the so-8 package (figure 1). the powerpak so-8 utilizes the same footprint and the same pin-outs as the standard so-8. this allows powerpak to be substi tuted directly for a standard so-8 package. being a leadless package, powerpak so-8 utilizes the entire so-8 footprint, freeing space normally occupied by the leads, and thus allowing it to hold a larger die than a standard so-8. in fact , this larger die is slightly larger than a full sized dpak die. the bottom of the die attach pad is exposed for the purpose of providing a direct, low resistance thermal path to the substrate the device is mounted on. finally, the packag e height is lower than the standard so-8, making it an excellent choice for applications with space constraints. fig. 1 powerpak 1212 devices powerpak so-8 single mounting the powerpak single is simple to use. the pin arrangement (drain, source, gate pins) and the pin dimensions are the same as standard so-8 devices (s ee figure 2). therefore, the powerpak connection pads matc h directly to those of the so-8. the only difference is the extended drain connection area. to take immediate advantage of the powerpak so-8 single devices, they can be mounted to existing so-8 land patterns. fig. 2 the minimum land pattern recommended to take full advantage of the powerpak thermal performance see application note 826, recommended minimum pad patterns with outline drawin g access for vishay siliconix mosfets . click on the powerpak so-8 single in the index of this document. in this figure, the drain land pattern is given to make full contact to the drain pad on the powerpak package. this land pattern can be extended to the left, right, and top of the drawn pattern. this ex tension will serve to increase the heat dissipation by decreasing the thermal resistance from the foot of the powerpak to the pc board and therefore to the ambient. note that increasing the drain land area beyond a certain point will yield little decrease in foot-to-board and foot-to- ambient thermal resistance. under specific conditions of board configuration, copper weight and layer stack, ex periments have found that more than about 0.25 in 2 to 0.5 in 2 of additional copper (in addition to the drain land) will yield little improvement in thermal performance. standard so-8 po w erpak so-8
powerpak ? so-8 mounting and thermal considerations application note application note an821 www.vishay.com vishay siliconix revision: 16-mai-13 2 document number: 71622 for technical questions, contact: powermosfettechsu pport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 powerpak so-8 dual the pin arrangement (drain, source, gate pins) and the pin dimensions of the powerpak so-8 dual are the same as standard so-8 dual devices. therefore, the powerpak device connection pads match di rectly to those of the so-8. as in the single-channel package, the only exception is the extended drain connection area. manufacturers can likewise take immediate advantage of the powerpak so-8 dual devices by mounting them to existing so-8 dual land patterns. to take the advantage of the dual powerpak so-8s thermal performance, the minimum recommended land pattern can be found in application note 826, recommended minimum pad patterns with outline drawing access for vishay siliconix mosfets . click on the powerpak 1212-8 dual in the index of this document. the gap between the two drain pads is 24 mils. this matches the spacing of the two drain pads on the powerpak so-8 dual package. reflow soldering vishay siliconix surface-mount packages meet solder reflow reliability requirements. devices are subjected to solder reflow as a test preconditioning and are then reliability-tested using tempera ture cycle, bias humidity, hast, or pressure pot. the sold er reflow temperature profile used, and the temperatures and time duration, are shown in figures 3 and 4. for the lead (pb)-free solder profile, see www.vishay.com/doc?73257. fig. 3 solder reflow temperature profile fig. 4 solder reflow temperatures and time durations ramp-up rate + 3 c /s max. temperature at 150 - 200 c 120 s max. temperature above 217 c 60 - 150 s maximum temperature 255 + 5/- 0 c time at maximum temperature 30 s ramp-down rate + 6 c/s max. 260 c 3 c(max) 6 c/s (max.) 30 s 217 c 150 s (max.) reflo w zone 60 s (min.) pre-heating zone 150 - 200 c maxim u m peak temperat u re at 240 c is allo w ed.
powerpak ? so-8 mounting and thermal considerations application note application note an821 www.vishay.com vishay siliconix revision: 16-mai-13 3 document number: 71622 for technical questions, contact: powermosfettechsu pport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 thermal performance introduction a basic measure of a devi ces thermal performance is the junction-to-case thermal resistance, r thjc , or the junction-to-foot th ermal resistance, r thjf this parameter is measured for the device mounted to an infinite heat sink and is therefore a characterization of the device only, in other words, independent of the properties of the object to which the device is mounted. ta ble 1 shows a comparison of the dpak, powerpak so-8, and standard so-8. the powerpak has thermal perfo rmance equivalent to the dpak, while having an order of magnitude better thermal performance over the so-8. thermal performance on standard so-8 pad pattern because of the common footprint, a powerpak so-8 can be mounted on an existi ng standard so-8 pad pattern. the question then arises as to the thermal performance of the powerpak device under these conditions. a characterization was made co mparing a standard so-8 and a powerpak device on a board with a trough cut out underneath the powerpak drain pad. this configuration restricted the heat flow to th e so-8 land pads. the results are shown in figure 5. fig. 5 powerpak so-8 and standard so-0 land pad thermal path because of the presence of the trough, this result suggests a minimum performance improvement of 10 c/w by using a powerpak so-8 in a standard so-8 pc board mount. the only concern when mounting a powerpak on a standard so-8 pad pattern is th at there should be no traces running between the body of the mosfet. where the standard so-8 body is spaced away from the pc board, allowing traces to run underneath, the powerpak sits directly on the pc board. thermal performance - spreading copper designers may add additional copper, spreading copper, to the drain pad to aid in conducti ng heat from a device. it is helpful to have some information about the thermal performance for a given area of spreading copper. figure 6 shows the thermal resistance of a powerpak so-8 device mounted on a 2-in. 2-in., four-layer fr-4 pc board. the two internal layers and the backside layer are solid copper. the internal layers we re chosen as solid copper to model the large power and gr ound planes common in many applications. the top layer was cut back to a smaller area and at each step junction-to-ambient thermal resistance measurements were taken. the results indicate that an area above 0.3 to 0.4 square inches of spreading copper gives no additional thermal performance improvement. a subsequent experiment was run where the copper on the back-side was reduced, first to 50 % in stripes to mimic circuit traces, and then totally removed. no significant effect was observed. fig. 6 spreading copper juncti on-to-ambient performance table 1 - dpak and powerpak so-8 equivalent steady state performance dpak powerpak so-8 standard so-8 thermal resistance r thjc 1.2 c/w 1 c/w 16 c/w si4874dy v s. si7446dp ppak on a 4-layer board so-8 pattern, tro u gh under drain p u lse d u ration (sec) ) s t t a w / c ( e c n a d e p m i 0.0001 0 1 50 60 10 10000 0.01 40 20 si4874dy si7446dp 100 30 r th v s. spreading copper (0 %, 50 %, 100 % back copper) spreading copper (sq in) ) s t t a w / c ( e c n a d e p m i 0.00 56 51 46 41 36 0.25 0.50 0.75 1.00 1.25 1.50 1.75 2.00 0 % 50 % 100 %
powerpak ? so-8 mounting and thermal considerations application note application note an821 www.vishay.com vishay siliconix revision: 16-mai-13 4 document number: 71622 for technical questions, contact: powermosfettechsu pport@vishay.com this document is subject to change without notice. the products described herein and this document are subject to specific disclaimers, set forth at www.vishay.com/doc?91000 system and electrical impact of powerpak so-8 in any design, one must take into account the change in mosfet r ds(on) with temperature (figure 7). fig. 7 mosfet r ds(on) vs. temperature a mosfet generates internal heat due to the current passing through the channel. this self-heating raises the junction temperature of the device above that of the pc board to which it is mounted, causing increased power dissipation in the de vice. a major source of this problem lies in the large values of the junction-to-foot thermal resistance of the so-8 package. powerpak so-8 minimizes th e junction-to-board thermal resistance to where the mosfet die temperature is very close to the temperature of the pc board. consider two devices mounted on a pc board heated to 105 c by other components on the board (figure 8). fig. 8 temperature of devices on a pc board suppose each device is di ssipating 2.7 w. using the junction-to-foot thermal resistance characteristics of the powerpak so-8 and the standard so-8, the die temperature is determined to be 107 c for the powerpak (and for dpak) and 148 c for the standard so-8. this is a 2 c rise above the board temperature for the powerpak and a 43 c rise for the standard so-8. referring to figure 7, a 2 c difference has minimal effect on r ds(on) whereas a 43 c difference has a significant effect on r ds(on) . minimizing the thermal rise above the board temperature by using powerpak has not only eased the thermal design but it has allowed the device to run cooler, keep r ds(on) low, and permits the device to handle more current than the same mosfet die in the standard so-8 package. conclusions powerpak so-8 has been show n to have the same thermal performance as the dpak pa ckage while having the same footprint as the standard so -8 package. the powerpak so-8 can hold larger die approximately equal in size to the maximum that the dpak ca n accommodate implying no sacrifice in performance beca use of package limitations. recommended powerpak so-8 land patterns are provided to aid in pc board layout for designs using this new package. thermal considerations have indicated that significant advantages can be gained by using powerpak so-8 devices in designs where the pc board was laid out for the standard so-8. applicatio ns experimental data gave thermal performance data showing minimum and typical thermal performance in a so-8 environment, plus information on the opti mum thermal performance obtainable including spread ing copper. this further emphasized the dpak equivalency. powerpak so-8 therefore has the desired small size characteristics of the so-8 combined with the attractive thermal characteristics of the dpak package. 0.6 0.8 1.0 1.2 1.4 1.6 1.8 - 50 - 25 0 25 50 75 100 125 150 v gs = 10 v i d = 23 a on-resistance v s. j u nction temperat u re t j - j u nction temperat u re (c) ) d e z i l a m r o n ( ( e c n a t s i s e r - n o - r ) n o ( s d ) 0.8 c/w 107 c po w erpak so-8 16 c/w 148 c standard so-8 pc board at 105 c
application note 826 vishay siliconix document number: 72599 www.vishay.com revision: 21-jan-08 15 application note recommended minimum pads for powerpak ? so-8 single 0.174 (4.42) recommended mi nimum pads dimensions in inches/(mm) 0.260 (6.61) 0.024 (0.61) 0.154 (3.91) 0.150 (3.81) 0.050 (1.27) 0.050 (1.27) 0.032 (0.82) 0.040 (1.02) 0.026 (0.66) return to index return to index
legal disclaimer notice www.vishay.com vishay revision: 13-jun-16 1 document number: 91000 disclaimer ? all product, product specifications and data ar e subject to change with out notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employee s, and all persons acting on it s or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of th e products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicable law, vi shay disclaims (i) any and all liability arising out of the application or use of any product , (ii) any and all liability, including without limitation specia l, consequential or incidental damages, and (iii) any and all implied warranties, includ ing warranties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of products for certain types of applicatio ns are based on vishays knowledge of typical requirements that are often placed on vishay products in generic applications. such statements are not binding statements about the suitability of products for a particular applic ation. it is the customers responsibility to validate tha t a particular product with the prope rties described in the product sp ecification is suitable for use in a particular application. parameters provided in datasheets and / or specifications may vary in different ap plications and perfor mance may vary over time. all operating parameters, including ty pical parameters, must be va lidated for each customer application by the customer s technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product could result in personal injury or death. customers using or selling vishay product s not expressly indicated for use in such applications do so at their own risk. please contact authorized vishay personnel to obtain writ ten terms and conditions rega rding products designed for such applications. no license, express or implied, by estoppel or otherwise, to any intellectual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SI7149ADP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X