Part Number Hot Search : 
BT2907 SB360 C03GV 09100 09100 B2013RU UDZS22B CX162
Product Description
Full Text Search
 

To Download SC-A1420-10 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  357 beloit street, p.o. box 457, burlington, wi 53105-0457 u.s.a. phone 262/763-3591 fax 262/763-2881 email: nelsales@nelfc.com www.nelfc.com lvcmos sc-a1420 series description the sc-a1420 series of quartz crystal oscillators provide enable/disable 3-state lvcmos compatible signals for bus connected systems. supplying pin 1 of the sc-a1420 units with a logic ?1" or open enables its pin 3 output. in the disable mode, pin 3 presents a high impedance to the load. features ? wide frequency range?1.0mhz to 80.0mhz ? user specified tolerance available ? space-saving alternative to discrete component oscillators ? 3.3 volt operation ? high shock resistance, to 1000g ? high reliability - nel halt/hass qualified for crystal oscillator start-up conditions ? low jitter - wavecrest jitter characterization available ? no internal pll avoids cascading pll problems ? metal lid electrically connected to ground to reduce emi ? gold plated pads ? rohs compliant, lead free construction electrical connection pin connection 1 enable/disable 2 ground 3 output 4 v dd crystal clock oscillators data sheet k2343 rev. d
357 beloit street, p.o. box 457, burlington, wi 53105-0457 u.s.a. phone 262/763-3591 fax 262/763-2881 email: nelsales@nelfc.com www.nelfc.com sc-a1420 series continued lvcmos operating conditions and output characteristics electrical characteristics parameter symbol conditions min typical max frequency ----- ----- 1.0mhz ----- 80.0mhz duty cycle ----- @ v dd /2 45/55% ----- 55/45% logic 0 v ol @ 600a ----- ----- 0.2v logic 1 v oh @ 600a v dd -0.2v ----- ----- rise & fall time tr,tf 10-90%v o : 1.0 to 20.0mhz ----- 3.5ns 5.0ns 20.1 to 50.0mhz ----- 3.3ns 4.5ns 50.1 to 80.0mhz ----- 1.5ns 4.0ns jitter, integrated j integrated from phase noise, ----- 0.1 ps ----- 12khz to 20mhz, rms jitter, wavecrest characterized (2) ----- random period ----- 2.3ps ----- accum, pk-to-pk ----- 26ps ----- phase noise (4) ( f) @ 10hz ----- -70 dbc/hz ----- @100hz ----- -105 dbc/hz ----- @1khz ----- -130 dbc/hz ----- @10khz ----- -145 dbc/hz ----- @100khz ----- -150 dbc/hz ----- @ >1mhz ----- -150 dbc/hz ----- t pz ----- ----- ----- ----- 25 ns enable voltage ----- ----- 2.0v ----- ----- disable voltage ----- ----- ----- ----- 0.8v frequency stability (1) df/f overall conditions including: -100ppm ----- +100ppm voltage, calibration, temp.. 10 year aging, shock, vibration general characteristics parameter symbol conditions min typical max supply voltage (3) v dd 3.310% 2.97v 3.3v 3.63v supply current i dd no load 0.0 ma ----- 40 ma output current i o low level output current 0.0 ma ----- 16.0 ma operating temperature t a ------ 0c ----- 70c storage temperature t s ----- -55c ----- 125c power dissipation p d ----- ----- ----- 145 mw load ----- ----- ----- ----- 15pf start-up time t s 20mhz or greater ----- ----- 10 ms less than 20mhz ----- ----- 2 ms environmental and mechanical characteristics mechanical shock per mil-st d-202, method 213, condition e thermal shock per mil-std- 883, method 1011, condition a vibration 0.060" double amplitude 10 hz to 55 hz, 35g?s 55hz to 2000 hz hermetic seal leak rate less than 1 x 10 -8 atm.cc/sec footnotes: 1) standard frequency stability (20,25,50ppm & others available) 2) jitter performance is frequency dependent. please contact factory for full wavecrest characterization. 3) external high frequency power supply decoupling required. 4) if phase noise data at a particular frequency is needed, contact factory. rev. d crystal clock oscillators sc - a 142x - freq package code tolerance/performance sc 4 pad 5x7mm smd 0 100ppm 0-70c 1 50ppm 0-70c 7 25ppm 0-70c input voltage 9 customer specific code specification a 20ppm 0-70c a 3.3v b 50ppm -40 to +85c b 2.5v c 100ppm -40 to +85c 5v creating a part number data sheet k2343


▲Up To Search▲   

 
Price & Availability of SC-A1420-10

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X