Part Number Hot Search : 
2N7002 MBR30 100MR M62438FP 9926A B10100 00201 TC6320
Product Description
Full Text Search
 

To Download NSVMMBT5401LT3G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 1994 october, 2016 ? rev. 13 1 publication order number: mmbt5401lt1/d mmbt5401l, smmbt5401l, nsvmmbt5401l high voltage transistor pnp silicon features ? s and nsv prefix for automotive and other applications requiring unique site and control change requirements; aec?q101 qualified and ppap capable ? these devices are pb?free, halogen free/bfr free and are rohs compliant maximum ratings rating symbol value unit collector ?emitter voltage v ceo ?150 vdc collector ?base voltage v cbo ?160 vdc emitter ?base voltage v ebo ?5.0 vdc collector current ? continuous i c ?500 madc stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. thermal characteristics characteristic symbol max unit total device dissipation fr? 5 board (note 1) t a = 25 c derate above 25 c p d 225 1.8 mw mw/ c thermal resistance, junction?to?ambient r  ja 556 c/w total device dissipation alumina substrate (note 2) t a = 25 c derate above 25 c p d 300 2.4 mw mw/ c thermal resistance, junction?to?ambient r  ja 417 c/w junction and storage temperature t j , t stg ?55 to +150 c 1. fr? 5 = 1.0 0.75 0.062 in. 2. alumina = 0.4 0.3 0.024 in 99.5% alumina. device package shipping ? ordering information sot?23 (to?236) case 318 style 6 marking diagram mmbt5401lt3g sot?23 (pb?free) 10,000 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specification s brochure, brd8011/d. mmbt5401lt1g sot?23 (pb?free) 3,000 / tape & reel collector 3 1 base 2 emitter *date code orientation and/or overbar may vary depending upon manufacturing location. 1 2l m   2l = specific device code m = date code*  = pb?free package (note: microdot may be in either location) smmbt5401lt1g sot?23 (pb?free) 3,000 / tape & reel NSVMMBT5401LT3G sot?23 (pb?free) 10,000 / tape & reel www. onsemi.com
mmbt5401l, smmbt5401l, nsvmmbt5401l www. onsemi.com 2 electrical characteristics (t a = 25 c unless otherwise noted) characteristic symbol min max unit off characteristics collector ?emitter breakdown voltage (i c = ?1.0 madc, i b = 0) v (br)ceo ?150 ? vdc collector ?base breakdown voltage (i c = ?100  adc, i e = 0) v (br)cbo ?160 ? vdc emitter ?base breakdown voltage (i e = ?10  adc, i c = 0) v (br)ebo ?5.0 ? vdc collector?base cutoff current (v cb = ?120 vdc, i e = 0) (v cb = ?120 vdc, i e = 0, t a = 100 c) i cbo ? ? ?50 ?50 nadc  adc on characteristics dc current gain (i c = ?1.0 madc, v ce = ?5.0 vdc) (i c = ?10 madc, v ce = ?5.0 vdc) (i c = ?50 madc, v ce = ?5.0 vdc) h fe 50 60 50 ? 240 ? ? collector ?emitter saturation voltage (i c = ?10 madc, i b = ?1.0 madc) (i c = ?50 madc, i b = ?5.0 madc) v ce(sat) ? ? ?0.2 ?0.5 vdc base ?emitter saturation voltage (i c = ?10 madc, i b = ?1.0 madc) (i c = ?50 madc, i b = ?5.0 madc) v be(sat) ? ? ?1.0 ?1.0 vdc small? signal characteristics current ?gain ? bandwidth product (i c = ?10 madc, v ce = ?10 vdc, f = 100 mhz) f t 100 300 mhz output capacitance (v cb = ?10 vdc, i e = 0, f = 1.0 mhz) c obo ? 6.0 pf small signal current gain (i c = ?1.0 madc, v ce = ?10 vdc, f = 1.0 khz) h fe 40 200 ? noise figure (i c = ?200  adc, v ce = ?5.0 vdc, r s = 10  , f = 1.0 khz) nf ? 8.0 db product parametric performance is indicated in the electrical characteristics for the listed test conditions, unless otherwise noted. product performance may not be indicated by the electrical characteristics if operated under different conditions.
mmbt5401l, smmbt5401l, nsvmmbt5401l www. onsemi.com 3 figure 1. dc current gain i c , collector current (ma) 30 100 150 200 0.1 h , current gain 0.5 2.0 3.0 10 0.2 0.3 20 1.0 5.0 fe t j = 125 c 25 c -55 c 70 50 20 30 50 100 v ce = - 1.0 v v ce = - 5.0 v figure 2. collector saturation region i b , base current (ma) 1.0 0.1 0.5 2.0 10 0.2 1.0 5.0 20 50 0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0 0.005 0.01 0.02 0.05 figure 3. collector cut?off region v be , base-emitter voltage (volts) v ce , collector-emitter voltage (volts) , collector current (a) i c 10 3 0.1 0.3 0.2 10 2 10 1 10 0 10 -1 10 -2 10 -3 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 i c = 1.0 ma 10 ma 30 ma 100 ma v ce = 30 v i c = i ces t j = 125 c 75 c 25 c reverse forward
mmbt5401l, smmbt5401l, nsvmmbt5401l www. onsemi.com 4 figure 4. collector emitter saturation voltage vs. collector current figure 5. base emitter saturation voltage vs. collector current i c , collector current (a) i c , collector current (a) 0.1 0.01 0.001 0.0001 0 0.03 0.05 0.08 0.10 0.15 0.18 0.20 0 .1 0.01 0.001 0.0001 0.2 0.3 0.4 0.5 0.7 0.8 0.9 1.0 figure 6. base emitter voltage vs. collector current i c , collector current (a) 0.1 0.01 0.001 0.0001 0.2 0.3 0.5 0.6 0.7 0.8 1.0 1.1 v ce(sat) , collector?emitter saturation voltage (v) v be(sat) , base?emitter saturation voltage (v) v be(on) , base?emitter voltage (v) 0.13 i c /i b = 10 150 c ?55 c 25 c 0.6 i c /i b = 10 150 c ?55 c 25 c 0.4 0.9 v ce = 10 v 150 c ?55 c 25 c figure 7. temperature coefficients i c , collector current (ma) 2.5 c, capacitance (pf) 100 t j = 25 c c ibo figure 8. switching time test circuit v r , reverse voltage (volts) v , temperature coefficient (mv/ c) figure 9. capacitances 10.2 v v in 10  s input pulse v bb +8.8 v 100 r b 5.1 k 0.25  f v in 100 1n914 v out r c v cc -30 v 3.0 k t r , t f 10 ns duty cycle = 1.0% values shown are for i c @ 10 ma 0.1 0.2 0.5 1.0 2.0 5.0 10 20 50 100 0.3 3.0 30 2.0 1.5 1.0 0.5 0 -0.5 -1.0 -1.5 -2.0 -2.5 t j = - 55 c to 135 c  vc for v ce(sat)  vb for v be(sat) c obo 1.0 2.0 3.0 5.0 7.0 10 20 30 50 70 0.2 0.5 1.0 2.0 5.0 10 20 0.3 3.0 0.7 7.0
mmbt5401l, smmbt5401l, nsvmmbt5401l www. onsemi.com 5 t, time (ns) 1000 100 200 300 500 700 10 20 30 50 70 0.2 0.5 1.0 2.0 5.0 10 20 0.3 3.0 30 50 100 200 i c , collector current (ma) figure 10. turn?on time i c /i b = 10 t j = 25 c t d @ v be(off) = 1.0 v v cc = 120 v t r @ v cc = 30 v t r @ v cc = 120 v t, time (ns) 2000 100 200 300 500 700 20 30 50 70 0.2 0.5 1.0 2.0 5.0 10 20 0.3 3.0 30 50 100 200 i c , collector current (ma) figure 11. turn?off time 1000 t f @ v cc = 120 v t f @ v cc = 30 v t s @ v cc = 120 v i c /i b = 10 t j = 25 c figure 12. current gain bandwidth product figure 13. safe operating area i c , collector current (a) v ce , collector emitter voltage (v) 100 10 1 0.1 10 100 1000 1000 100 10 1 0.001 0.01 0.1 1 f t , current?gain?bandwidth product (mhz) i c , collector current (a) v ce = 1 v t a = 25 c 1 sec 10 msec
mmbt5401l, smmbt5401l, nsvmmbt5401l www. onsemi.com 6 package dimensions sot?23 (to?236) case 318?08 issue ar d a1 3 1 2 notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: millimeters. 3. maximum lead thickness includes lead finish. minimum lead thickness is the minimum thickness of the base material. 4. dimensions d and e do not include mold flash, protrusions, or gate burrs. soldering footprint* view c l 0.25 l1 e e e b a see view c dim a min nom max min millimeters 0.89 1.00 1.11 0.035 inches a1 0.01 0.06 0.10 0.000 b 0.37 0.44 0.50 0.015 c 0.08 0.14 0.20 0.003 d 2.80 2.90 3.04 0.110 e 1.20 1.30 1.40 0.047 e 1.78 1.90 2.04 0.070 l 0.30 0.43 0.55 0.012 0.039 0.044 0.002 0.004 0.017 0.020 0.006 0.008 0.114 0.120 0.051 0.055 0.075 0.080 0.017 0.022 nom max l1 h 2.10 2.40 2.64 0.083 0.094 0.104 h e 0.35 0.54 0.69 0.014 0.021 0.027 c 0 ??? 10 0 ??? 10 t t 3x top view side view end view 2.90 0.80 dimensions: millimeters 0.90 pitch 3x 3x 0.95 recommended *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. style 6: pin 1. base 2. emitter 3. collector on semiconductor and are trademarks of semiconductor components industries, llc dba on semiconductor or its subsidiaries i n the united states and/or other countries. on semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property. a listing of on semiconductor?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf . on semiconductor reserves the right to make changes without further notice to any products herein. on semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular pu rpose, nor does on semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without li mitation special, consequential or incidental damages. buyer is responsible for its products and applications using on semiconductor products, including compliance with all laws, regulatio ns and safety requirements or standards, regardless of any support or applications information provided by on semiconductor. ?typical? parameters which may be provided in on semicond uctor data sheets and/or specifications can and do vary in dif ferent applications and actual performance may vary over time. all operating parameters, including ?typicals? mus t be validated for each customer application by customer?s technical experts. on semiconductor does not convey any license under its patent rights nor the rights of others. on semiconduc tor products are not designed, intended, or authorized for use as a critical component in life support systems or any fda class 3 medical devices or medical devices with a same or si milar classification in a foreign jurisdiction or any devices intended for implantation in the human body. should buyer purchase or use on semiconductor products for any such unintended or unauthorized application, buyer shall indemnify and hold on semiconductor and its officers, employees, subsidiaries, affiliates, and distributors harmless against all claims, cost s, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized u se, even if such claim alleges that on semiconductor was negligent regarding the design or manufacture of the part. on semiconductor is an equal opportunity/affirmative action employer . this literature is subject to all applicable copyright laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 mmbt5401lt1/d literature fulfillment : literature distribution center for on semiconductor 19521 e. 32nd pkwy, aurora, colorado 80011 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative ?


▲Up To Search▲   

 
Price & Availability of NSVMMBT5401LT3G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X