Part Number Hot Search : 
60NF0 SB330 A110A 0ZA6T LF8509 BR151 EPSA1 APW7324
Product Description
Full Text Search
 

To Download MJD350G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2016 june, 2016 ? rev. 12 1 publication order number: mjd340/d mjd340(npn), mjd350(pnp) high voltage power transistors dpak for surface mount applications designed for line operated audio output amplifier, switchmode power supply drivers and other switching applications. features ? lead formed for surface mount applications in plastic sleeves (no suffix) ? electrically similar to popular mje340 and mje350 ? epoxy meets ul 94 v?0 @ 0.125 in ? njv prefix for automotive and other applications requiring unique site and control change requirements; aec?q101 qualified and ppap capable ? these devices are pb?free, halogen free/bfr free and are rohs compliant maximum ratings rating symbol max unit collector?emitter voltage v ceo 300 vdc collector?base voltage v cb 300 vdc emitter?base voltage v eb 3 vdc collector current ? continuous i c 0.5 adc collector current ? peak i cm 0.75 adc total power dissipation @ t c = 25 c derate above 25 c p d 15 0.12 w w/ c total power dissipation (note 1) @ t a = 25 c derate above 25 c p d 1.56 0.012 w w/ c operating and storage junction temperature range t j , t stg ?65 to +150 c esd ? human body model mjd340 (npn) mjd350 (pnp) hbm 3b 2 v esd ? machine model mjd340 (npn) mjd350 (pnp) mm m4 m4 v stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device functionality should not be assumed, damage may occur and reliability may be affected. 1. these ratings are applicable when surface mounted on the minimum pad sizes recommended. silicon power transistors 0.5 ampere 300 volts, 15 watts dpak case 369c style 1 marking diagram a = assembly location y = year ww = work week j3x0 = device code x= 4 or 5 g = pb?free package ayww j3x0g see detailed ordering and shipping information in the package dimensions section on page 5 of this data sheet. ordering information www. onsemi.com 1 2 3 4 1 base 3 emitter collector 2, 4 1 base 3 emitter collector 2, 4
mjd340 (npn), mjd350 (pnp) www. onsemi.com 2 thermal characteristics characteristic symbol max unit thermal resistance, junction?to?case r  jc 8.33 c/w thermal resistance, junction?to?ambient (note 2) r  ja 80 c/w leading temperature for soldering purpose t l 260 c 2. these ratings are applicable when surface mounted on the minimum pad sizes recommended. ????????????????????????????????? ????????????????????????????????? electrical characteristics (t c = 25  c unless otherwise noted) ?????????????????? ?????????????????? characteristic ????? ????? ????? ????? ????? ????? ???? ???? ????????????????????????????????? ????????????????????????????????? ?????????????????? ?????????????????? ?????????????????? collector?emitter sustaining voltage (note 3) (i c = 1 ma, i b = 0) ????? ????? ????? ????? ????? ????? ????? ????? ????? ???? ???? ???? ?????????????????? ?????????????????? ?????????????????? ????? ????? ????? ????? ????? ????? ????? ????? ????? ???? ???? ???? ?????????????????? ?????????????????? ????? ????? ????? ????? ????? ????? ???? ???? ????????????????????????????????? ????????????????????????????????? on characteristics (note 3) ?????????????????? ?????????????????? ?????????????????? ????? ????? ????? ????? ????? ????? ????? ????? ????? ???? ???? ???? ?????????????????? ?????????????????? ?????????????????? ????? ????? ????? ????? ????? ????? ????? ????? ????? ???? ???? ???? ?????????????????? ?????????????????? ????? ????? ????? ????? ????? ????? ???? ???? ????????????????????????????????? ????????????????????????????????? dynamic characteristics ?????????????????? ?????????????????? ?????????????????? current gain ? bandwidth product (i c = 50 ma, v ce = 10 v, f = 10 mhz) ????? ????? ????? ????? ????? ????? ????? ????? ????? ???? ???? ???? 300  s, duty cycle 2%.
mjd340 (npn), mjd350 (pnp) www. onsemi.com 3 typical characteristics figure 1. dc current gain i c , collector current (madc) 300 10 1 100 50 3 20 30 50 70 100 200 300 500 200 70 30 20 2510 7 h fe , dc current gain t j = 150 c +25 c v ce = 2 v v ce = 10 v -55 c +100 c mjd340 v, voltage (volts) 1 10 figure 2. ?on? voltages i c , collector current (ma) 0 20 30 50 100 200 500 0.4 0.8 0.6 0.2 300 t j = 25 c v be(sat) @ i c /i b = 10 v ce(sat) @ i c /i b = 10 v be @ v ce = 10 v i c /i b = 5 mjd340 1 5 0 7 10 20 30 100 200 0.8 0.6 50 70 300 500 0.4 0.2 1 200 5 figure 3. dc current gain i c , collector current (ma) 10 7 10 20 30 100 200 figure 4. ?on? voltages i c , collector current (ma) 100 70 v, voltage (volts) 20 50 70 t j = 25 c v be(sat) @ i c /i b = 10 v be @ v ce = 10 v t j = 150 c 25 c v ce = 2 v v cc = 10 v -55 c 300 500 h fe , dc current gain 50 30 i c /i b = 10 i c /i b = 5 v ce(sat) mjd350 mjd350
mjd340 (npn), mjd350 (pnp) www. onsemi.com 4 t, time (ms) 1 0.01 0.01 0.5 0.2 0.1 0.05 0.02 r(t), transient thermal 0.05 1 2 5 10 20 50 100 200 1 k 500 r  jc(t) = r(t) r  jc r  jc = 8.33 c/w max d curves apply for power pulse train shown read time at t 1 t j(pk) - t c = p (pk)  jc(t) p (pk) t 1 t 2 duty cycle, d = t 1 /t 2 d = 0.5 0.2 0.05 single pulse 0.1 0.7 0.3 0.07 0.03 0.02 0.1 0.5 0.2 figure 5. thermal response resistance (normalized) 0.03 0.3 3 30 300 0.01 i c , collector current (ma) 1000 10 v ce , collector-emitter voltage (volts) 1 20 30 50 70 100 200 500 300 500  s figure 6. active region safe operating area 200 300 500 700 100 0 100 20 50 30 10 2 5 3 1 ms dc 100  s there are two limitations on the power handling ability of a transistor: average junction temperature and second breakdown. safe operating area curves indicate i c ? v ce limits of the transistor that must be observed for reliable operation; i.e., the transistor must not be subjected to greater dissipation than the curves indicate. the data of figure 6 is based on t j(pk) = 150  c; t c is variable depending on conditions. second breakdown pulse limits are valid for duty cycles to 10% provided t j(pk) 150  c. t j(pk) may be calculated from the data in figure 5. at high case temperatures, thermal limitations will reduce the power that can be handled to values less than the limitations imposed by second breakdown. figure 7. power derating 25 25 t, temperature ( c) 0 50 75 100 125 150 20 15 10 5 p d , power dissipation (watts) 2.5 0 2 1.5 1 0.5 t a t c t c t a
mjd340 (npn), mjd350 (pnp) www. onsemi.com 5 ordering information device package shipping ? mjd340g dpak (pb?free) 75 units / rail mjd340rlg dpak (pb?free) 1,800 / tape & reel mjd340t4g dpak (pb?free) 2,500 / tape & reel njvmjd340t4g dpak (pb?free) 2,500 / tape & reel MJD350G dpak (pb?free) 75 units / rail mjd350t4g dpak (pb?free) 2,500 / tape & reel njvmjd350t4g dpak (pb?free) 2,500 / tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d.
mjd340 (npn), mjd350 (pnp) www. onsemi.com 6 package dimensions dpak (single gauge) case 369c issue f style 1: pin 1. base 2. collector 3. emitter 4. collector 5.80 0.228 2.58 0.102 1.60 0.063 6.20 0.244 3.00 0.118 6.17 0.243  mm inches  scale 3:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* b d e b3 l3 l4 b2 m 0.005 (0.13) c c2 a c c z dim min max min max millimeters inches d 0.235 0.245 5.97 6.22 e 0.250 0.265 6.35 6.73 a 0.086 0.094 2.18 2.38 b 0.025 0.035 0.63 0.89 c2 0.018 0.024 0.46 0.61 b2 0.028 0.045 0.72 1.14 c 0.018 0.024 0.46 0.61 e 0.090 bsc 2.29 bsc b3 0.180 0.215 4.57 5.46 l4 ??? 0.040 ??? 1.01 l 0.055 0.070 1.40 1.78 l3 0.035 0.050 0.89 1.27 z 0.155 ??? 3.93 ??? notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: inches. 3. thermal pad contour optional within di- mensions b3, l3 and z. 4. dimensions d and e do not include mold flash, protrusions, or burrs. mold flash, protrusions, or gate burrs shall not exceed 0.006 inches per side. 5. dimensions d and e are determined at the outermost extremes of the plastic body. 6. datums a and b are determined at datum plane h. 7. optional mold feature. 12 3 4 h 0.370 0.410 9.40 10.41 a1 0.000 0.005 0.00 0.13 l1 0.114 ref 2.90 ref l2 0.020 bsc 0.51 bsc a1 h detail a seating plane a b c l1 l h l2 gauge plane detail a rotated 90 cw  e bottom view z bottom view side view top view alternate constructions note 7 z on semiconductor and are trademarks of semiconductor components industries, llc dba on semiconductor or its subsidiaries i n the united states and/or other countries. on semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property . a listing of on semiconductor?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf . on semiconductor reserves the right to make changes without further notice to any products herein. on semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does o n semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. buyer is responsible for its products and applications using on semiconductor products, including compliance with all laws, reg ulations and safety requirements or standards, regardless of any support or applications information provided by on semiconductor. ?typical? parameters which may be provided in on semiconductor data sheets and/or specifications can and do vary in dif ferent applications and actual performance may vary over time. all operating parameters, including ?typic als? must be validated for each customer application by customer?s technical experts. on semiconductor does not convey any license under its patent rights nor the right s of others. on semiconductor products are not designed, intended, or authorized for use as a critical component in life support systems or any fda class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for implantation in the human body. should buyer purchase or use on semicondu ctor products for any such unintended or unauthorized application, buyer shall indemnify and hold on semiconductor and its officers, employees, subsidiaries, affiliates, and distrib utors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that on semiconductor was negligent regarding the design or manufacture of the part. on semiconductor is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 mjd340/d literature fulfillment : literature distribution center for on semiconductor 19521 e. 32nd pkwy, aurora, colorado 80011 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative


▲Up To Search▲   

 
Price & Availability of MJD350G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X