Part Number Hot Search : 
VSMBR350 PV2MS M62445E 120F6 FL404 IR38062 BLF278 NTE316
Product Description
Full Text Search
 

To Download MJD350 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  MJD350 rev.e may.-2016 data sheet http://www.fsbrec.com 1 / 6 to-252 ?? pnp ?? silicon pnp transistor in a to-252 plastic package.  ?? high voltage.  ?? high voltage general purpose applications. pin1 base pin 2,4 collector pin 3 emitter ?? / h fe classifications & marking ?? see marking instructions . / descriptions / features ? / applications ? / equivalent circuit / pinning 3 2 1 4
MJD350 rev.e may.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit collector to base voltage v cbo -300 v collector to emitter voltage v ceo -300 v emitter to base voltage v ebo -5 v collector current - continuous i c -500 ma collector power dissipation p c 1.56 w collector power dissipation p c (t c =25 ) 15 w junction temperature t j 150 storage temperature range t stg -55 150 parameter symbol test conditions ? min ? typ ? max unit collector to base breakdown v oltage v cbo i c =-0.1ma i e =0 -300 v collector to emitter breakdown v oltage v ceo i c =-1ma i b =0 -300 v emitter to base breakdown voltage v ebo i c =-0.1ma i b =0 -5 v collector cut-off current i cbo v cb =-300v i e =0 -100 a emitter cut-off current i ebo v eb =-3v i c =0 -100 a dc current gain h fe v ce =-10v i c =-50ma 30 240 ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
MJD350 rev.e may.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve
MJD350 rev.e may.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
MJD350 rev.e may.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br ?? MJD350 ??? ****  ???? note: br:   company code MJD350: product type. ****:  lot no. code, code change with lot no. br **** MJD350
MJD350 rev.e may.-2016 data sheet http://www.fsbrec.com 6 / 6 ?? ( ? ) / temperature?profile?for?ir?reflow?soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 245 5 ?? 5 0.5sec; 2.peak temp.:245 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 260 5 ?? 10 1 sec. temp.:2605 time:101 sec ? / packaging spec. ?? / reel package type ?? units ? dimension ?? (unit mm 3 ) units/reel ? / reels/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / reel inner box outer box to-252 2,500 2 5,000 5 25,000 13 16 36036050 385257392 ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-251/252 75 48 3,600 5 18,000 52620.55.25 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of MJD350

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X