Part Number Hot Search : 
0512S 1000AG MA2Z360 1N4407 PE44426 20A10FC LXXXNC Z08530
Product Description
Full Text Search
 

To Download MBRD360G Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? semiconductor components industries, llc, 2016 october, 2016 ? rev. 9 1 publication order number: mbrd320/d mbrd320g, mbrd330g, mbrd340g, mbrd350g, MBRD360G switch-mode power rectifiers dpak surface mount package these state?of?the?art devices are designed for use as output rectifiers, free wheeling, protection and steering diodes in switching power supplies, inverters and other inductive switching circuits. features ? extremely fast switching ? extremely low forward drop ? platinum barrier with avalanche guardrings ? nrvbd and sbrd prefixes for automotive and other applications requiring unique site and control change requirements; aec?q101 qualified and ppap capable ? these devices are pb?free, halogen free/bfr free and are rohs compliant mechanical characteristics: ? case: epoxy, molded ? weight: 0.4 gram (approximately) ? finish: all external surfaces corrosion resistant and terminal leads are readily solderable ? lead and mounting surface temperature for soldering purposes; 260 c max. for 10 seconds ? esd ratings: ? machine model = c ? human body model = 3b schottky barrier rectifiers 3.0 amperes, 20 ? 60 volts 1 3 4 www. onsemi.com see detailed ordering and shipping information in the package dimensions section on page 3 of this data sheet. ordering information y = year ww = work week b3x0 = device code x = 2, 3, 4, 5, or 6 g = pb?free package dpak case 369c marking diagram yww b 3x0g
mbrd320g, mbrd330g, mbrd340g, mbrd350g, MBRD360G www. onsemi.com 2 maximum ratings rating symbol mbrd/sbrd8 unit 320 330 340 350 360 peak repetitive reverse voltage working peak reverse voltage dc blocking voltage v rrm v rwm v r 20 30 40 50 60 v average rectified forward current (t c = +125 c, rated v r ) i f(av) 3 a peak repetitive forward current, t c = +125 c (rated v r , square wave, 20 khz) i frm 6 a nonrepetitive peak surge current (surge applied at rated load conditions halfwave, single phase, 60 hz) i fsm 75 a peak repetitive reverse surge current (2  s, 1 khz) i rrm 1 a operating junction temperature range (note 1) t j ?65 to +175 c storage temperature range t stg ?65 to +175 c voltage rate of change (rated v r ) dv/dt 10,000 v/  s stresses exceeding those listed in the maximum ratings table may damage the device. if any of these limits are exceeded, device function ality should not be assumed, damage may occur and reliability may be affected. 1. the heat generated must be less than the thermal conductivity from junction?to?ambient: dp d /dt j < 1/r  ja . thermal characteristics characteristic symbol value unit maximum thermal resistance, junction?to?case r  jc 6 c/w maximum thermal resistance, junction?to?ambient (note 2) r  ja 80 c/w 2. rating applies when surface mounted on the minimum pad size recommended. electrical characteristics characteristic symbol value unit maximum instantaneous forward voltage (note 3) i f = 3 amps, t c = +25 c i f = 3 amps, t c = +125 c i f = 6 amps, t c = +25 c i f = 6 amps, t c = +125 c v f 0.6 0.45 0.7 0.625 v maximum instantaneous reverse current (note 3) (rated dc voltage, t c = +25 c) (rated dc voltage, t c = +125 c) i r 0.2 20 ma 3. pulse test: pulse width = 300  s, duty cycle 2.0%.
mbrd320g, mbrd330g, mbrd340g, mbrd350g, MBRD360G www. onsemi.com 3 ordering information device package shipping ? mbrd320g dpak (pb?free) 75 units / rail sbrd8320g* 75 units / rail mbrd320rlg 1,800 tape & reel mbrd320t4g 2,500 tape & reel sbrd8320t4g* 2,500 tape & reel mbrd330g 75 units / rail sbrd8330g* 75 units / rail mbrd330rlg 1,800 tape & reel mbrd330t4g 2,500 tape & reel sbrd8330t4g* 2,500 tape & reel mbrd340g 75 units / rail sbrd8340g* 75 units / rail mbrd340rlg 1,800 tape & reel mbrd340t4g 2,500 tape & reel sbrd8340t4g* 2,500 tape & reel mbrd350g 75 units / rail sbrd8350g* 75 units / rail mbrd350rlg 1,800 tape & reel sbrd8350rlg* 1,800 tape & reel mbrd350t4g 2,500 tape & reel sbrd8350t4g* 2,500 tape & reel MBRD360G 75 units / rail sbrd8360g* 75 units / rail mbrd360rlg 1,800 tape & reel sbrd8360rlg* 1,800 tape & reel mbrd360t4g 2,500 tape & reel nrvbd360vt4g* 2,500 tape & reel sbrd8360t4g* 2,500 tape & reel ?for information on tape and reel specifications, including part orientation and tape sizes, please refer to our tape and reel packaging specifications brochure, brd8011/d. *nrvbd and sbrd prefixes for automotive and other applications requiring unique site and control change requirements; aec?q101 qualified and ppap capable.
mbrd320g, mbrd330g, mbrd340g, mbrd350g, MBRD360G www. onsemi.com 4 typical characteristics figure 1. typical forward voltage figure 2. typical reverse current figure 3. average power dissipation 0.7 1.0 0.1 v f , instantaneous voltage (volts) 100 10 v r , reverse voltage (volts) 40 70 0 20 0.1 0.04 0.001 i f(av) , average forward current (amps) 1.0 0 10 8.0 6.0 4.0 2.0 0 2.0 i f , instantaneous forward current (amps) i p f(av) , average power dissipation (watts) 1.0 0.4 0.2 0.3 0.5 0.6 0.8 0.9 50 60 10 20 30 10 40 100 3.0 4.0 5.0 6.0 7.0 10 0.1 1.1 8.0 9.0 9.0 7.0 5.0 3.0 1.0 , reverse current (ma) r 0.2 0.4 1.0 0.02 0.01 0.004 0.002 t j = 25 c 150 c 125 c 75 c t j = 150 c i pk /i av = 20 sine wave square wave dc 10 5 t j = 150 c *the curves shown are typical for the highest voltage device in the voltage grouping. typical reverse current for lower voltage selection s can be estimated from these curves if v r is sufficient below rated v r . 125 c 4.0 2.0 100 c 75 c 25 c
mbrd320g, mbrd330g, mbrd340g, mbrd350g, MBRD360G www. onsemi.com 5 typical characteristics figure 4. current derating, case figure 5. current derating, ambient figure 6. typical capacitance 140 80 t c , case temperature ( c) 8.0 7.0 5.0 6.0 4.0 t a , ambient temperature ( c) 100 160 0 2.0 1.0 0.5 0 60 0 v r , reverse voltage (volts) 100 70 50 30 20 10 70 i f(av) , average forward current (amps) c, capacitance (pf) 3.0 2.0 1.0 110 90 100 120 130 150 160 120 140 20 40 60 80 1.5 2.5 3.0 10 20 30 40 50 0 3.5 4.0 i f(av) , average forward current (amps) 200 300 500 700 1 k t j = 25 c rated voltage applied t j = 150 c r  jc = 6 c/w dc sine wave or square wave t j = 150 c t j = 150 c t j = 125 c r  ja = 80 c/w surface mounted on min. pad size recommended square wave or sine wave v r = 25 v dc
mbrd320g, mbrd330g, mbrd340g, mbrd350g, MBRD360G www. onsemi.com 6 package dimensions dpak (single gauge) case 369c issue f 5.80 0.228 2.58 0.102 1.60 0.063 6.20 0.244 3.00 0.118 6.17 0.243  mm inches  scale 3:1 *for additional information on our pb?free strategy and soldering details, please download the on semiconductor soldering and mounting techniques reference manual, solderrm/d. soldering footprint* b d e b3 l3 l4 b2 m 0.005 (0.13) c c2 a c c z dim min max min max millimeters inches d 0.235 0.245 5.97 6.22 e 0.250 0.265 6.35 6.73 a 0.086 0.094 2.18 2.38 b 0.025 0.035 0.63 0.89 c2 0.018 0.024 0.46 0.61 b2 0.028 0.045 0.72 1.14 c 0.018 0.024 0.46 0.61 e 0.090 bsc 2.29 bsc b3 0.180 0.215 4.57 5.46 l4 ??? 0.040 ??? 1.01 l 0.055 0.070 1.40 1.78 l3 0.035 0.050 0.89 1.27 z 0.155 ??? 3.93 ??? notes: 1. dimensioning and tolerancing per asme y14.5m, 1994. 2. controlling dimension: inches. 3. thermal pad contour optional within di- mensions b3, l3 and z. 4. dimensions d and e do not include mold flash, protrusions, or burrs. mold flash, protrusions, or gate burrs shall not exceed 0.006 inches per side. 5. dimensions d and e are determined at the outermost extremes of the plastic body. 6. datums a and b are determined at datum plane h. 7. optional mold feature. 12 3 4 h 0.370 0.410 9.40 10.41 a1 0.000 0.005 0.00 0.13 l1 0.114 ref 2.90 ref l2 0.020 bsc 0.51 bsc a1 h detail a seating plane a b c l1 l h l2 gauge plane detail a rotated 90 cw  e bottom view z bottom view side view top view alternate constructions note 7 z on semiconductor and are trademarks of semiconductor components industries, llc dba on semiconductor or its subsidiaries i n the united states and/or other countries. on semiconductor owns the rights to a number of patents, trademarks, copyrights, trade secrets, and other intellectual property . a listing of on semiconductor?s product/patent coverage may be accessed at www.onsemi.com/site/pdf/patent?marking.pdf . on semiconductor reserves the right to make changes without further notice to any products herein. on semiconductor makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does o n semiconductor assume any liability arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including wi thout limitation special, consequential or incidental damages. buyer is responsible for its products and applications using on semiconductor products, including compliance with all laws, reg ulations and safety requirements or standards, regardless of any support or applications information provided by on semiconductor. ?typical? parameters which may be provided in on semiconductor data sheets and/or specifications can and do vary in dif ferent applications and actual performance may vary over time. all operating parameters, including ?typic als? must be validated for each customer application by customer?s technical experts. on semiconductor does not convey any license under its patent rights nor the right s of others. on semiconductor products are not designed, intended, or authorized for use as a critical component in life support systems or any fda class 3 medical devices or medical devices with a same or similar classification in a foreign jurisdiction or any devices intended for implantation in the human body. should buyer purchase or use on semicondu ctor products for any such unintended or unauthorized application, buyer shall indemnify and hold on semiconductor and its officers, employees, subsidiaries, affiliates, and distrib utors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death associated with such unintended or unauthorized use, even if such claim alleges that on semiconductor was negligent regarding the design or manufacture of the part. on semiconductor is an equal opportunity/affirmative action employer. this literature is subject to all applicable copyright laws and is not for resale in any manner. p ublication ordering information n. american technical support : 800?282?9855 toll free usa/canada europe, middle east and africa technical support: phone: 421 33 790 2910 japan customer focus center phone: 81?3?5817?1050 mbrd320/d literature fulfillment : literature distribution center for on semiconductor 19521 e. 32nd pkwy, aurora, colorado 80011 usa phone : 303?675?2175 or 800?344?3860 toll free usa/canada fax : 303?675?2176 or 800?344?3867 toll free usa/canada email : orderlit@onsemi.com on semiconductor website : www.onsemi.com order literature : http://www.onsemi.com/orderlit for additional information, please contact your loc al sales representative ?


▲Up To Search▲   

 
Price & Availability of MBRD360G

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X