Part Number Hot Search : 
1100A SR2N7 1N2806 1N2806 ESD24V CDRH74 X1624 MCP607I
Product Description
Full Text Search
 

To Download KBPC5010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  single phase 50 amp bridge rectifiers maximum ratings and electrical characteristics rating 25 c ambient temperature uniess otherwies specified. single phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number maximum recurrent peak reverse voltage maximum rms voltage maximum dc blocking voltage maximum average forward rectified current .375"(9.5mm) lead length at tc=55 c dimensions in inches and (millimeters) features peak forward surge current, 8.3 ms single half sine-wave superimposed on rated load (jedec method) maximum forward voltage drop per bridge element at 25.0 a d.c. maximum dc reverse current ta=25 c at rated dc blocking voltage ta=100 c storage temperature range, ta operating temperature range, tc kbpc50005 kbpc5001 kbpc5002 kbpc5004 kbpc5006 kbpc5008 KBPC5010 units 50 100 200 400 600 800 1000 v 50 100 200 400 600 800 1000 v 35 70 140 280 420 560 700 50 400 10 500 -55 +150 -55 +125 v a a v u a u a c c * 400 amperes surge capability * superior thermal design * mounting: hole thru for #8 screw * 1/4" universal faston terminal kbpc50005 thru KBPC5010 1. 1 voltage range 50 to 1000 volts current 50.0 ampere kbpc-50 1.000 (25.2) .90(22.86) .712 (18.1) 1.13(28.7) 1.12(28.4) hole for no. 8 screw .193"(4.9)diam .442 (11.23) .562 (14.3) .652 (16.6) max. .033x.250 (0.8x6.4) + ac ac .652 (16.6) 1.12(28.4) 1.13(28.7) * both normal and pb free product are available: * normal:80~95%sn,5~20%pb * pb free:99 sn above can meet rohs enviroment substance directive request
0.1 1.0 .01 10 50 rating and characteristic curves (kbpc50005 thru KBPC5010) fig.4-typical reverse characteristics fig.1-typical forward current average forward current,(a) fig.2-maximum non-repetitive forward surge current peak forwaard surge current,(a) percentage of peak reverse voltage, (%) 0 10 20 30 40 50 60 0 200 100 300 500 400 20 40 60 80 100 120 140 3.0 single phase half wave 60hz resistive or inductive load case temperature ( c) derating curve 0.1 1.0 .01 10 50 fig.3-typical forward characteristics instantaneous forward current,(a) forward voltage,(v) pulse width 300us 1% duty cycle 0 .2 .4 .6 .8 1.0 1.2 1.4 3.0 reverse leakage curren t , ( u a) 0 25 50 75 100 125 150 175 tj=25 c tj=25 c number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method


▲Up To Search▲   

 
Price & Availability of KBPC5010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X