Part Number Hot Search : 
A72910 MMBT3906 66000 752C041 TA2151FN 40N06 LS353 MAX662
Product Description
Full Text Search
 

To Download FXP14240100B Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  spe - 11 - 8 - 0 47 / b page 1 of 7 specification fxp14 hexa band cellular antenna part no. : fxp14.24 . 0 100b product name : fxp14 hexa - band cellular antenna 850/900/1700/1800/1900/2100mhz feature : ipex mhfiv connector 100 mm 0.81 coaxial cable 70 * 20 * 0.1 mm rohs compliant
spe - 11 - 8 - 0 47 / b page 2 of 7 1. overview the t aoglas fxp14 hexa band cellular antenna covers all world - wide bands ( 850 / 900 / 1700 / 1800 / 1900 / 2100 mhz ). these cellular bands are used for different technologies in different countries such as gsm / cdma / dcs / pcs / wcdma / umt s/ hspa / gprs / edge / 3g. the antenna has been designed in a flexible material with a rectangular form - factor and cable connection for an easy installation. the antenna work s on different plastic material s and thickness. we have selected a piece of abs w ith 2 mm of thickness as a baseline for testing. 2. antenna characteristic s parameter hexa band cellular antenna cellular band (mhz) 850 900 1700 1800 1900 2100 return loss (db) - 7 - 12 - 8 - 9 - 9 - 8 efficiency (%) 52 55 60 60 62 65 gain (dbi) 2 1. 5 3 2.5 2 2.5 impedance 50 ohms vswr 2.5:1 polarization linear power handled 5 w operation temperature - 40 oc ~ +85 oc storage temperature - 40 oc ~ +85 oc dimensions 70 x 20 x 0.1 mm weight 1.5 g connector ipex mhfiv cable standard mini - coax 0.8 1 mm cable length and color 100 mm, black rohs compliant yes adhesive 3m 467
spe - 11 - 8 - 0 47 / b page 3 of 7 3. test set up a satimo sg24 3d scan system with anechoic chamber. figure 1 . satimo system . agilent 5071c vector network a nalyzer . figure 2 . network analyz er. y x z
spe - 11 - 8 - 0 47 / b page 4 of 7 4. antenna parameters the next antenna parameter graphs like return loss were measured in the agilent 5071c vector network analyzer. the gain, efficiency and radiation pattern s were measured in the reliable satimo 3d scan system . 4.1 return loss da ta figure 3 . return loss for the fxp 14 antenna . 4.2 gain data figure 4 . gain for the fxp14 antenna .
spe - 11 - 8 - 0 47 / b page 5 of 7 4.3 efficiency data figure 5 . efficiency for the fxp 14 antenna . 4.4 radiation pattern data .
spe - 11 - 8 - 0 47 / b page 6 of 7 figure 6 . radiation pattern xz plane , figure 1 as reference (db). figure 7 . radiation pattern yz plane , figure 1 as reference (db). figure 8 . radiation pattern xy plane, figure 1 as reference (db).
spe - 11 - 8 - 0 47 / b page 7 of 7 5. mechanical drawing figure 9 . mechanical drawing for the fxp14 antenna.


▲Up To Search▲   

 
Price & Availability of FXP14240100B

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X