Part Number Hot Search : 
101KL 109M000 T4401 HL6722G 1J12A C3722 C1455 331M1
Product Description
Full Text Search
 

To Download CJQ4407 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sop8 jiangsu changjiang electronics technology co., lt d sop8 plastic-encapsulate mosfets CJQ4407 p-channel powe r mosfet description the CJQ4407 combines advanced trench mosfet technology with a low resistance package to provide extremely low r ds(on) . this device is ideal for load switch and battery protection applications a p plications z battery protection applications z load s w itch q4407= device code solid dot=pin1 indicator soli d dot = green molding compound device, if none, the normal device front side yy=date code maximum ratings ( t a =25 unless other w ise noted ) parameter symbol limit unit drain-source voltag e v ds -30 v gate-source voltag e v gs 20 v continuous dr ain c urrent i d -12 a pulsed drai n c urrent i dm -48 a single pulsed avala nche energy e as (1) 115 mj power diss ipation p d 1.4 w thermal resistance from junc tion to ambient r ja 89 /w junction te mperature t j 150 storage temperature ra nge t stg -55 ~+150 lead temperature for sold ering purposes(1/8?? from case for 10s) t l 260 (1).e as condition: v dd = - 50v,l=0.5mh, r g =25 ? , starting t j = 25c 12 3 4 5 6 78 sg dd d d s s www.cj-elec.com 1 a- 3 , feb ,201 6 marking equivalent circuit v (br)dss r ds(on) max i d -3 0 v ? 13m @ - 10v ? -12 a 17m @ -6 v ? ?
parameter sy mbol te st condition min typ max unit off characteristics drain-source b r eakdown voltage v (br) dss v gs = 0v, i d =-250a -30 v zero gate volta ge dra in current i dss v ds =-30v, v gs =0v -1 a gate-body leakage curr ent i gss v ds =0v, v gs =20v 100 na on characteris tics (n ote1) gate-threshold voltage v gs(th) v ds =v gs , i d =-250a -1.0 -1.5 -2.2 v v gs =-10v, i d =-12a 7.8 13 m ? static drain-source on-sa te re sistance r ds(on) v gs =-6v, i d =-10a 9 17 m ? forw a rd transconductance g fs v ds =-5v, i d =-15a 25 s dyna mic ch aracteristics (note 2) input capacitanc e c iss 2900 output capacitance c oss 410 reverse transfer capacitance c rss v ds =-15v,v gs =0v, f =1mhz 280 pf switching ch aracteristics (note 2) total gate charge q g 48 gate-source charge q gs 12 gate-drain charge q gd v ds =-15v, v gs =-10v, i d =-10a 14 nc turn-on delay t ime t d (on) 15 turn-on rise time t r 11 turn-off delay t i me t d(off ) 44 turn-off fall time t f v dd =-15v, v gs =-10v,r g =3 ?, r l =1.25 ? 21 ns gate resistance r g f =1mhz, v ds =0v, v gs =0v, 3.6 ? drain-sou r ce diode characteristics drain-source di ode for ward voltage(note1) v sd v gs =0v, i s =-2a -1.2 v continuous drai n-so urce diode forward current i s -15 a pulsed drain-s ource d iode forward current i sm -60 a notes: 1. pulse te st : pulse w idth 300s, duty cycle 2%. 2. guaranteed by design, not su bject to production testing. www.cj-elec.com 2 a-3,feb,2016 mosfet electrical characteristics a t =25 unless otherwise specified
-0.0 -0 .2 -0.4 -0.6 -0.8 -1.0 -1.2 -1.4 -1.6 -0.1 -1 -10 -0 -1 -2 -3 -4 -5 -0 -2 -4 -6 -8 -10 -1 2 -2 -4 -6 -8 -1 0 -1 2 4 6 8 10 12 -2 -3 -4 -5 -6 -7 -8 -9 -10 0 10 20 30 40 50 -0 -1 -2 -3 -4 -5 -0 -2 -4 -6 -8 -10 -1 2 25 50 75 100 125 -0 .8 -1 .0 -1.2 -1.4 -1.6 -1.8 -2.0 t a =100 v sd i s ? ? t a =25 source current i s (a) source to drain voltage v sd (v) -12 v gs =-3v,-4v,- 6v,-8v v gs =-2.5v ou t put characteristics v gs =-2.2v drain current i d (a) drain to source voltage v ds (v) pulsed t a =25 pulsed v gs =-10v v gs =-6v t a =25 pulsed on - resistance r ds( o n) (m ? ) drain current i d (a) i d ?? r ds(on) t a =100 pulsed i d =-12a t a =25 on - resistance r ds(o n) (m ? ) gate to source voltage v gs (v) v gs ?? r ds(on) v ds =-3v pulsed drain current i d (a) gate to source voltage v gs (v) t r an sfer characteristics t a =100 t a =25 i d =- 250ua thr e shold voltage thresho ld vo ltage v th (v) junction temperature t j ( ) 7\slfdo&kdudfwhulvwlfv www.cj-elec.com 3 a-3,feb,2016
www.cj-elec.com 4 a-3,feb,2016 sop8 package outline dimensions sop8 suggested pad layout mi n max mi n max a a1 0.100 0.250 0.004 0.010 a2 1.3 50 1.5 5 0 0.053 0.0 61 b 0.330 0.510 0.013 0.020 c 0.170 0.250 0.007 0.010 d 4.800 5.000 0.189 0.197 e e 5.800 6.200 0.228 0.244 e1 3.800 4.000 0.150 0.157 l 0.400 1.270 0.016 0.050 0 8 0 8 sy m bo l dimensions in millimeters dimensions in inches 0.050bsc 1.270bsc 1.350 1.750 0.053 0.069
623 7dshdqg 5hho zzzfmhohffrp $)he 5((/ 5hho6l]h %r[ %r[6l]h pp &duwrq &duwrq6l]h pp *: nj sfv lqfk sfv ?? sfv ?? 5hho2swlrq 

'ld 'lphqvlrqvduhlqploolphwhu ' ' ' * + , : : ?   5 5 5  


▲Up To Search▲   

 
Price & Availability of CJQ4407

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X